Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDK-1107WR-40WVA1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # IDK-1107WR-40WVA1E
Description  7" WVGA/WSVGA Industrial Display kit with Touch Solution
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IDK-1107WR-40WVA1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  IDK-1107WR-40WVA1E Datasheet HTML 1Page - Advantech Co., Ltd. IDK-1107WR-40WVA1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download www.advantech.com/products
Online Download
Dimensions
Unit: mm
IDK-1107W
IDK-1107WR-40WVA1E
IDK-1107WR-50WSA1E
Ordering Information
Part No.
Size
Brightness (cd/m2)
Interface
Touch screen
Touch Interface
IDK-1107WR-40WVA1E
7"
400
LVDS
4-wire Resistive
USB
IDK-1107WR-50WSA1E
7"
500
LVDS
4-wire Resistive
USB
Packing List
Part Number
Description
ETM-RES05C-EEH4EE
1 x 4-wire USB Touch controller
1700020324-01
1x USB Touch cable 5P-2.0/USB-A (M) 180CM
Note: Package contents are subject to change without prior notice
Optional Order
SBC Part
No.
LVDS cable P/N
Display
interface
B/L cable P/N
Touch
interface
Touch
power
input
MIO-5270
96CB-L2040PAB2
LVDS: Single
channel 18bit
(SVGA)
96CB-E0405PAB3
(12V: PWM)
USB
5 V
PCM-9362 96CB-L2020PAB2
LVDS: Single
channel 18bit
(SVGA)
96CB-E0405PAB3
(12V: PWM)
USB
5 V
AIMB-270
96CB-L2040PAB2
LVDS: Single
channel 18bit
(SVGA)
96CB-E0405PAB3
(12V: PWM)
USB
5 V
Note: above for IDK-1107WR-40WVA1E only
For more compatible embedded board solution, please visit our Build Your Display web page as below:
http://www.advantech.com/buildyourdisplay
AA Center
165±0.3 (T/S Outline)
170±0.5 (LCD Outline)
152.4±0.2 (T/S AA)
(3.95)
70±0.5
6±0.5
7.1
AA Center
1.4±0.1
(T/S)
7.5±0.5 (LCD)
164.0±0.3 (T/S Outline)
153.0 (T/S AA)
165.5±0.5 (LCD Outline)
(1.0)
(4.2)
(2.2)
(3.9)
0.3
AA Center
6.96±0.3
(119.5±3.0)
7.41±0.5
5.0±0.3
8.97±0.3
AA Center
84.3±0.3
(80.7±0.3)


Similar Part No. - IDK-1107WR-40WVA1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDK-1107WR-40WVA1E ADVANTECH-IDK-1107WR-40WVA1E Datasheet
432Kb / 2P
   Development Board for SMARC v2.0 RISC Module
14-Jan-2020
IDK-1107WR-40WVA1E ADVANTECH-IDK-1107WR-40WVA1E Datasheet
651Kb / 2P
   Development Board for Qseven V2.1 ROM Modules
19-Oct-2020
IDK-1107WR-40WVA1E ADVANTECH-IDK-1107WR-40WVA1E Datasheet
465Kb / 2P
   Development Kit for Qseven 2.0 CPU Module ROM-7510
6-Jun-2019
IDK-1107WR-40WVA1E ADVANTECH-IDK-1107WR-40WVA1E Datasheet
710Kb / 2P
   Rockchip RK3399 Cortex-A72 2.5 SBC with UIO40-Express
22-Apr-2022
IDK-1107WR-40WVA1E ADVANTECH-IDK-1107WR-40WVA1E Datasheet
3Mb / 4P
   Rockchip ARM Cortex-A17 RK3288 3.5 SBC
7-Jul-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com