Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESJC13-12 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # ESJC13-12
Description  350mA 12kV HIGH VOLTAGE DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

ESJC13-12 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  ESJC13-12 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ESJC13-12
Mark
350mA 12kV HIGH VOLTAGE DIODES
Maximum Reverse Recovery Time
Trr
at 25°C
Features
High speed switching
High Current
High surge resisitivity for CRT discharge
High reliability design
High Voltage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
350
125
125
-40 to +130
Units
kV
mA
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
Outline Drawings : mm
ESJC13-12
Cathode Mark
20 min.
20 min.
21
o 7.0
o 1.28
Cathode Mark
Lot No.
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2012
=0V,f=1MHz
--
Type
ESJC13-12
ESJC13-09
11
50
5.0
30
12
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVCA
R
=VRRM
R
=VRRM
--
nS
=IF(AV)
Finds use in applications such as Monitors,
Static electricity dust collectors,Laser power
supplies,ect..
HVCA
ESJC13
-12


Similar Part No. - ESJC13-12

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
ESJC13-12 GETEDZ-ESJC13-12 Datasheet
507Kb / 2P
   High Voltege Diode
ESJC13-12B GETEDZ-ESJC13-12B Datasheet
516Kb / 2P
   High Voltege Diode
ESJC13-12 GETEDZ-ESJC13-12_V01 Datasheet
507Kb / 2P
   High Voltege Diode
More results

Similar Description - ESJC13-12

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
BR12 GETEDZ-BR12 Datasheet
68Kb / 1P
   12kV 350mA HIGH VOLTAGE DIODES
BR12 GETEDZ-BR12_17 Datasheet
521Kb / 2P
   350mA 12kV -High Voltage Medium and High Current Diodes
2CL104 GETEDZ-2CL104 Datasheet
80Kb / 1P
   12kV 350mA HIGH VOLTAGE DIODE
logo
Rugao Dachang Electroni...
CL01-12 DACHANG-CL01-12 Datasheet
109Kb / 2P
   Plastic High Voltage Rectifier Reverse Voltage 12KV Forward Current 350mA
logo
GETAI ELECTRONICS DEVIC...
HVP-12 GETEDZ-HVP-12 Datasheet
127Kb / 1P
   12kV 750mA HIGH VOLTAGE DIODES
HVRT120 GETEDZ-HVRT120 Datasheet
98Kb / 1P
   12kV 30mA HIGH VOLTAGE DIODES
HV600S12 GETEDZ-HV600S12 Datasheet
68Kb / 1P
   600mA 12kV HIGH VOLTAGE DIODES
ESJA08-12 GETEDZ-ESJA08-12 Datasheet
63Kb / 1P
   12kV 5mA HIGH VOLTAGE DIODES
2CL73 GETEDZ-2CL73_16 Datasheet
75Kb / 1P
   5mA 12kV HIGH VOLTAGE DIODES
HVRT120 GETEDZ-HVRT120_16 Datasheet
90Kb / 1P
   12kV 30mA HIGH VOLTAGE DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com