Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC2520A-C1 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # KC2520A-C1
Description  CMOS/ 1.8V/ 2.5V/ 3.3V/ 2.5횞2.0mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KC2520A-C1 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  KC2520A-C1 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clock Oscillators Surface Mount Type
KC2520A-C1 Series, KC2520A-C2 Series, KC2520A-C3 Series, KC2520B-C2 Series
CMOS/ 1.8V/ 2.5V/ 3.3V/ 2.5
×2.0mm
Specifications
Type
Output
Frequency
Range (MHz)
Supply
Voltage (Vcc)
Frequency
Tolerance
× 10-6
Current
Consumption
(mA)
Output Load
(pF)
KC2520A-C1
1.5 to 50
1.8
±5%, 10%
± 25
± 30
± 50
±100
max. 5
15
KC2520A-C2
1.5 to 50
2.5
±5%, 10%
max. 6
KC2520A-C3
1.5 to 50
3.3
±5%, 10%
max. 8
KC2520B-C2
1.5 to 54
2.25 to 3.63
max. 5
Note: Please contact us for inquiry about operating temperature range, available frequencies and other conditions.
Features
• Miniature ceramic package
• Highly reliable with seam
welding
• CMOS output
• Supply voltage VCC
=2.5V
Lower voltage available
KC2520A-C2 Series
Table 1
Freq. Tol.
Operating
Temperature
Range (
°C)
Note
Code
× 10-6
0
± 50
-10 to +70
Standard
specifications
S
± 30
With only
certain
frequencies
U
± 25
F
±100 -40 to +85
G
± 50
How to Order
KC2520A 25.0000 C 2 0 E 00
③ ④ ⑤ ⑥ ⑦
① Type (2.5×2.0mm SMD)
⑤ Frequency Tolerance (See Table 1)
② Output Frequency
⑥ Symmetry/ INH Function
(45/ 55%, Stand-by)
③ Output Type (CMOS)
④ Supply Voltage (2.5V)
⑦ Customer Special Model Suffix
(STD Specification is “00”)
  Packaging (Tape & Reel 2000 pcs./ reel)
Features
• Miniature ceramic package
• Highly reliable with seam
welding
• CMOS output
• Supply voltage VCC
=3.3V
KC2520A-C3 Series
Table 1
Freq. Tol.
Operating
Temperature
Range (
°C)
Note
Code
× 10-6
0
± 50
-10 to +70
Standard
specifications
S
± 30
With only
certain
frequencies
U
± 25
F
±100 -40 to +85
G
± 50
How to Order
KC2520A 25.0000 C 3 0 E 00
③ ④ ⑤ ⑥ ⑦
① Type (2.5×2.0mm SMD)
⑤ Frequency Tolerance (See Table 1)
② Output Frequency
⑥ Symmetry/ INH Function
(45/ 55%, Stand-by)
③ Output Type (CMOS)
④ Supply Voltage (3.3V)
⑦ Customer Special Model Suffix
(STD Specification is “00”)
  Packaging (Tape & Reel 2000 pcs./ reel)
KC2520B-C2 Series
Features
• Miniature ceramic package
2.5 (L)
×2.0 (W) ×0.7 (H) mm (Typ.)
• Highly reliable with seam welding
• CMOS output
• Supply voltage VCC
=2.5V/ 3.3V
Compatible
Low Power Supply Consumption
• Wide Operating Voltage
Range 2.25 to 3.63V
Table 1
Freq. Tol.
Operating
Temperature
Range (
°C)
Note
Code
× 10-6
0
± 50
-10 to +70
Standard
specifications
S
± 30
With only
certain
frequencies
U
± 25
F
±100 -40 to +85
G
± 50
How to Order
KC2520B 25.0000 C 2 0 E 00
③ ④ ⑤ ⑥ ⑦
① Type (2.5×2.0mm SMD)
⑤ Frequency Tolerance (See Table 1)
② Output Frequency
⑥ Symmetry/ INH Function
(45/ 55%, Stand-by)
③ Output Type (CMOS)
④ Supply Voltage (2.5V, 3.3V
Compatible)
⑦ Customer Special Model Suffix
(STD Specification is “00”)
  Packaging (Tape & Reel 2000 pcs./ reel)
KC2520A-C1 Series
Features
• Miniature ceramic package
• Highly reliable with seam
welding
• CMOS output
• Supply voltage VCC
=1.8V
Lower voltage available
How to Order
KC2520A 25.0000 C 1 0 E 00
③ ④ ⑤ ⑥ ⑦
① Type (2.5×2.0mm SMD)
⑤ Frequency Tolerance (See Table 1)
② Output Frequency
⑥ Symmetry/ INH Function
(45/ 55%, Stand-by)
③ Output Type (CMOS)
④ Supply Voltage (1.8V)
⑦ Customer Special Model Suffix
(STD Specification is “00”)
  Packaging (Tape & Reel 2000 pcs./ reel)
Table 1
Freq. Tol.
Operating
Temperature
Range (
°C)
Note
Code
× 10-6
0
± 50
-10 to +70
Standard
specifications
S
± 30
With only
certain
frequencies
U
± 25
F
±100 -40 to +85
G
± 50
RoHS Compliant


Similar Part No. - KC2520A-C1

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC2520B-C1 KSS-KC2520B-C1 Datasheet
64Kb / 1P
   Clock Oscillators
KC2520B-C2 KSS-KC2520B-C2 Datasheet
126Kb / 1P
   CMOS/ 2.5V, 3.3V Compatible/ 2.5횞2.0mm
KC2520B-C2 KSS-KC2520B-C2 Datasheet
63Kb / 1P
   Clock Oscillators
KC2520B-C2 KSS-KC2520B-C2_18 Datasheet
63Kb / 1P
   Clock Oscillators
KC2520B125.000C20E00 KSS-KC2520B125.000C20E00 Datasheet
63Kb / 1P
   Clock Oscillators
More results

Similar Description - KC2520A-C1

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC2520M KSS-KC2520M Datasheet
132Kb / 1P
   CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.5횞2.0mm
KC2520B-C2 KSS-KC2520B-C2 Datasheet
126Kb / 1P
   CMOS/ 2.5V, 3.3V Compatible/ 2.5횞2.0mm
KC2520C-C2 KSS-KC2520C-C2 Datasheet
132Kb / 1P
   CMOS/ 2.5V, 3.3V Compatible/ 2.5횞2.0mm
KC2520C-C1 KSS-KC2520C-C1 Datasheet
112Kb / 1P
   CMOS/ 1.8V/ 2.5횞2.0mm
KC5032A-C1 KSS-KC5032A-C1 Datasheet
451Kb / 1P
   CMOS/ 1.8V, 2.5V, 3.3V/ 5.0횞3.2mm
KC2016B-C1 KSS-KC2016B-C1 Datasheet
111Kb / 1P
   CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.0횞1.6mm
KC5032A-CM KSS-KC5032A-CM Datasheet
149Kb / 1P
   CMOS/ 1.8V, 2.5V, 3.3V, 5.0V/ 5.0횞3.2mm
logo
Renesas Technology Corp
5P49V60 RENESAS-5P49V60 Datasheet
1Mb / 29P
   Flexible 1.8V, 2.5V, 3.3V power-rails
logo
Pericom Semiconductor C...
NX701 PERICOM-NX701 Datasheet
812Kb / 2P
   2.5V/3.3V CMOS XO
NX251 PERICOM-NX251 Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com