Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC5032C-C1 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # KC5032C-C1
Description  CMOS/ 1.8V/ 5.0횞 3.2mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KC5032C-C1 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  KC5032C-C1 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CMOS/ 1.8V/ 5.0
× 3.2mm
Clock Oscillators Surface Mount Type
KC5032C-C1 Series (K30-1C Series)
RoHS Compliant
Features
• Miniature ceramic package
• Highly reliable with seam welding
• CMOS output
• Supply voltage VCC
=1.8V
Lower voltage available
±25×10-6, ±20×10-6 available
Table 1
Freq. Tol.
Operating
Temperature
Range (
°C)
Note
Code
× 10-6
0
± 50
-10 to +70
Standard specifications
S
± 30
With only certain
frequencies
U
± 25
W
± 20
F
±100 -40 to +85
G
± 50
How to Order
KC5032C 25.0000 C 1 0 E 00
③ ④ ⑤ ⑥ ⑦
① Type (5.0×3.2mm SMD)
② Output Frequency
③ Output Type (CMOS)
④ Supply Voltage (1.8V)
⑤ Frequency Tolerance (See Table 1)
⑥ Symmetry/ INH Function
(45/ 55%, Stand-by)
⑦ Customer Special Model Suffix
(STD Specification is “00”)
  Packaging (Tape & Reel 1000 pcs./ reel)
Specifications
Item
Symbol
Conditions
Min.
Max.
Units
Output Frequency Range
fo
1.8
39.99
MHz
Frequency Tolerance
f_tol
Initial tolerance, Operating
temperature range, Rated
power supply voltage change,
Load change, Aging (1 year
@25
°C), Shock and vibration
Op. Temp.:
-40 to +85°C
-100
+100
×10-6
Op. Temp.:
-10 to +70°C/ -40 to +85°C
-50
+50
Op. Temp.:
-10 to +70°C
-30
+30
Op. Temp.:
-10 to +70°C
-25
+25
Op. Temp.:
-10 to +70°C
-20
+20
Storage Temperature Range
T_stg
-55
+125
°C
Operating Temperature Range
T_use
Standard Specifications
-10
+70
°C
Extend (Option)
-40
+85
Max. Supply Voltage
-0.5
+3.6
V
Supply Voltage
VCC
Freq. Tol.Code: 0, S, F
+1.71
+1.89
V
Freq. Tol.Code: U, G, W
+1.75
+1.85
Current Consumption
(Maximum Loaded)
ICC
1.8
≤fo≤25MHz
3
mA
25
<fo≤39.99MHz
4
Stand-by Current
I_std
10
μA
Symmetry
SYM
@50% VCC
45
55
%
Rise/ Fall Time
(10% VCC to 90% VCC Maximum Loaded)
tr/ tf
9
ns
Low Level Output Voltage
VOL
IOL
=2.8mA
10% VCC
V
High Level Output Voltage
VOH
IOH
=-2.8mA
90% VCC
V
CMOS Load
L_CMOS CMOS Output
15
pF
Input Voltage Range
VIN
0
VCC
V
Low Level Input Voltage
VIL
30% VCC
V
High Level Input Voltage
VIH
70% VCC
V
Disable Time
t_dis
150
ns
Enable Time
t_ena
5
ms
Start-up Time
t_str
@Minimum operating voltage to be 0 sec.
10
ms
1 Sigma Jitter
JSigma
Measured with Wavecrest DTS-2079 VISI 6.3.1
8
ps
Peak to Peak Jitter
JPK-PK
80
ps
Note: All electrical characteristics are defined at the maximum load and operating temperature range.
Please contact us for inquiry about operating temperature range, available frequencies and other conditions.
Dimensions
(Unit: mm)
Recommended Land Pattern (Unit: mm)
5.0
0.8
1.2
2.5
Plating: Ni+Au
Tolerance: ±0.2
Pad Connections
#1 INH
#2 Case GND
#3 Output
#4 VCC
INH Function
Pad1
Pad3 (Output)
Open
Active
"H" Level
Active
"L" Level High Z (No-Oscillation)
#1
#2
#3 #4
Note: A capacitor of value 0.01
µF between VCC
and GND is recommended.
2.5
1.6


Similar Part No. - KC5032C-C1

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC5032C-C2 KSS-KC5032C-C2 Datasheet
126Kb / 1P
   CMOS/ 2.5V/ 5.0횞 3.2mm
KC5032C-C3 KSS-KC5032C-C3 Datasheet
127Kb / 1P
   CMOS/ 3.3V/ 5.0횞 3.2mm
KC5032C-C5 KSS-KC5032C-C5 Datasheet
126Kb / 1P
   CMOS/ 5.0V/ 5.0횞3.2mm
More results

Similar Description - KC5032C-C1

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC5032C-C2 KSS-KC5032C-C2 Datasheet
126Kb / 1P
   CMOS/ 2.5V/ 5.0횞 3.2mm
KC5032C-C3 KSS-KC5032C-C3 Datasheet
127Kb / 1P
   CMOS/ 3.3V/ 5.0횞 3.2mm
logo
Fox Electronics
FXU-LC51 FOX-FXU-LC51 Datasheet
646Kb / 11P
   LVDS 5 x 3.2mm 1.8V Oscillator
logo
Pericom Semiconductor C...
KN-1.8V PERICOM-KN-1.8V Datasheet
633Kb / 2P
   1.8V CMOS 32.768kHz
KJ-1.8V PERICOM-KJ-1.8V Datasheet
662Kb / 2P
   1.8V CMOS 32.768kHz
KK-1.8V PERICOM-KK-1.8V Datasheet
602Kb / 2P
   1.8V CMOS 32.768kHz
logo
Kyocera Kinseki Corpota...
KC7050A-C1 KSS-KC7050A-C1 Datasheet
127Kb / 1P
   CMOS/ 1.8V/ 7.0횞5.0mm
KC2520C-C1 KSS-KC2520C-C1 Datasheet
112Kb / 1P
   CMOS/ 1.8V/ 2.5횞2.0mm
logo
Golledge Electronics Lt...
GXOU114 GOLLEDGE-GXOU114 Datasheet
58Kb / 1P
   1.8V CMOS Oscillator
logo
Pericom Semiconductor C...
KD-1.8V PERICOM-KD-1.8V Datasheet
602Kb / 2P
   1.8V CMOS 32.768kHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com