Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC5032P-P2 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # KC5032P-P2
Description  LV-PECL/ 2.5V/ 5.0횞3.2mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KC5032P-P2 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  KC5032P-P2 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LV-PECL/ 2.5V/ 5.0
×3.2mm
Clock Oscillators Surface Mount Type
KC5032P-P2 Series
RoHS Compliant
Features
• Miniature ceramic package
• Highly reliable with seam welding
• LV-PECL output
• Supply voltage VCC
=2.5V
±25×10-6 available
Table 1
Freq. Tol.
Operating
Temperature
Range (
°C)
Note
Code
× 10-6
0
± 50
0 to
+70
Standard specifications
S
± 30
With only certain
frequencies
U
± 25
F
±100 -40 to +85
G
± 50
How to Order
KC5032P 125.000 P 2 0 E 00
③ ④ ⑤ ⑥ ⑦
① Type (5.0×3.2mm SMD)
② Output Frequency
③ Output Type (LV-PECL)
④ Supply Voltage (2.5V)
⑤ Frequency Tolerance (See Table 1)
⑥ Symmetry/ INH Function
(45/ 55%, Stand-by)
⑦ Customer Special Model Suffix
(STD Specification is “00”)
  Packaging (Tape & Reel 1000 pcs./ reel)
Specifications
Item
Symbol
Conditions
Min.
Max.
Units
Output Frequency RangeNote1
fo
50
190
MHz
Frequency Tolerance
f_tol
Initial tolerance, Operating tem-
perature range, Rated power supply
voltage change, Load change, Aging
(1 year @25
°C), Shock and vibration
Op. Temp.:
-40 to +85°C
-100
+100
×10-6
Op. Temp.: 0 to
+70°C/ -40 to +85°C
-50
+50
Op. Temp.: 0 to
+70°C
-30
+30
Op. Temp.: 0 to
+70°C
-25
+25
Storage Temperature Range
T_stg
-55
+125
°C
Operating Temperature Range
T_use
Standard Specifications
0
+70
°C
Extend (Option)
-40
+85
Max. Supply Voltage
-0.5
+5
V
Supply Voltage
VCC
+2.375
+2.625
V
Current Consumption
ICC
90
mA
Stand-by Current
I_std
30
μA
Symmetry
SYM
50ohm @crossing point
45
55
%
Rise/ Fall Time
(20% to 80% Output Level)
tr/ tf
50ohm
0.6
ns
Low Level Output VoltageNote2
VOL
Op. Temp.: 0 to
+85°C/ Typ. 0.800V
VCC
-1.810 VCC-1.405
V
Op. Temp.:
-40 to 0°C/ Typ. 0.805V
VCC
-1.830 VCC-1.305
High Level Output VoltageNote2
VOH
Op. Temp.: 0 to
+85°C/ Typ. 1.550V
VCC
-1.025 VCC-0.740
V
Op. Temp.:
-40 to 0°C/ Typ. 1.495V
VCC
-1.085 VCC-0.880
Output Load
RL
LV-PECL Output
50
ohm
Input Voltage Range
VIN
0
VCC
V
Low Level Input Voltage
VIL
30% VCC
V
High Level Input Voltage
VIH
70% VCC
V
Disable Time
t_dis
150
ns
Enable Time
t_ena
10
ms
Start-up Time
t_str
@Minimum operating voltage to be 0 sec.
10
ms
Deterministic Jitter (DJ)
DJ
Measured with Wavecrest DTS-2079 VISI 6.3.1
2
ps
1 Sigma Jitter
JSigma
4
ps
Peak to Peak Jitter
JPK-PK
30
ps
Note : All electrical characteristics are defined at the maximum load and operating temperature range.
Note1: Please contact us for inquiry about operating temperature range, available frequencies and other conditions.
Note2: DC characteristic
Dimensions
(Unit: mm)
Recommended Land Pattern (Unit: mm)
5.0
Plating: Ni+Au
Tolerance: ±0.2
INH Function
Pad1
Pad4/ Pad5 (Output)
Open
Active
"H" Level
Active
"L" Level High Z (No-Oscillation)
Pad Connections
#1 INH
#2 NC
#3 Case GND
#4 Output
#5 Complementary Output
#6 VCC
0.7
0.7
0.5
#3
#1
#6
#4
#2
#5
0.64
0.63
0.9
1.3
1.3
Note: A capacitor of value 0.01μF and 10μF
between VCC and GND is recommended.


Similar Part No. - KC5032P-P2

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC5032P-P2 KSS-KC5032P-P2 Datasheet
64Kb / 1P
   Clock Oscillators
KC5032P-P2 KSS-KC5032P-P2_18 Datasheet
64Kb / 1P
   Clock Oscillators
More results

Similar Description - KC5032P-P2

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC5032P-P3 KSS-KC5032P-P3 Datasheet
164Kb / 1P
   LV-PECL/ 3.3V/ 5.0횞3.2mm
logo
Golledge Electronics Lt...
GXO-E72J GOLLEDGE-GXO-E72J Datasheet
607Kb / 5P
   2.5V Oscillator with LV-PECL Output 2.5V Oscillator with LV-PECL Output
GXO-E72 GOLLEDGE-GXO-E72_16 Datasheet
197Kb / 2P
   2.5V & 3.3V LV-PECL Oscillator
GXO-E72 GOLLEDGE-GXO-E72_07 Datasheet
88Kb / 2P
   2.5V & 3.3V LV-PECL Oscillator
GXO-E31 GOLLEDGE-GXO-E31 Datasheet
174Kb / 2P
   2.5V & 3.3V LV-PECL Oscillator
GXO-E72 GOLLEDGE-GXO-E72 Datasheet
97Kb / 2P
   2.5V AND 3.3V LV-PECL Oscillator
logo
Nippon Precision Circui...
5036 NPC-5036 Datasheet
113Kb / 11P
   2.5V LV-PECL Output Oscillator ICs
logo
Kyocera Kinseki Corpota...
KC5032P-L2 KSS-KC5032P-L2 Datasheet
163Kb / 1P
   LVDS/ 2.5V/ 5.0횞3.2mm
logo
Golledge Electronics Lt...
GXO-E51J GOLLEDGE-GXO-E51J Datasheet
602Kb / 5P
   2.5V LV-PECL Oscillator for High Speed Data Transfer
GXO-E31J GOLLEDGE-GXO-E31J Datasheet
599Kb / 5P
   2.5V LV-PECL Oscillator for High Speed Data Transfer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com