Electronic Components Datasheet Search |
|
KC5032P-P3 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation |
|
KC5032P-P3 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation |
|
1 / 1 page Clock Oscillators Surface Mount Type KC5032P-P3 Series LV-PECL/ 3.3V/ 5.0 ×3.2mm RoHS Compliant Features • Miniature ceramic package • Highly reliable with seam welding • LV-PECL output • Supply voltage VCC =3.3V • ±25×10-6 available Table 1 Freq. Tol. Operating Temperature Range ( °C) Note Code × 10-6 0 ± 50 0 to +70 Standard specifications S ± 30 With only certain frequencies U ± 25 F ±100 -40 to +85 G ± 50 How to Order KC5032P 125.000 P 3 0 E 00 ① ② ③ ④ ⑤ ⑥ ⑦ ① Type (5.0×3.2mm SMD) ② Output Frequency ③ Output Type (LV-PECL) ④ Supply Voltage (3.3V) ⑤ Frequency Tolerance (See Table 1) ⑥ Symmetry/ INH Function (45/ 55%, Stand-by) ⑦ Customer Special Model Suffix (STD Specification is “00”) Packaging (Tape & Reel 1000 pcs./ reel) Specifications Item Symbol Conditions Min. Max. Units Output Frequency RangeNote1 fo 50 190 MHz Frequency Tolerance f_tol Initial tolerance, Operating tem- perature range, Rated power supply voltage change, Load change, Aging (1 year @25 °C), Shock and vibration Op. Temp.: -40 to +85°C -100 +100 ×10-6 Op. Temp.: 0 to +70°C/ -40 to +85°C -50 +50 Op. Temp.: 0 to +70°C -30 +30 Op. Temp.: 0 to +70°C -25 +25 Storage Temperature Range T_stg -55 +125 °C Operating Temperature Range T_use Standard Specifications 0 +70 °C Extend (Option) -40 +85 Max. Supply Voltage — -0.5 +7 V Supply Voltage VCC Freq. Tol.Code: 0, S, F +2.97 +3.63 V Freq. Tol.Code: U, G +3.14 +3.46 Current Consumption ICC — 90 mA Stand-by Current I_std — 30 μA Symmetry SYM 50ohm @crossing point 45 55 % Rise/ Fall Time (20% to 80% Output Level) tr/ tf 50ohm — 0.6 ns Low Level Output VoltageNote2 VOL Op. Temp.: 0 to +85°C/ Typ. 1.600V VCC -1.810 VCC-1.620 V Op. Temp.: -40 to 0°C/ Typ. 1.605V VCC -1.830 VCC-1.555 High Level Output VoltageNote2 VOH Op. Temp.: 0 to +85°C/ Typ. 2.350V VCC -1.025 VCC-0.880 V Op. Temp.: -40 to 0°C/ Typ. 2.295V VCC -1.085 VCC-0.900 Output Load RL LV-PECL Output 50 ohm Input Voltage Range VIN 0 VCC V Low Level Input Voltage VIL — 30% VCC V High Level Input Voltage VIH 70% VCC — V Disable Time t_dis — 150 ns Enable Time t_ena — 10 ms Start-up Time t_str @Minimum operating voltage to be 0 sec. — 10 ms Deterministic Jitter (DJ) DJ Measured with Wavecrest DTS-2079 VISI 6.3.1 — 2 ps 1 Sigma jitter JSigma — 4 ps Peak to Peak Jitter JPK-PK — 30 ps Note : All electrical characteristics are defined at the maximum load and operating temperature range. Note1: Please contact us for inquiry about operating temperature range, available frequencies and other conditions. Note2: DC characteristic Dimensions (Unit: mm) Recommended Land Pattern (Unit: mm) 5.0 Plating: Ni+Au Tolerance: ±0.2 INH Function Pad1 Pad4/ Pad5 (Output) Open Active "H" Level Active "L" Level High Z (No-Oscillation) Pad Connections #1 INH #2 NC #3 Case GND #4 Output #5 Complementary Output #6 VCC 0.7 0.7 0.5 0.64 0.63 #3 #1 #6 #4 #2 #5 0.9 1.3 1.3 Note: A capacitor of value 0.01μF and 10μF between VCC and GND is recommended. |
Similar Part No. - KC5032P-P3 |
|
Similar Description - KC5032P-P3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |