Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC7050B_FXO-37FNB Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # KC7050B_FXO-37FNB
Description  CMOS/ 5.0V/ 7.0횞5.0mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KC7050B_FXO-37FNB Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  KC7050B_FXO-37FNB Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CMOS/ 5.0V/ 7.0
×5.0mm
Clock Oscillators Surface Mount Type
KC7050B Series (FXO-37FNB)
RoHS Compliant
“Designated for MFP3N, Communication LSI
for CC-Link Remote Device”
Features
• Surface mount type suitable for auto
pick-and-place
• Reflow compatible
• CMOS, TTL IC direct drive is possible
• With tri-state function
• Broad frequency range 80MHz
(PLL circuit is built in)
• Supply voltage VCC
=5.0V available
Frequency Tolerance (Overall)
Freq. Tol.
Operating
Temperature
Range (
°C)
Note
Code
× 10-6
Z
±50 -10 to +85
80MHz
How to Order
KC7050B 80.0000 C 5 Z B QZ
③ ④ ⑤ ⑥ ⑦
① Type
② Output Frequency
③ Output Type (CMOS)
④ Supply Voltage 5=5.0V
⑤ Frequency Tolerance (See Table at Left)
⑥ Symmetry/ INH Function
(40/ 60%, Stand-by)
⑦ Customer Special Model Suffix
(STD Specification is “QZ”)
Specifications
Item
Symbol
Conditions
Specifications
Units
Min.
Max.
Output Frequency Range
fo
80
MHz
Frequency Tolerance (Overall)
f_tol
-50
+50
×10-6
Storage Temperature Range
T_stg
-20
+85
°C
Operating Temperature Range
T_use
-10
+85
°C
Max. Supply Voltage
+6
V
Supply Voltage
VCC
5.0V Typ.
+4.75
+5.25
V
Current Consumption
ICC
50
mA
Stand-by Current
I_std
40
μA
Symmetry
SYM
@50% VCC
40
60
%
Rise/ Fall Time
tr/ tf
5
ns
Low Level Output Voltage
VOL
10% VCC
V
High Level Output Voltage
VOH
@5.0 V
90% VCC
V
CMOS Load
L_CMOS
15
pF
Input Voltage Range
VIN
VSS
VCC
V
Low Level Input Voltage
VIL
0.8
V
High Level Input Voltage
VIH
2.2
V
Disable Time
t_dis
100
ns
Enable Time
t_ena
100
μs
Start-up Time
t_str
10
ms
Note: All electrical characteristics are defined at the maximum load and operating temperature range.
Please contact us for inquiry about operating temperature range, available frequencies and other conditions.
Dimensions
(Unit: mm)
Recommended Land Pattern (Unit: mm)
1.8
5.1
Note: A capacitor of value 0.01
µF between VCC
and GND is recommended.
INH Function
Pad1
Pad3 (Output)
Open
Active
"H" Level
Active
"L" Level High Z (No-Oscillation)
Pad Connections
#1 INH
#2 GND
#3 Output
#4 VCC
Plating: Ni+Au
Tolerance: ±0.2
7.0
5.1
0.6
1.4
#2
#1
#4
#3
RoHS Compliant


Similar Part No. - KC7050B_FXO-37FNB

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC7050B_FXO-31F KSS-KC7050B_FXO-31F Datasheet
129Kb / 1P
   CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm
KC7050B_FXO-34F KSS-KC7050B_FXO-34F Datasheet
128Kb / 1P
   CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm
More results

Similar Description - KC7050B_FXO-37FNB

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC7050A-C5 KSS-KC7050A-C5 Datasheet
125Kb / 1P
   CMOS/ 5.0V/ 7.0횞5.0mm
KC7050B_FXO-31F KSS-KC7050B_FXO-31F Datasheet
129Kb / 1P
   CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm
KC7050B_FXO-34F KSS-KC7050B_FXO-34F Datasheet
128Kb / 1P
   CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm
KC7050B KSS-KC7050B Datasheet
123Kb / 1P
   CMOS/ 3.3V/ 5.0V/ 7.0횞5.0mm
KC7050A-C1 KSS-KC7050A-C1 Datasheet
127Kb / 1P
   CMOS/ 1.8V/ 7.0횞5.0mm
KC7050A-C2 KSS-KC7050A-C2 Datasheet
127Kb / 1P
   CMOS/ 2.5V/ 7.0횞5.0mm
KC7050A-C3 KSS-KC7050A-C3 Datasheet
128Kb / 1P
   CMOS/ 3.3V/ 7.0횞5.0mm
KCJXO KSS-KCJXO Datasheet
192Kb / 1P
   CMOS/ 5.0V
KCEXO3A KSS-KCEXO3A Datasheet
125Kb / 1P
   Programmable CMOS/ 5.0V
KPEXO7 KSS-KPEXO7 Datasheet
133Kb / 1P
   Programmable CMOS/ 5.0V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com