Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3904WT1 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MMBT3904WT1
Description  General Purpose Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBT3904WT1 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MMBT3904WT1 Datasheet HTML 4Page - Motorola, Inc MMBT3904WT1 Datasheet HTML 5Page - Motorola, Inc MMBT3904WT1 Datasheet HTML 6Page - Motorola, Inc MMBT3904WT1 Datasheet HTML 7Page - Motorola, Inc MMBT3904WT1 Datasheet HTML 8Page - Motorola, Inc MMBT3904WT1 Datasheet HTML 9Page - Motorola, Inc MMBT3904WT1 Datasheet HTML 10Page - Motorola, Inc MMBT3904WT1 Datasheet HTML 11Page - Motorola, Inc MMBT3904WT1 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NPN MMBT3904WT1 PNP MMBT3906WT1
8
Motorola Small–Signal Transistors, FETs and Diodes Device Data
MMBT3906WT1
TYPICAL AUDIO SMALL–SIGNAL CHARACTERISTICS
NOISE FIGURE VARIATIONS
(VCE = –5.0 Vdc, TA = 25°C, Bandwidth = 1.0 Hz)
f = 1.0 kHz
IC = 1.0 mA
IC = 0.5 mA
IC = 50 mA
IC = 100 mA
SOURCE RESISTANCE = 200
W
IC = 1.0 mA
SOURCE RESISTANCE = 200
W
IC = 0.5 mA
SOURCE RESISTANCE = 2.0 k
IC = 100 mA
SOURCE RESISTANCE = 2.0 k
IC = 50 mA
Figure 25.
f, FREQUENCY (kHz)
1.0
2.0
3.0
4.0
5.0
0.1
Figure 26.
RS, SOURCE RESISTANCE (kΩ)
0
1.0
2.0
4.0
10
20
40
0.2
0.4
0
100
4.0
6.0
8.0
10
2.0
12
0.1
1.0
2.0
4.0
10
20
40
0.2
0.4
100
MMBT3906WT1
MMBT3906WT1
Figure 27. Current Gain
IC, COLLECTOR CURRENT (mA)
70
100
200
300
50
Figure 28. Output Admittance
IC, COLLECTOR CURRENT (mA)
Figure 29. Input Impedance
IC, COLLECTOR CURRENT (mA)
Figure 30. Voltage Feedback Ratio
IC, COLLECTOR CURRENT (mA)
30
100
70
10
30
2.0
3.0
5.0
7.0
10
1.0
0.1
0.2
1.0
2.0
5.0
0.5
10
0.5
0.7
2.0
5.0
10
20
1.0
0.2
0.5
0.1
0.2
1.0
2.0
5.0
10
0.5
0.1
0.2
1.0
2.0
5.0
10
0.5
7.0
5.0
0.1
0.2
1.0
2.0
5.0
10
0.5
h PARAMETERS
(VCE = –10 Vdc, f = 1.0 kHz, TA = 25°C)
50
20
MMBT3906WT1
MMBT3906WT1
MMBT3906WT1
MMBT3906WT1
0.3
0.7
3.0
7.0
0.3
0.7
3.0
7.0
0.3
0.7
3.0
7.0
0.3
0.7
3.0
7.0
0.3
0.7
3.0
7.0


Similar Part No. - MMBT3904WT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT3904WT1 ONSEMI-MMBT3904WT1 Datasheet
296Kb / 12P
   GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
logo
Leshan Radio Company
MMBT3904WT1 LRC-MMBT3904WT1 Datasheet
455Kb / 9P
   General Purpose Transistors(NPN and PNP Silicon)
logo
ON Semiconductor
MMBT3904WT1 ONSEMI-MMBT3904WT1 Datasheet
166Kb / 12P
   General Purpose Transistors
January, 2011 ??Rev. 7
logo
WILLAS ELECTRONIC CORP
MMBT3904WT1 WILLAS-MMBT3904WT1 Datasheet
466Kb / 11P
   General Purpose Transistors
logo
ON Semiconductor
MMBT3904WT1 ONSEMI-MMBT3904WT1 Datasheet
236Kb / 12P
   General Purpose Transistors NPN and PNP Silicon
November, 2011 ??Rev. 8
More results

Similar Description - MMBT3904WT1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com