Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

216 Datasheet(PDF) 2 Page - Marl International Limited

Part # 216
Description  Direct replacement for BA22
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

216 Datasheet(HTML) 2 Page - Marl International Limited

  216 Datasheet HTML 1Page - Marl International Limited 216 Datasheet HTML 2Page - Marl International Limited 216 Datasheet HTML 3Page - Marl International Limited 216 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
technical data
to order
de-rating information
Dimensions in mm (typical)
Not to scale
Lamp Base Style
Series
Metric Equivalent
(mm)
Max. Power Dissipation
(mW)
Intensities (Iv) and colour shades of white (x,y co-ordinates) may vary between leds within a batch
BS EN ISO 9001:2008
approved manufacturer
216 series
97
BA22
216
26
2500
997
*Typical emission colour White
x
0.4255
0.4390
0.4680
0.4519
y
0.4000
0.4310
0.4385
0.4086
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph D
10
20
30
40
50
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph I
10
20
30
40
50
8.5
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph U
10
20
30
40
50
8.5
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 216 - version 2012-12-06-113532
page 2 of 4


Similar Part No. - 216

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
216 RFSOLUTIONS-216 Datasheet
396Kb / 11P
   Modular Radio Telemetry System
logo
Alpha Wire
216 ALPHAWIRE-216 Datasheet
135Kb / 2P
   Mini 7/8" Female 3 Pin Field Attachable
logo
Aries Electronics, Inc.
216 ARIES-216 Datasheet
1Mb / 2P
   Easy Identification and Tracing with 10-color Cable
logo
Littelfuse
216 LITTELFUSE-216 Datasheet
1Mb / 4P
   5횞20mm fast-acting ceramic body cartridge fuse designed to IEC specification
logo
ATTEND Technology Inc.
216 ATTEND-216 Datasheet
370Kb / 3P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 216 SERIES
2023-07-13
More results

Similar Description - 216

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
240-061-64_1309 MARL-240-061-64_1309 Datasheet
202Kb / 4P
   Direct replacement for BA15d
240 MARL-240 Datasheet
202Kb / 4P
   Direct replacement for BA15d
231-501-21_1309 MARL-231-501-21_1309 Datasheet
283Kb / 5P
   Direct replacement for BA15s
231 MARL-231 Datasheet
283Kb / 5P
   Direct replacement for BA15s
253-501-64-38_1312 MARL-253-501-64-38_1312 Datasheet
275Kb / 5P
   Direct replacement for T2 BA7s
253 MARL-253 Datasheet
275Kb / 5P
   Direct replacement for T2 BA7s
208 MARL-208 Datasheet
271Kb / 5P
   Direct replacement for T6.8 Slide Base
217 MARL-217 Datasheet
284Kb / 5P
   Direct replacement for E27 (European Standard)
258-501-64-38_1312 MARL-258-501-64-38_1312 Datasheet
204Kb / 4P
   Direct replacement for T6.8 Slide Base
258 MARL-258 Datasheet
266Kb / 5P
   Direct replacement for T6.8 Slide Base
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com