Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX-353-0512 Datasheet(PDF) 2 Page - SL Power Electronics

Part # MAX-353-0512
Description  250, 350 WATTS MULTIPLE OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MAX-353-0512 Datasheet(HTML) 2 Page - SL Power Electronics

  MAX-353-0512 Datasheet HTML 1Page - SL Power Electronics MAX-353-0512 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Condor D.C. Power Supplies, Inc., A subsidiary of SL Industries, Inc. 805-486-4565 • (800) 235-5929 Fax: (805) 487-8911 http://www.condorpower.com
250, 350 WATTS
9”x 5”x 2.5”
MAX, MSC, MTC, MTX
FUNCTION
115 VAC
230 VAC
CONNECTOR
Input Select
Short
Open
0.187 Male Fastons
TB1-
Line
Line 1
TB1-
Neutral
Line 2
TB1-
Safety Ground
Safety Ground
AC INPUT
FUNCTION
MAX, MTC, MTX
MSC
CONNECTOR
Output #1
Terminal marked +V
Terminal marked COM
Output #2
TB2-3 (+)
TB2-2 (+)
TB2-4 Rtn (Common) TB2-1 Rtn (Common)
Output #3
TB2-5 (–)
TB2-3(–)
TB2-4 Rtn (Common) TB2-1 Rtn (Common)
Output #4*
TB2-1 (+)
(If provided)
TB2-2 (–)
*Rtn connected to common only if output is polarized in product selection chart
DC OUTPUT
Barrier strip
#6-32 screws
3/8” centers
Bus bars
#10/32 screws
Barrier strip
#6-32 screws
3/8” centers
FUNCTION
LOCATION
NOTES
CONNECTOR
J1-1(+ S)
Output #1 Sense
J1-2 (– S)
Output #1 Sense Rtn
AC Power Fail or
J1-3 (PF)
Reference to J1-2
DC Power Good*
Inhibit
J1-4 (IH)
Short to J1-2
*Optional function
STATUS AND CONTROL
AMP MTA type
#640456-4 pin
header (locking)
Remote Sense
SPECIFICATIONS: ALL MODELS
INPUT
AC Input: 90-132 Vac/180-264 Vac, 47 to 63 Hz. User selectable. See option “A” for
automatic line selection. Internally fused for 10 A.
Inrush: Cold start AC current is less than 10 A at 115 Vac and 18 A at 230 Vac. For MTX
models, 10 A at 115 Vac and 20 A at 230 Vac. Limited by thermistor.
Holdup Time: 16 ms minimum after removal of power, at nominal line, full load.
Efficiency: 80% typical.
Brownout Protection: Holds regulation to 85 Vac or 170 Vac.
OUTPUT
Adjustability: User adjustable ±5% minimum.
Line & Load Reg: ±1% over AC input range and 0 to 100% load change. Output #1 requires
minimum load of 10%.
Ripple & Noise: Less than 1% p-p or 100 mV, whichever is greater.
Remote Sense (Output #1): Compensates for 250 mV total line drop. Open sense lead
protection.
Temperature Coefficient: 0.02% per degree C.
Stability: 0.1% over 8 hours after 30 minutes warm-up.
Transient Response (Output #1): Output voltage returns to within 1% in less than 500 µs for
a 50% load change. Peak transient does not exceed 5%.
Overload Protection: All outputs are protected against overload and short circuit. Automatic
recovery upon removal of fault.
Overvoltage Protection (Output #1): Protects load against power supply induced overvoltage.
Trip point is factory set so that output voltage cannot exceed 136% of nominal.
Remote Inhibit: Contact closure to the negative sense line drops output power to nominal zero.
Reverse Voltage: Protected against reverse voltage up to supply current rating.
ENVIRONMENTAL
Thermal Protection: Shuts down power supply if overheated. Automatic recovery.
Temperature Range: 0° to 50°C at full ratings. Derate to half power at 70°C.
Safety Agencies: Most models are approved to UL1950; CSA 22.2 #234; IEC 950 and TÜV
EN60950, Class 1 SELV., CE 72/23/EEC/93/68EEC (low voltage directive).
Conducted RFI: Meets FCC Part 15, Subpart J, Class A; EN55022 Class B; CISPR 22 Class B.
Cooling: 30 CFM required to achieve full ratings.
Output Isolation: Isolated from ground 50 Vdc.
OPTIONS:
Option “A”, AC Auto-Range: Automatically selects proper AC line voltage range to enable
power operation at either 115 or 230 Vac without user intervention.
Option “C”, Cover: Limits contact with power supply interior.
Option “F”, Fan/Cover Assembly: Cover with integral ball-bearing fan provides proper cooling
to achieve full ratings at 50°C ambient temperature.
Option “G”, DC Power Good: Provides a TTL “1” open collector when output #1 is above
4.6 V nominal. Not available if option “P” is selected.
MAX, MSC, MTC, MTX with Option F
3.9 lbs - 1.8 kgs
MAX, MSC, MTC, MTX
3.4 lbs - 1.5 kgs
Option “P”, AC Power Fail: Provides TTL “0” 5 ms before output voltage goes out of
regulation band upon loss of AC power. VMEbus compatible, provides 48 mA sink current
capability. Not available if option “G” is selected.
Option “V”, Fan/Cover Assembly: Low profile, end venting cover with integral ball-bearing
fan.
Consult factory for other available options.
*9.05
229.87
for MTX
Dimensions:
Inches
Millimeters
(L )
(N)
( )


Similar Part No. - MAX-353-0512

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MAX-353-0512 SLPOWER-MAX-353-0512 Datasheet
96Kb / 2P
   250, 350 WATTS MULTIPLE OUTPUT
More results

Similar Description - MAX-353-0512

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MSC-350 SLPOWER-MSC-350 Datasheet
96Kb / 2P
   250, 350 WATTS MULTIPLE OUTPUT
DCT-250 SLPOWER-DCT-250 Datasheet
90Kb / 2P
   250, 275, 350 WATTS MULTIPLE OUTPUT 24/28 AND 48 VDC INPUT
MPS-350 SLPOWER-MPS-350 Datasheet
80Kb / 2P
   350 WATTS MULTIPLE OUTPUT, SLOPE PROGRAM CURRENT SHARING
RMX-350 SLPOWER-RMX-350 Datasheet
201Kb / 2P
   350 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, HOT SWAP
TMX-350 SLPOWER-TMX-350 Datasheet
91Kb / 2P
   350 WATTS MULTIPLE OUTPUT 48 VDC INPUT, HOT SWAP
logo
XP Power Limited
EMH250PS12 XPPOWER-EMH250PS12 Datasheet
1Mb / 9P
   250/350 Watts EMH Series
logo
SL Power Electronics
NMX-350 SLPOWER-NMX-350 Datasheet
104Kb / 2P
   350 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
MAX-400 SLPOWER-MAX-400 Datasheet
97Kb / 2P
   400, 500 WATTS MULTIPLE OUTPUT
logo
Powerbox
S600 POWERBOX-S600 Datasheet
418Kb / 1P
   350 WATTS DC/DC SINGLE OUTPUT
logo
SL Power Electronics
MSC-750 SLPOWER-MSC-750 Datasheet
85Kb / 2P
   700, 750 WATTS MULTIPLE OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com