Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

03066C105KAT4A Datasheet(PDF) 4 Page - AVX Corporation

Part # 03066C105KAT4A
Description  Low Inductance Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

03066C105KAT4A Datasheet(HTML) 4 Page - AVX Corporation

  03066C105KAT4A Datasheet HTML 1Page - AVX Corporation 03066C105KAT4A Datasheet HTML 2Page - AVX Corporation 03066C105KAT4A Datasheet HTML 3Page - AVX Corporation 03066C105KAT4A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
62
Low Inductance Capacitors (RoHS)
0612/0508/0306/0204 LICC (Low Inductance Chip Capacitors)
SIZE
0204
0306
0508
0612
Packaging
Embossed
Embossed
Embossed
Length
mm
0.81 ± 0.15
1.27 ± 0.25
1.60 ± 0.25
(in.)
(0.032 ± 0.006)
(0.050 ± 0.010)
(0.063 ± 0.010)
Width
mm
1.60 ± 0.15
2.00 ± 0.25
3.20 ± 0.25
(in.)
(0.063 ± 0.006)
(0.080 ± 0.010)
(0.126 ± 0.010)
WVDC
4
6.3 10 16
4
6.3 10
16 25
50 6.3 10 16 25 50 6.3 10 16 25 50
CAP
0.001
(μF)
0.0022
0.0047
0.010
0.015
0.022
0.047
0.068
0.10
0.15
0.22
0.47
0.68
1.0
1.5
2.2
3.3
4.7
10
0306
Code Thickness
A
0.61 (0.024)
0508
Code Thickness
S
0.56 (0.022)
V
0.76 (0.030)
A
1.02 (0.040)
0612
Code Thickness
S
0.56 (0.022)
V
0.76 (0.030)
W
1.02 (0.040)
A
1.27 (0.050)
Solid = X7R
= X5R
= X7S
mm (in.)
0204
Code Thickness
C
0.35 (0.014)
= X6S
mm (in.)
mm (in.)
mm (in.)
PHYSICAL DIMENSIONS AND
PAD LAYOUT
W
t
T
L
LW
t
0612
1.60 ± 0.25
3.20 ± 0.25
0.13 min.
(0.063 ± 0.010)
(0.126 ± 0.010)
(0.005 min.)
0508
1.27 ± 0.25
2.00 ± 0.25
0.13 min.
(0.050 ± 0.010)
(0.080 ± 0.010)
(0.005 min.)
0306
0.81 ± 0.15
1.60 ± 0.15
0.13 min.
(0.032 ± 0.006)
(0.063 ± 0.006)
(0.005 min.)
0204
0.50 ± 0.05
1.00 ± 0.05
0.18 ± 0.08
(0.020 ± 0.002)
(0.040 ± 0.002)
(0.007 ± 0.003)
PHYSICAL CHIP DIMENSIONS mm (in)
“A”
CC
“B”
PAD LAYOUT DIMENSIONS
mm (in)
AB
C
0612
0.76 (0.030)
3.05 (0.120)
.635 (0.025)
0508
0.51 (0.020)
2.03 (0.080)
0.51 (0.020)
0306
0.31 (0.012)
1.52 (0.060)
0.51 (0.020)
0204
T - See Range Chart for Thickness and Codes


Similar Part No. - 03066C105KAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
03066C102KAT2A AVX-03066C102KAT2A Datasheet
308Kb / 4P
   Low Inductance Capacitors
03066C102MAT2A AVX-03066C102MAT2A Datasheet
308Kb / 4P
   Low Inductance Capacitors
03066C103KAT2A AVX-03066C103KAT2A Datasheet
308Kb / 4P
   Low Inductance Capacitors
03066C103MAT2A AVX-03066C103MAT2A Datasheet
308Kb / 4P
   Low Inductance Capacitors
03066C104KAT2A AVX-03066C104KAT2A Datasheet
308Kb / 4P
   Low Inductance Capacitors
More results

Similar Description - 03066C105KAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0612YC105KAT2A AVX-0612YC105KAT2A Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC224KAT2V AVX-0612YC224KAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC224MAT2V AVX-0612YC224MAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC473KAT2V AVX-0612YC473KAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC684KAT2W AVX-0612YC684KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC103KAT2W AVX-0612ZC103KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC104MAT2V AVX-0612ZC104MAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC105KAT2W AVX-0612ZC105KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC105MAT2A AVX-0612ZC105MAT2A Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC223KAT2U AVX-0612ZC223KAT2U Datasheet
327Kb / 4P
   Low Inductance Capacitors
0612ZC224KAT2V AVX-0612ZC224KAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com