Selected language     English  â–Ľ


N005 Datasheet(PDF) 1 Page - A-Data Technology

Part No. N005
Description  N005 Pro USB Flash Drive
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  A-DATA [A-Data Technology]
Homepage  http://www.adata.com.tw
Logo 

   
 1 page
background image
www.adata-group.com
N005 Pro USB Flash Drive
Features
> Superspeed USB 3.0 Interface
> Aluminum body with metal finish
> Snap-on cap design at the rear end to prevent cap loss
> Boosted Speed
Specifications
> Device Interface: USB 3.0
> Dimensions (L x W x H): 90 x 20.5 x 11.5mm
> Capacity: 8GB / 16GB / 32GB / 64GB
> System Compatibility: Windows™ XP / Vista™ / 7
> Weight: 20.5 g
> Color: Gray
> Warranty: Lifetime
> Hot Plug & Play
Ordering Information
Capacity
Model Number
Color
EAN Code
8GB
16GB
Gray
Gray
Gray
Gray
32GB
64GB
AN005P-8G-CGY
AN005P-16G-CGY
AN005P-32G-CGY
AN005P-64G-CGY
4713435793275
4713435793282
4713435793299
4713435793305
N005 Pro vs. N005
8GB
34
12
16GB
34
23
32GB
34
30
64GB
34
30
8GB
80
15
16GB
150
25
32GB
180
50
64GB
180
90
Read (Max.)
MB/sec
Write (Max.)
MB/sec
USB 2.0
USB 3.0
All performance test data based on CrystalDiskMark under Windows XP
operating system on Gigabyte H67MA-UD2H-B3 platform, force Dual
channel. Test data depends on Flash type and testing environment.
Performance up to Read: 180MB/s; Write: 90MB/s
8GB
16GB
32GB
64GB
16GB
32GB
64GB
Read (Max.)
MB/sec
Model
Name
Capacity
Write (Max.)
MB/sec
N005 Pro
N005
80
150
180
180
60
82
80
15
25
50
90
22
51
49
N005 Pro
(backward compatible with USB 2.0)
Mac™ OS 10.6X or later




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl