Electronic Components Datasheet Search |
|
MDT-224-2412R Datasheet(PDF) 1 Page - SL Power Electronics |
|
MDT-224-2412R Datasheet(HTML) 1 Page - SL Power Electronics |
1 / 2 page Condor D.C. Power Supplies, Inc., A subsidiary of SL Industries, Inc. 805-486-4565 • (800) 235-5929 Fax: (805) 487-8911 http://www.condorpower.com 160, 220 WATTS MULTIPLE OUTPUT MDT -160 MTC -160 MDT -220 Featuring: • 9” x 5” x 2.5” package • Proven low component count design • High power densities • Meets international safety agency requirements • High peak currents for motor starting • Remote sense, thermal protection, and OVP • Cannot be damaged by no load or low line conditions • AC automatic line selection option MODEL PWR OUTPUT #1 OUTPUT #2 OUTPUT #3 MTC-163-0515 160 +5V @ 30A +15V @ 1.5A -12V @ 1.5A TELECOM MTC SERIES MODEL PWR OUTPUT #1 OUTPUT #2 OUTPUT #3 OUTPUT #4 MDT-163-0512R 160 +5V @ 25A +12V @ 4/9 A pk +12V @ 1.5A MDT-164-1212R 160 +5V @ 25A +12V @ 4/9 A pk +12V @ 1A -12V @ 1A MDT-164-2412R 160 +5V @ 20A +24V @ 3/6 A pk +12V @ 1A -12V @ 1A MDT-223-0512R 220 +5V @ 30A +12V @ 6/10 A pk 12V @ 2.5A MDT-224-1212R 220 +5V @ 30A +12V @ 6/10 A pk +12V @ 1.5A -12V @ 1.5A MDT-224-2412R 220 +5V @ 25A +24V @ 4/8 A pk +12V @ 1.5A -12V @ 1.5A STANDARD MDT SERIES MODEL PWR OUTPUT #1 OUTPUT #2 OUTPUT #3 MDT-223-1212R 220 +5V @ 10A +12V @ 10/16 A pk -12V @ 1A MASS STORAGE MDT-223-1212R These are Condor’s lower power series. They are ideal for new OEM products that are designed for future expansion. Outputs start at 160 watts and power needs can go to 350 watts by using the MAX-350 series without changing the footprint. You’ll get up to 30 Amps for logic and memory, and peak currents up to 16 Amps for motor starting in a package measuring only 9” x 5” x 2.5”. Other features like high power densi- ties, AC autoline select option, and meet- ing international safety requirements, give design flexibility, low price, and worldwide marketability. Check the specifications of these power supplies for your next OEM computer- based or telecom product design. *9.05 229.87 for MTX |
Similar Part No. - MDT-224-2412R |
|
Similar Description - MDT-224-2412R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |