Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP900 Datasheet(PDF) 2 Page - A-Data Technology

Part # SP900
Description  ADATA Premier Pro SP900 Solid State Drive SATA 6Gb/sec
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

SP900 Datasheet(HTML) 2 Page - A-Data Technology

  SP900 Datasheet HTML 1Page - A-Data Technology SP900 Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.adata-group.com
ADATA Premier Pro SP900 Solid State Drive
SATA 6Gb/sec
> Weight: 76g
> Certifications: CE / FCC / VCCI / BSMI
Environmental Parameters
Ordering Information
Dimensional Drawings
> Power Consumption: 0.5W Idle
> Operating Temperature: 0~70°C
> Storage Temperature: -40~85°C
> Operating Humidity: 10% to 90% RH (0° to 40°C)
> Storing Humidity: 5% to 90% RH (-10° to 40°C)
> Max Operating Altitude: 12000m
> Shock Resistance: 1500G
> ECC Recovery: Up to 55 bits correctable per 512-byte sector (BCH)
*varies depending on exact configuration
61.71
3
69.85 0.25
0.9W Active
ADATA Part No.
Description
Capacity
SP900S3 64GB SF2281
SP900S3 128GB SF2281
SP900S3 256GB SF2281
64 GB
128 GB
256GB
ASP900S3-64GM-C
ASP900S3-128GM-C
ASP900S3-256GM-C
EAN Code
4713435794753
4713435794623
4713435794760


Similar Part No. - SP900

ManufacturerPart #DatasheetDescription
logo
DB Unlimited.
SP900108-1 DBUNLIMITED-SP900108-1 Datasheet
553Kb / 1P
   Released from Engineering
SP900204-1 DBUNLIMITED-SP900204-1 Datasheet
560Kb / 1P
   Released from Engineering
SP900208-1 DBUNLIMITED-SP900208-1 Datasheet
557Kb / 1P
   Released from Engineering
SP900216-1 DBUNLIMITED-SP900216-1 Datasheet
554Kb / 1P
   Released from Engineering
logo
Texas Instruments
SP900S-90 TI1-SP900S-90 Datasheet
436Kb / 17P
[Old version datasheet]   A 0.9-A Constant Current Supply with PFC for 100-W LED
More results

Similar Description - SP900

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
SP800 A-DATA-SP800 Datasheet
361Kb / 2P
   ADATA Premier SP800 Solid State Drive SATA 3 Gb/sec
SP600 A-DATA-SP600 Datasheet
686Kb / 2P
   ADATA Premier Pro SP600 Soild State Drive
SX300 A-DATA-SX300 Datasheet
553Kb / 2P
   ADATA XPG SX300/Premier Pro SP300
AUSDH8GUI1-R A-DATA-AUSDH8GUI1-R Datasheet
452Kb / 1P
   ADATA Premier Pro microSDHC UHS-I
S510 A-DATA-S510 Datasheet
405Kb / 2P
   ADATA S510 Solid State Drive
SX900 A-DATA-SX900 Datasheet
552Kb / 2P
   ADATA XPG SX900 Solid State Drive
SX910 A-DATA-SX910 Datasheet
486Kb / 3P
   ADATA XPG SX910 Solid State Drive
logo
Transcend Information. ...
MTS400S TRANSCEND-MTS400S Datasheet
780Kb / 3P
   SATA III M.2 Solid State Drive
logo
A-Data Technology
SDHCUHS-I A-DATA-SDHCUHS-I Datasheet
1Mb / 1P
   ADATA Premier SDHC/SDXC UHS-I CLASS
UHS-I A-DATA-UHS-I Datasheet
1Mb / 1P
   ADATA Premier SDHC/SDXC UHS-I CLASS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com