Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

205-997-20-38 Datasheet(PDF) 1 Page - Marl International Limited

Part # 205-997-20-38
Description  Direct replacement for T1 쩐 Midget Groove S5.7s
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

205-997-20-38 Datasheet(HTML) 1 Page - Marl International Limited

  205-997-20-38 Datasheet HTML 1Page - Marl International Limited 205-997-20-38 Datasheet HTML 2Page - Marl International Limited 205-997-20-38 Datasheet HTML 3Page - Marl International Limited 205-997-20-38 Datasheet HTML 4Page - Marl International Limited 205-997-20-38 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
features
specifications
to order
Ordering information and typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
205 series
• Direct replacement for T1 ¾ Midget Groove S5.7s
• Reverse polarity options available
• Water clear lens
• Centre contact Anode as standard
• Low current versions available
• Warm white LEDs may be used behind coloured lens as a
true replacement for a filament lamp
• Pack Quantity = 20 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
205-501-21-38
Red
12 Vdc
10
600
630
-40 - +80
-40 - +100
D
205-521-21-38
Yellow
12 Vdc
10
600
585
-40 - +80
-40 - +100
D
205-532-21-38
Green
12 Vdc
10
800
515
-40 - +80
-40 - +100
F
205-930-21-38
Blue
12 Vdc
10
140
465
-30 - +85
-40 - +100
U
205-997-21-38
White
12 Vdc
10
27000
* See below
-30 - +85
-40 - +100
I
205-993-21-38
Warm White
12 Vdc
10
Call
* See below
-30 - +85
-40 - +100
I
205-501-23-38
Red
28 Vdc
8
600
630
-40 - +80
-40 - +100
D
205-521-23-38
Yellow
28 Vdc
8
600
585
-40 - +80
-40 - +100
D
205-532-23-38
Green
28 Vdc
8
800
515
-40 - +80
-40 - +100
F
205-930-23-38
Blue
28 Vdc
14
140
465
-30 - +85
-40 - +100
U
205-997-23-38
White
28 Vdc
8
27000
* See below
-30 - +85
-40 - +100
I
205-993-23-38
Warm White
28 Vdc
8
Call
* See below
-30 - +85
-40 - +100
I
* = Voltage for 20mA product is Vf at 20mA, not Vopr
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 2.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 205 - version 2012-12-06-113432
page 1 of 5


Similar Part No. - 205-997-20-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
205-997-20-38 MARL-205-997-20-38 Datasheet
232Kb / 2P
   BULB REPLACEMENT LED
More results

Similar Description - 205-997-20-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
235-038-93_1307 MARL-235-038-93_1307 Datasheet
254Kb / 4P
   Direct replacement for T1 쩐 Midget Groove S5.7s
235 MARL-235 Datasheet
193Kb / 4P
   Direct replacement for T1 쩐 Midget Groove S5.7s
236-038-93_1307 MARL-236-038-93_1307 Datasheet
265Kb / 4P
   Direct replacement for T1 쩐 Midget Flange SX6s
206 MARL-206 Datasheet
277Kb / 5P
   Direct replacement for T1 쩐 Midget Flange SX6s
236 MARL-236 Datasheet
195Kb / 4P
   Direct replacement for T1 쩐 Midget Flange SX6s
204 MARL-204 Datasheet
280Kb / 5P
   Direct replacement for T1 쩐 Bi-Pin
207 MARL-207 Datasheet
260Kb / 5P
   Direct replacement for T1 쩐 Wedge Base F9
212 MARL-212 Datasheet
266Kb / 5P
   Direct replacement for T1 쩐 Lilliput Edison Screw E5
202 MARL-202 Datasheet
273Kb / 5P
   Direct replacement for French Style T1 Midget Flange SX3s
207-501-21-38 MARL-207-501-21-38 Datasheet
257Kb / 3P
   FILAMENT REPLACEMENT LEDs - T1 쩐
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com