Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MENB1050A2403F01 Datasheet(PDF) 2 Page - SL Power Electronics

Part # MENB1050A2403F01
Description  Medical Switch-Mode Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MENB1050A2403F01 Datasheet(HTML) 2 Page - SL Power Electronics

  MENB1050A2403F01 Datasheet HTML 1Page - SL Power Electronics MENB1050A2403F01 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
______________________________________________________________________________________________________________________________ 2 of 2
SL Power Electronics Corp 6050 King Drive Ventura, CA 93003 Phone 805.486.4565 • Fax 858.712.2040 Email: info@slpower.com www.slpower.com
Notes:
1. Contact factory for "Q" and "N" option availability.
Model
"A" = Original Configuration
Product Fam ily:
"M" = Medical, "E" = External, "NB" = Model Series Designator
Output Pow er:
"050" = 50 Watts
# of Outputs
"1" = Single Output
"01" = Standard. "02" and higher indicates a m odified m odel.
Model
Output Voltage:
"05" = 5Vdc, "12" = 12Vdc, "24" = 24Vdc, etc.
Input Connector:
"F" = IEC320 C14 grounded, Other options available, see next page.
Output Connector: "03" = 2.5m m Barrel Type Connector. Other options available, contact factory.
Model Number Key
VV 03
MENB
01
1 050 A
F
IEC320 - C14
IEC320 - C18
IEC320 - C8
Class I
Class II
Class II
Grounded (F) Ungro unded (Q)
"Shaver" (N)
Input Receptacle Options
Output Connector
Dimensions are in mm (Cable length is 1500mm on 12V thru 24V models)
Data Sheet © 2010 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication.
Rev. 12-22-2010
However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
Model Number
Volts (V)
Output Current (max)
Max Watts
Ripple (Vp-p max)
MENB1050A0503F01
5 V
6.00 A
30.0 W
50mV
MENB1050A0903F01
9 V
5.00 A
45.0 W
90mV
MENB1050A1203F01
12 V
4.20 A
50.4 W
120mV
MENB1050A1503F01
15 V
3.36 A
50.4 W
150mV
MENB1050A1803F01
18 V
2.80 A
50.4 W
180mV
MENB1050A2403F01
24 V
2.10 A
50.4 W
240mV
Notes: Part numbers above include #3 output connector and IEC320 C14 grounded input receptacle. See below for other options.
Outline Drawing
DATE CODE
MENB1050
Universal Input 50 Watt Series
Medical Switch-Mode Power Supply
3 Year Warranty


Similar Part No. - MENB1050A2403F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MENB1010 SLPOWER-MENB1010 Datasheet
147Kb / 2P
   Medical Switch-Mode Power Supply
MENB1010A0503F01 SLPOWER-MENB1010A0503F01 Datasheet
147Kb / 2P
   Medical Switch-Mode Power Supply
MENB1010A0503F01 SLPOWER-MENB1010A0503F01 Datasheet
134Kb / 2P
   Medical Switch-Mode Power Supply
MENB1010A0603F01 SLPOWER-MENB1010A0603F01 Datasheet
147Kb / 2P
   Medical Switch-Mode Power Supply
MENB1010A0603F01 SLPOWER-MENB1010A0603F01 Datasheet
134Kb / 2P
   Medical Switch-Mode Power Supply
More results

Similar Description - MENB1050A2403F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MENB1121 SLPOWER-MENB1121_13 Datasheet
180Kb / 2P
   Medical Switch-Mode Power Supply
MW173KB SLPOWER-MW173KB Datasheet
129Kb / 3P
   Medical Switch-Mode Power Supply
MW174KB SLPOWER-MW174KB Datasheet
361Kb / 2P
   Medical / Switch Mode Power Supply
MW152 SLPOWER-MW152 Datasheet
350Kb / 2P
   Medical / Switch Mode Power Supply
MENB1010 SLPOWER-MENB1010 Datasheet
147Kb / 2P
   Medical Switch-Mode Power Supply
MENB1020 SLPOWER-MENB1020 Datasheet
398Kb / 2P
   Medical Switch-Mode Power Supply
MW170KB SLPOWER-MW170KB Datasheet
153Kb / 3P
   Medical Switch-Mode Power Supply
MW172KB SLPOWER-MW172KB Datasheet
153Kb / 3P
   Medical Switch-Mode Power Supply
MENB1040 SLPOWER-MENB1040 Datasheet
212Kb / 2P
   Medical Switch-Mode Power Supply
MENB1060 SLPOWER-MENB1060 Datasheet
235Kb / 2P
   Medical Switch-Mode Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com