Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

238-997-93 Datasheet(PDF) 3 Page - Marl International Limited

Part # 238-997-93
Description  Direct replacement for T6.8 Slide Base
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

238-997-93 Datasheet(HTML) 3 Page - Marl International Limited

  238-997-93 Datasheet HTML 1Page - Marl International Limited 238-997-93 Datasheet HTML 2Page - Marl International Limited 238-997-93 Datasheet HTML 3Page - Marl International Limited 238-997-93 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
to order
also available
The products listed above illustrate all of the options available to order. These products may have custom modifications that
alter their operation beyond the generic information contained within this datasheet. Please contact sales for further
information.
RP = Reverse Polarity
BS EN ISO 9001:2008
approved manufacturer
238 series
Part numbers also available in the 238 series:
Part
Number
Colour
Voltage
Vopr
238-501-93-38
Red
28 Vac/dc
238-501-94-38
Red
48 Vac/dc
238-501-98-38
Red
24 Vac/dc
238-521-93-38
Yellow
28 Vac/dc
238-521-94-38
-
48 Vac/dc
238-532-93-38
Green
28 Vac/dc
238-532-94-38
Green
48 Vac/dc
238-930-93-38
Blue
28 Vac/dc
238-930-97
Blue
12 Vac/dc
238-993-93-38
Warm White
28 Vac/dc
238-993-94-38
Warm White
48 Vac/dc
238-993-97-38
Warm White
12 Vac/dc
238-997-93-38
White
28 Vac/dc
238-997-97
White
12 Vac/dc
238-997-98-38
White
24 Vac/dc
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 238 - version 2012-12-06-113557
page 3 of 4


Similar Part No. - 238-997-93

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
238-997-93 MARL-238-997-93 Datasheet
167Kb / 4P
   FILAMENT REPLACEMENT LEDs - T6.8SB Bi-Polar
238-997-93 MARL-238-997-93 Datasheet
206Kb / 4P
   filament replacement leds
More results

Similar Description - 238-997-93

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
238-501-98_1309 MARL-238-501-98_1309 Datasheet
206Kb / 4P
   Direct replacement for T6.8 Slide Base
208 MARL-208 Datasheet
271Kb / 5P
   Direct replacement for T6.8 Slide Base
258-501-64-38_1312 MARL-258-501-64-38_1312 Datasheet
204Kb / 4P
   Direct replacement for T6.8 Slide Base
258 MARL-258 Datasheet
266Kb / 5P
   Direct replacement for T6.8 Slide Base
209 MARL-209 Datasheet
271Kb / 5P
   Direct replacement for T5.5 Slide Base
207 MARL-207 Datasheet
260Kb / 5P
   Direct replacement for T1 쩐 Wedge Base F9
240-061-64_1309 MARL-240-061-64_1309 Datasheet
202Kb / 4P
   Direct replacement for BA15d
240 MARL-240 Datasheet
202Kb / 4P
   Direct replacement for BA15d
216 MARL-216 Datasheet
220Kb / 4P
   Direct replacement for BA22
231-501-21_1309 MARL-231-501-21_1309 Datasheet
283Kb / 5P
   Direct replacement for BA15s
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com