Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3906WT1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MMBT3906WT1
Description  General Purpose Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBT3906WT1 Datasheet(HTML) 2 Page - Motorola, Inc

  MMBT3906WT1 Datasheet HTML 1Page - Motorola, Inc MMBT3906WT1 Datasheet HTML 2Page - Motorola, Inc MMBT3906WT1 Datasheet HTML 3Page - Motorola, Inc MMBT3906WT1 Datasheet HTML 4Page - Motorola, Inc MMBT3906WT1 Datasheet HTML 5Page - Motorola, Inc MMBT3906WT1 Datasheet HTML 6Page - Motorola, Inc MMBT3906WT1 Datasheet HTML 7Page - Motorola, Inc MMBT3906WT1 Datasheet HTML 8Page - Motorola, Inc MMBT3906WT1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NPN MMBT3904WT1 PNP MMBT3906WT1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS(2)
DC Current Gain
(IC = 0.1 mAdc, VCE = 1.0 Vdc)
MMBT3904WT1
(IC = 1.0 mAdc, VCE = 1.0 Vdc)
(IC = 10 mAdc, VCE = 1.0 Vdc)
(IC = 50 mAdc, VCE = 1.0 Vdc)
(IC = 100 mAdc, VCE = 1.0 Vdc)
(IC = –0.1 mAdc, VCE = –1.0 Vdc)
MMBT3906WT1
(IC = –1.0 mAdc, VCE = –1.0 Vdc)
(IC = –10 mAdc, VCE = –1.0 Vdc)
(IC = –50 mAdc, VCE = –1.0 Vdc)
(IC = –100 mAdc, VCE = –1.0 Vdc)
hFE
40
70
100
60
30
60
80
100
60
30
300
300
Collector – Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
MMBT3904WT1
(IC = 50 mAdc, IB = 5.0 mAdc)
(IC = –10 mAdc, IB = –1.0 mAdc)
MMBT3906WT1
(IC = –50 mAdc, IB = –5.0 mAdc)
VCE(sat)
0.2
0.3
–0.25
–0.4
Vdc
Base – Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
MMBT3904WT1
(IC = 50 mAdc, IB = 5.0 mAdc)
(IC = –10 mAdc, IB = –1.0 mAdc)
MMBT3906WT1
(IC = –50 mAdc, IB = –5.0 mAdc)
VBE(sat)
0.65
–0.65
0.85
0.95
–0.85
–0.95
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = 10 mAdc, VCE = 20 Vdc, f = 100 MHz)
MMBT3904WT1
(IC = –10 mAdc, VCE = –20 Vdc, f = 100 MHz)
MMBT3906WT1
fT
300
250
MHz
Output Capacitance
(VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz)
MMBT3904WT1
(VCB = –5.0 Vdc, IE = 0, f = 1.0 MHz)
MMBT3906WT1
Cobo
4.0
4.5
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
MMBT3904WT1
(VEB = –0.5 Vdc, IC = 0, f = 1.0 MHz)
MMBT3906WT1
Cibo
8.0
10.0
pF
Input Impedance
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
MMBT3904WT1
(VCE = –10 Vdc, IC = –1.0 mAdc, f = 1.0 kHz)
MMBT3906WT1
hie
1.0
2.0
10
12
k
Voltage Feedback Ratio
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
MMBT3904WT1
(VCE = –10 Vdc, IC = –1.0 mAdc, f = 1.0 kHz)
MMBT3906WT1
hre
0.5
0.1
8.0
10
X 10– 4
Small – Signal Current Gain
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
MMBT3904WT1
(VCE = –10 Vdc, IC = –1.0 mAdc, f = 1.0 kHz)
MMBT3906WT1
hfe
100
100
400
400
Output Admittance
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
MMBT3904WT1
(VCE = –10 Vdc, IC = –1.0 mAdc, f = 1.0 kHz)
MMBT3906WT1
hoe
1.0
3.0
40
60
mmhos
Noise Figure
(VCE = 5.0 Vdc, IC = 100 mAdc, RS = 1.0 k Ω, f = 1.0 kHz)
MMBT3904WT1
(VCE = –5.0 Vdc, IC = –100 mAdc, RS = 1.0 k Ω, f = 1.0 kHz)
MMBT3906WT1
NF
5.0
4.0
dB
SWITCHING CHARACTERISTICS
Delay Time
(VCC = 3.0 Vdc, VBE = – 0.5 Vdc)
MMBT3904WT1
(VCC = –3.0 Vdc, VBE = 0.5 Vdc)
MMBT3906WT1
td
35
35
ns
Rise Time
(IC = 10 mAdc, IB1 = 1.0 mAdc)
MMBT3904WT1
(IC = –10 mAdc, IB1 = –1.0 mAdc)
MMBT3906WT1
tr
35
35
ns
Storage Time
(VCC = 3.0 Vdc, IC = 10 mAdc)
MMBT3904WT1
(VCC = –3.0 Vdc, IC = –10 mAdc)
MMBT3906WT1
ts
200
225
ns
Fall Time
(IB1 = IB2 = 1.0 mAdc)
MMBT3904WT1
(IB1 = IB2 = –1.0 mAdc)
MMBT3906WT1
tf
50
75
ns
2. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.


Similar Part No. - MMBT3906WT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT3906WT1 ONSEMI-MMBT3906WT1 Datasheet
296Kb / 12P
   GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
logo
Leshan Radio Company
MMBT3906WT1 LRC-MMBT3906WT1 Datasheet
455Kb / 9P
   General Purpose Transistors(NPN and PNP Silicon)
logo
ON Semiconductor
MMBT3906WT1 ONSEMI-MMBT3906WT1 Datasheet
166Kb / 12P
   General Purpose Transistors
January, 2011 ??Rev. 7
MMBT3906WT1 ONSEMI-MMBT3906WT1 Datasheet
236Kb / 12P
   General Purpose Transistors NPN and PNP Silicon
November, 2011 ??Rev. 8
MMBT3906WT1G ONSEMI-MMBT3906WT1G Datasheet
166Kb / 12P
   General Purpose Transistors
January, 2011 ??Rev. 7
More results

Similar Description - MMBT3906WT1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com