Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

236-046-97 Datasheet(PDF) 3 Page - Marl International Limited

Part # 236-046-97
Description  Direct replacement for T1 쩐 Midget Flange SX6s
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

236-046-97 Datasheet(HTML) 3 Page - Marl International Limited

  236-046-97 Datasheet HTML 1Page - Marl International Limited 236-046-97 Datasheet HTML 2Page - Marl International Limited 236-046-97 Datasheet HTML 3Page - Marl International Limited 236-046-97 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
to order
also available
The products listed above illustrate all of the options available to order. These products may have custom modifications that
alter their operation beyond the generic information contained within this datasheet. Please contact sales for further
information.
RP = Reverse Polarity
BS EN ISO 9001:2008
approved manufacturer
236 series
Part numbers also available in the 236 series:
Part
Number
Colour
Voltage
Vopr
236-038-93
Warm White
28 Vac/dc
236-038-96
Warm White
6 Vac/dc
236-038-97
Warm White
12 Vac/dc
236-038-98
Warm White
24 Vac/dc
236-040-93
Orange
28 Vac/dc
236-040-94
Orange
48 Vac/dc
236-042-93
Red
28 Vac/dc
236-042-94
Red
48 Vac/dc
236-042-96
Red
6 Vac/dc
236-042-97
Red
12 Vac/dc
236-042-98
Red
24 Vac/dc
236-043-93
Yellow
28 Vac/dc
236-043-96
Yellow
6 Vac/dc
236-043-97
Yellow
12 Vac/dc
236-043-98
Yellow
24 Vac/dc
236-044-93
Green
28 Vac/dc
236-044-94
Green
48 Vac/dc
236-044-96
Green
6 Vac/dc
236-045-93
Blue
28 Vac/dc
236-045-94
Blue
48 Vac/dc
236-045-96
Blue
6 Vac/dc
236-045-97
Blue
12 Vac/dc
236-045-98
Blue
24 Vac/dc
236-046-93
White
28 Vac/dc
236-046-94
White
48 Vac/dc
236-046-96
White
6 Vac/dc
236-046-97
White
12 Vac/dc
236-046-98
White
24 Vac/dc
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 236 - version 2012-12-06-113552
page 3 of 4


Similar Part No. - 236-046-97

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
236-046-97 MARL-236-046-97 Datasheet
265Kb / 4P
   filament replacement leds
236-046-97 MARL-236-046-97 Datasheet
265Kb / 4P
   High intensity, single chip LED technology
More results

Similar Description - 236-046-97

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
236-038-93_1307 MARL-236-038-93_1307 Datasheet
265Kb / 4P
   Direct replacement for T1 쩐 Midget Flange SX6s
206 MARL-206 Datasheet
277Kb / 5P
   Direct replacement for T1 쩐 Midget Flange SX6s
235-038-93_1307 MARL-235-038-93_1307 Datasheet
254Kb / 4P
   Direct replacement for T1 쩐 Midget Groove S5.7s
235 MARL-235 Datasheet
193Kb / 4P
   Direct replacement for T1 쩐 Midget Groove S5.7s
205 MARL-205 Datasheet
274Kb / 5P
   Direct replacement for T1 쩐 Midget Groove S5.7s
202 MARL-202 Datasheet
273Kb / 5P
   Direct replacement for French Style T1 Midget Flange SX3s
204 MARL-204 Datasheet
280Kb / 5P
   Direct replacement for T1 쩐 Bi-Pin
207 MARL-207 Datasheet
260Kb / 5P
   Direct replacement for T1 쩐 Wedge Base F9
212 MARL-212 Datasheet
266Kb / 5P
   Direct replacement for T1 쩐 Lilliput Edison Screw E5
207-501-21-38 MARL-207-501-21-38 Datasheet
257Kb / 3P
   FILAMENT REPLACEMENT LEDs - T1 쩐
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com