Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

604 Datasheet(PDF) 3 Page - Marl International Limited

Part # 604
Description  횠5.0mm mounting Robust bright nickel plated brass housing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

604 Datasheet(HTML) 3 Page - Marl International Limited

  604 Datasheet HTML 1Page - Marl International Limited 604 Datasheet HTML 2Page - Marl International Limited 604 Datasheet HTML 3Page - Marl International Limited 604 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
de-rating information
to order
BS EN ISO 9001:2008
approved manufacturer
604 series
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph A
10
20
30
40
50
6
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph H
10
20
30
40
50
8
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph R
10
20
30
40
50
8.5
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph Y
10
20
30
40
50
also available
Part numbers also available in the 604 series:
Part
Number
Colour
Voltage
Vopr
604-301-20
Red
5/6 Vdc
604-301-21
Red
12 Vdc
604-301-23-19
Red
28 Vdc
604-303-21
Red
12 Vdc
604-312-04
Green
20 mA dc
604-324-20-19
Green
5/6 Vdc
604-324-22-19
Green
24 Vdc
604-324-23-19
Green
28 Vdc
604-325-23-19
Yellow
28 Vdc
604-934-21
Blue
12 Vdc
604-998-04-19
White
20 mA dc
The products listed here illustrate all of
the options available to order. These
products may have custom modifications
that alter their operation beyond the
generic information contained within this
datasheet. Please contact sales for
further information.
* = These products do not contain
integral resistors
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 604 - version 2012-12-06-113905
page 3 of 4


Similar Part No. - 604

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
604-1 ETC2-604-1 Datasheet
385Kb / 1P
   TERMINAL BOARDS & STRIPS
604-10 ETC2-604-10 Datasheet
385Kb / 1P
   TERMINAL BOARDS & STRIPS
604-2 ETC2-604-2 Datasheet
385Kb / 1P
   TERMINAL BOARDS & STRIPS
604-3 ETC2-604-3 Datasheet
385Kb / 1P
   TERMINAL BOARDS & STRIPS
logo
Marl International Limi...
604-301-04 MARL-604-301-04 Datasheet
274Kb / 3P
   PROFESSIONAL LED INDICATORS 횠5.0mm Mounting
More results

Similar Description - 604

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
603 MARL-603 Datasheet
464Kb / 4P
   횠5.0mm mounting Robust bright nickel plated brass housing
507 MARL-507 Datasheet
434Kb / 5P
   횠8.1mm mounting Robust bright nickel plated brass housing
512 MARL-512 Datasheet
432Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
531 MARL-531 Datasheet
317Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
514 MARL-514 Datasheet
373Kb / 4P
   횠12.7mm mounting Robust bright nickel plated brass housing
508 MARL-508 Datasheet
433Kb / 5P
   횠8.1mm mounting Robust bright nickel plated brass housing
515 MARL-515 Datasheet
397Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
511 MARL-511 Datasheet
432Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
603-301-04_1309 MARL-603-301-04_1309 Datasheet
464Kb / 4P
   Robust bright nickel plated brass housing
604-301-04_1309 MARL-604-301-04_1309 Datasheet
460Kb / 4P
   Robust bright nickel plated brass housing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com