Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

538-521-76 Datasheet(PDF) 4 Page - Marl International Limited

Part # 538-521-76
Description  횠12.7mm mounting Product will operate over a wide input voltage range
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

538-521-76 Datasheet(HTML) 4 Page - Marl International Limited

  538-521-76 Datasheet HTML 1Page - Marl International Limited 538-521-76 Datasheet HTML 2Page - Marl International Limited 538-521-76 Datasheet HTML 3Page - Marl International Limited 538-521-76 Datasheet HTML 4Page - Marl International Limited 538-521-76 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
de-rating information continued
to order
BS EN ISO 9001:2008
approved manufacturer
538 series
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph U
10
20
30
40
50
8.5
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 538 - version 2012-12-06-113852
page 4 of 5


Similar Part No. - 538-521-76

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
538-521-75 MARL-538-521-75 Datasheet
244Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
538-521-75 MARL-538-521-75 Datasheet
395Kb / 5P
   industrial panel lamps
538-521-75 MARL-538-521-75 Datasheet
275Kb / 2P
   PANEL INDICATOR LED
More results

Similar Description - 538-521-76

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
699 MARL-699 Datasheet
359Kb / 4P
   횠12.7mm mounting Product will operate over a wide input voltage range
652 MARL-652 Datasheet
406Kb / 4P
   횠12.7mm mounting Product will operate over a wide voltage range
532 MARL-532 Datasheet
256Kb / 4P
   횠12.7mm mounting Product will operate over a wide voltage range
537 MARL-537 Datasheet
316Kb / 5P
   횠8.1mm mounting Product will operate over a wide input voltage range
698 MARL-698 Datasheet
356Kb / 4P
   횠8.1mm mounting Product will operate over a wide input voltage range
537-501-75_1312 MARL-537-501-75_1312 Datasheet
316Kb / 5P
   Product will operate over a wide input voltage range
538-501-75_1312 MARL-538-501-75_1312 Datasheet
395Kb / 5P
   Product will operate over a wide input voltage range
534-501-75_1312 MARL-534-501-75_1312 Datasheet
382Kb / 5P
   Product will operate over a wide voltage range
532-102-63_1307 MARL-532-102-63_1307 Datasheet
256Kb / 4P
   Product will operate over a wide voltage range
652-105-75_1309 MARL-652-105-75_1309 Datasheet
407Kb / 4P
   Product will operate over a wide voltage range
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com