Electronic Components Datasheet Search |
|
04023A1R5DAT2A Datasheet(PDF) 3 Page - AVX Corporation |
|
04023A1R5DAT2A Datasheet(HTML) 3 Page - AVX Corporation |
3 / 4 page 6 C0G (NP0) Dielectric Capacitance Range Letter AB CE G J K M N P Q X Y Z Max. 0.33 0.22 0.56 0.71 0.90 0.94 1.02 1.27 1.40 1.52 1.78 2.29 2.54 2.79 Thickness (0.013) (0.009) (0.022) (0.028) (0.035) (0.037) (0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110) PAPER EMBOSSED SIZE 01005 0201 0402 0603 0805 1206 Soldering Reflow Only Reflow Only Reflow/Wave Reflow/Wave Reflow/Wave Reflow/Wave Packaging All Paper All Paper All Paper All Paper Paper/Embossed Paper/Embossed (L) Length mm 0.40 ± 0.02 0.60 ± 0.03 1.00 ± 0.10 1.60 ± 0.15 2.01 ± 0.20 3.20 ± 0.20 (in.) (0.016 ± 0.0008) (0.024 ± 0.001) (0.040 ± 0.004) (0.063 ± 0.006) (0.079 ± 0.008) (0.126 ± 0.008) (W) Width mm 0.20 ± 0.02 0.30 ± 0.03 0.50 ± 0.10 0.81 ± 0.15 1.25 ± 0.20 1.60 ± 0.20 (in.) (0.008 ± 0.0008) (0.011 ± 0.001) (0.020 ± 0.004) (0.032 ± 0.006) (0.049 ± 0.008) (0.063 ± 0.008) (t) Terminal mm 0.10 ± 0.04 0.15 ± 0.05 0.25 ± 0.15 0.35 ± 0.15 0.50 ± 0.25 0.50 ± 0.25 (in.) (0.004 ± 0.016) (0.006 ± 0.002) (0.010 ± 0.006) (0.014 ± 0.006) (0.020 ± 0.010) (0.020 ± 0.010) WVDC 16 25 50 16 25 50 16 25 50 100 16 25 50 100 200 16 25 50 100 200 500 Cap 0.5 A C C C G G G G J J J J J J J J J J J (pF) 1.0 B A C C C G G G G J J J J J J J J J J J 1.2 B A C C C G G G G J J J J J J J J J J J 1.5 B A A C C C G G G G J J J J J J J J J J J 1.8 B A A C C C G G G G J J J J J J J J J J J 2.2 B A A C C C G G G G J J J J J J J J J J J 2.7 B A A C C C G G G G J J J J J J J J J J J 3.3 B A A C C C G G G G J J J J J J J J J J J 3.9 B A A C C C G G G G J J J J J J J J J J J 4.7 B A A C C C G G G G J J J J J J J J J J J 5.6 B A A C C C G G G G J J J J J J J J J J J 6.8 B A A C C C G G G G J J J J J J J J J J J 8.2 B A A C C C G G G G J J J J J J J J J J J 10 B A A CCC G G G G J J J J J J J J J J J 12 B A A CCC G G G G J J J J J J J J J J J 15 B A A CCC G G G G J J J J J J J J J J J 18 B A A CCC G G G G J J J J J J J J J J J 22 B A A CCC G G G G J J J J J J J J J J J 27 A A CCC G G G G J J J J J J J J J J J 33 A A CCC G G G G J J J J J J J J J J J 39 A CCC G G G G J J J J J J J J J J J 47 A CCC G G G G J J J J J J J J J J J 56 A CCC G G G G J J J J J J J J J J J 68 A CCC G G G G J J J J J J J J J J J 82 A CCC G G G G J J J J J J J J J J J 100 A C C C G G G G J J J J J J J J J J J 120 C C C G G G G J J J J J J J J J J J 150 C C C G G G G J J J J J J J J J J J 180 C C C G G G G J J J J J J J J J J J 220 C C C G G G G J J J J J J J J J J M 270 C C C G G G G J J J J M J J J J J M 330 C C C G G G G J J J J M J J J J J M 390 C C C G G G J J J J M J J J J J M 470 C C C G G G J J J J M J J J J J M 560 G G G J J J J M J J J J J M 680 G G G J J J J J J J J J P 820 G G G J J J J J J J J M 1000 G G G J J J J J J J J Q 1200 JJ J J J J J Q 1500 JJ J J J J M Q 1800 JJ J J J M M 2200 JJ N J J M P 2700 JJ N J J M P 3300 JJ J J M P 3900 JJ J J M P 4700 JJ J J M P 5600 JJ M 6800 MM 8200 MM Cap 0.010 MM (µF) 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.068 0.082 0.1 WVDC 25 50 16 25 50 16 25 50 100 16 25 50 100 200 16 25 50 100 200 500 SIZE 01005 0201 0402 0603 0805 1206 L W T t PREFERRED SIZES ARE SHADED |
Similar Part No. - 04023A1R5DAT2A |
|
Similar Description - 04023A1R5DAT2A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |