Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

04023A3R9CAT2A Datasheet(PDF) 2 Page - AVX Corporation

Part # 04023A3R9CAT2A
Description  C0G (NP0) Dielectric
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

04023A3R9CAT2A Datasheet(HTML) 2 Page - AVX Corporation

  04023A3R9CAT2A Datasheet HTML 1Page - AVX Corporation 04023A3R9CAT2A Datasheet HTML 2Page - AVX Corporation 04023A3R9CAT2A Datasheet HTML 3Page - AVX Corporation 04023A3R9CAT2A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5
C0G (NP0) Dielectric
Specifications and Test Methods
Parameter/Test
NP0 Specification Limits
Measuring Conditions
Operating Temperature Range
-55ºC to +125ºC
Temperature Cycle Chamber
Capacitance
Within specified tolerance
Freq.: 1.0 MHz ± 10% for cap ≤ 1000 pF
Q
<30 pF: Q≥ 400+20 x Cap Value
1.0 kHz ± 10% for cap > 1000 pF
≥30 pF: Q≥ 1000
Voltage: 1.0Vrms ± .2V
Insulation Resistance
100,000MΩ or 1000MΩ - μF,
Charge device with rated voltage for
whichever is less
60 ± 5 secs @ room temp/humidity
Charge device with 300% of rated voltage for
Dielectric Strength
No breakdown or visual defects
1-5 seconds, w/charge and discharge current
limited to 50 mA (max)
Note: Charge device with 150% of rated
voltage for 500V devices.
Appearance
No defects
Deflection: 2mm
Capacitance
Test Time: 30 seconds
Resistance to
Variation
±5% or ±.5 pF, whichever is greater
Flexure
Q
Meets Initial Values (As Above)
Stresses
Insulation
≥ Initial Value x 0.3
Resistance
Solderability
≥ 95% of each terminal should be covered
Dip device in eutectic solder at 230 ± 5ºC
with fresh solder
for 5.0 ± 0.5 seconds
Appearance
No defects, <25% leaching of either end terminal
Capacitance
Variation
≤ ±2.5% or ±.25 pF, whichever is greater
Dip device in eutectic solder at 260ºC for 60
Q
Meets Initial Values (As Above)
seconds. Store at room temperature for 24 ± 2
Resistance to
hours before measuring electrical properties.
Solder Heat
Insulation
Meets Initial Values (As Above)
Resistance
Dielectric
Meets Initial Values (As Above)
Strength
Appearance
No visual defects
Step 1: -55ºC ± 2º
30 ± 3 minutes
Capacitance
Variation
≤ ±2.5% or ±.25 pF, whichever is greater
Step 2: Room Temp
≤ 3 minutes
Q
Meets Initial Values (As Above)
Step 3: +125ºC ± 2º
30 ± 3 minutes
Thermal
Shock
Insulation
Meets Initial Values (As Above)
Step 4: Room Temp
≤ 3 minutes
Resistance
Dielectric
Meets Initial Values (As Above)
Repeat for 5 cycles and measure after
Strength
24 hours at room temperature
Appearance
No visual defects
Capacitance
Variation
≤ ±3.0% or ± .3 pF, whichever is greater
Charge device with twice rated voltage in
≥ 30 pF:
Q≥ 350
test chamber set at 125ºC ± 2ºC
Load Life
Q
≥10 pF, <30 pF:
Q≥ 275 +5C/2
for 1000 hours (+48, -0).
(C=Nominal Cap)
<10 pF:
Q≥ 200 +10C
Insulation
≥ Initial Value x 0.3 (See Above)
Remove from test chamber and stabilize at
Resistance
room temperature for 24 hours
Dielectric
Meets Initial Values (As Above)
before measuring.
Strength
Appearance
No visual defects
Capacitance
Variation
≤ ±5.0% or ± .5 pF, whichever is greater
Store in a test chamber set at 85ºC ± 2ºC/
≥ 30 pF:
Q≥ 350
85% ± 5% relative humidity for 1000 hours
Load
Q
≥10 pF, <30 pF:
Q≥ 275 +5C/2
(+48, -0) with rated voltage applied.
Humidity
<10 pF:
Q≥ 200 +10C
Insulation
≥ Initial Value x 0.3 (See Above)
Remove from chamber and stabilize at
Resistance
room temperature for 24 ± 2 hours
Dielectric
Meets Initial Values (As Above)
before measuring.
Strength
1mm/sec
90 mm


Similar Part No. - 04023A3R9CAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04023A3R3CAT2A AVX-04023A3R3CAT2A Datasheet
134Kb / 4P
   C0G (NP0) Dielectric
04023A3R3DAT2A AVX-04023A3R3DAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
More results

Similar Description - 04023A3R9CAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04025A2R4CAT2A AVX-04025A2R4CAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A2R7JAT2A AVX-04025A2R7JAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A3R9BAT2A AVX-04025A3R9BAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A4R7JAT2A AVX-04025A4R7JAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A4R7KAT2A AVX-04025A4R7KAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
06031A3R9D4T2A AVX-06031A3R9D4T2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
06031A4R3BAT2A AVX-06031A4R3BAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
06031A4R3CAT2A AVX-06031A4R3CAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04023A2R2CAT2A AVX-04023A2R2CAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04023A2R7BAT2A AVX-04023A2R7BAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04023A3R3DAT2A AVX-04023A3R3DAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com