Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

651-111-22-08 Datasheet(PDF) 3 Page - Marl International Limited

Part # 651-111-22-08
Description  횠12.7mm mounting Black anodised aluminium housing
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

651-111-22-08 Datasheet(HTML) 3 Page - Marl International Limited

  651-111-22-08 Datasheet HTML 1Page - Marl International Limited 651-111-22-08 Datasheet HTML 2Page - Marl International Limited 651-111-22-08 Datasheet HTML 3Page - Marl International Limited 651-111-22-08 Datasheet HTML 4Page - Marl International Limited 651-111-22-08 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
de-rating information
to order
BS EN ISO 9001:2008
approved manufacturer
651 series
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph B
10
20
30
40
50
8
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph C
10
20
30
40
50
also available
Part numbers also available in the 651 series:
Part
Number
Colour
Voltage
Vopr
651-102-04
Red
20 mA dc
651-102-20
Red
5/6 Vdc
651-102-22
Red
24 Vdc
651-102-22-07
Red
24 Vdc
651-102-22-08
Red
24 Vdc
651-102-23
Red
28 Vdc
651-102-24
Red
48 Vdc
651-102-75
Red
110 Vac 50 Hz
651-102-76
Red
230 Vac 50 Hz
651-102-76-08
Red
230 Vac 50 Hz
651-102-76-15
Red
230 Vac 50 Hz
651-105-04
Red
20 mA dc
651-105-20
Red
5/6 Vdc
651-105-22
Red
24 Vdc
651-105-22-08
Red
24 Vdc
651-105-22-15
Red
24 Vdc
Part
Number
Colour
Voltage
Vopr
651-105-23-15
Red
28 Vdc
651-105-24
Red
48 Vdc
651-105-75
Red
110 Vac 50 Hz
651-105-75-07
Red
110 Vac 50 Hz
651-105-75-08
Red
110 Vac 50 Hz
651-105-76
Red
230 Vac 50 Hz
651-105-76-08
Red
230 Vac 50 Hz
651-111-04
Yellow
20 mA dc
651-111-20
Yellow
5/6 Vdc
651-111-22
Yellow
24 Vdc
651-111-22-08
Yellow
24 Vdc
651-111-48
Yellow
60 Vdc
651-111-75
Yellow
110 Vac 50 Hz
651-111-76
Yellow
230 Vac 50 Hz
651-114-04
Green
20 mA dc
651-114-20
Green
5/6 Vdc
Part
Number
Colour
Voltage
Vopr
651-114-22
Green
24 Vdc
651-114-22-08
Green
24 Vdc
651-114-23
Green
28 Vdc
651-114-75
Green
110 Vac 50 Hz
The products listed here illustrate all of
the options available to order. These
products may have custom modifications
that alter their operation beyond the
generic information contained within this
datasheet. Please contact sales for
further information.
* = These products do not contain
integral resistors
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 651 - version 2012-12-06-113936
page 3 of 5


Similar Part No. - 651-111-22-08

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
651-111-22-08 MARL-651-111-22-08 Datasheet
430Kb / 5P
   Suitable for high vibration applications
More results

Similar Description - 651-111-22-08

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
692 MARL-692 Datasheet
417Kb / 4P
   횠12.7mm mounting Black anodised aluminium housing
695 MARL-695 Datasheet
482Kb / 5P
   횠12.7mm mounting Natural anodised aluminium
671 MARL-671 Datasheet
374Kb / 4P
   횠25.4mm mounting Black anodised aluminium housing
684 MARL-684 Datasheet
415Kb / 4P
   횠6.35mm mounting Black anodised aluminium housing
643 MARL-643 Datasheet
401Kb / 4P
   횠8.1mm mounting Black anodised aluminium housing
672 MARL-672 Datasheet
401Kb / 4P
   횠25.4mm mounting Black anodised aluminium housing
676 MARL-676 Datasheet
421Kb / 4P
   횠8.1mm mounting Black anodised aluminium housing
678 MARL-678 Datasheet
405Kb / 4P
   횠16.0mm mounting Black anodised aluminium housing
696 MARL-696 Datasheet
415Kb / 4P
   횠6.1mm mounting Black anodised aluminium housing
610 MARL-610 Datasheet
411Kb / 4P
   횠6.35mm mounting Black anodised aluminium housing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com