Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

695-532-23 Datasheet(PDF) 3 Page - Marl International Limited

Part # 695-532-23
Description  횠12.7mm mounting Natural anodised aluminium
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

695-532-23 Datasheet(HTML) 3 Page - Marl International Limited

  695-532-23 Datasheet HTML 1Page - Marl International Limited 695-532-23 Datasheet HTML 2Page - Marl International Limited 695-532-23 Datasheet HTML 3Page - Marl International Limited 695-532-23 Datasheet HTML 4Page - Marl International Limited 695-532-23 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
de-rating information
to order
BS EN ISO 9001:2008
approved manufacturer
695 series
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph D
10
20
30
40
50
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph F
10
20
30
40
50
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph I
10
20
30
40
50
8.5
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph Q
10
20
30
40
50
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph U
10
20
30
40
50
8.5
also available
Part numbers also available in the 695 series:
Part
Number
Colour
Voltage
Vopr
695-501-20-15
Red
5/6 Vdc
695-501-21-52
Red
12 Vdc
695-501-22-50
Red
24 Vdc
695-501-22-52
Red
24 Vdc
695-501-25-50
Red
110 Vdc
695-501-25-52
Red
110 Vdc
695-501-25-54
Red
110 Vdc
695-501-75
Red
110 Vac 50 Hz
695-501-76
Red
230 Vac 50 Hz
695-509-22
Yellow
24 Vdc
695-509-75
Yellow
110 Vac 50 Hz
695-521-22-51
Yellow
24 Vdc
695-521-23-50
Yellow
28 Vdc
695-521-25-50
Yellow
110 Vdc
695-521-25-52
Yellow
110 Vdc
695-521-25-53
Yellow
110 Vdc
Part
Number
Colour
Voltage
Vopr
695-521-58
Yellow
70 Vdc
695-521-58-19
Yellow
70 Vdc
695-521-72
Yellow
24 Vac 50 Hz
695-521-74
Yellow
48 Vac 50 Hz
695-521-75
Yellow
110 Vac 50 Hz
695-521-76
-
230 Vac 50 Hz
695-532-22-50
Green
24 Vdc
695-532-25-50
Green
110 Vdc
695-532-25-52
Green
110 Vdc
695-532-41-50
Green
8 Vdc
695-532-52-50
Green
5 Vdc
695-532-58
Green
70 Vdc
695-532-58-19
Green
70 Vdc
695-532-75
Green
110 Vac 50 Hz
695-532-76
Green
230 Vac 50 Hz
695-906-75
-
110 Vac 50 Hz
Part
Number
Colour
Voltage
Vopr
695-930-22-50
Blue
24 Vdc
695-930-23
Blue
28 Vdc
695-930-25
Blue
110 Vdc
695-930-25-50
Blue
110 Vdc
The products listed here illustrate all of
the options available to order. These
products may have custom modifications
that alter their operation beyond the
generic information contained within this
datasheet. Please contact sales for
further information.
* = These products do not contain
integral resistors
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 695 - version 2013-02-20-173640
page 3 of 5


Similar Part No. - 695-532-23

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
695-532-23 MARL-695-532-23 Datasheet
264Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
695-532-23 MARL-695-532-23 Datasheet
474Kb / 5P
   high performance panel lamps
More results

Similar Description - 695-532-23

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
651 MARL-651 Datasheet
430Kb / 5P
   횠12.7mm mounting Black anodised aluminium housing
692 MARL-692 Datasheet
417Kb / 4P
   횠12.7mm mounting Black anodised aluminium housing
671 MARL-671 Datasheet
374Kb / 4P
   횠25.4mm mounting Black anodised aluminium housing
684 MARL-684 Datasheet
415Kb / 4P
   횠6.35mm mounting Black anodised aluminium housing
643 MARL-643 Datasheet
401Kb / 4P
   횠8.1mm mounting Black anodised aluminium housing
672 MARL-672 Datasheet
401Kb / 4P
   횠25.4mm mounting Black anodised aluminium housing
676 MARL-676 Datasheet
421Kb / 4P
   횠8.1mm mounting Black anodised aluminium housing
678 MARL-678 Datasheet
405Kb / 4P
   횠16.0mm mounting Black anodised aluminium housing
696 MARL-696 Datasheet
415Kb / 4P
   횠6.1mm mounting Black anodised aluminium housing
610 MARL-610 Datasheet
411Kb / 4P
   횠6.35mm mounting Black anodised aluminium housing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com