Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MENT1220 Datasheet(PDF) 1 Page - SL Power Electronics

Part # MENT1220
Description  Medical Switch-Mode Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MENT1220 Datasheet(HTML) 1 Page - SL Power Electronics

  MENT1220 Datasheet HTML 1Page - SL Power Electronics MENT1220 Datasheet HTML 2Page - SL Power Electronics MENT1220 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
______________________________________________________________________________________________________________________________
1 of 3
SL Power Electronics Corp 6050 King Drive Ventura, CA 93003 Phone 805.486.4565 • Fax 858.712.2040 Email: info@slpower.com www.slpower.com
Specifications
All Specifications are typical at nominal input, full load at 25°C unless otherwise stated.
AC Input
100-240VAC, +/-10%, 47-63 Hz single phase
MTBF
>100,000 hours (calculated)
Input Current
115VAC: 4A max, 230VAC: 1.5A max
Hold-up Time
21 ms min. @ 100VAC
Inrush Current
75A max. @ 264VAC, Cold Start
Overvoltage Protection
130% of nominal output voltage
Input Fuses
Internal 6.3A Primary Current Fuses are provided
Overload Protection
110-150% of full rated load, auto-recovery
PFC, Harmonics
IEC61000-3-2
Short Circuit Protection
Hiccup Mode, auto-recovery
Earth Leakage Current
<350µA typical @264VAC, 50Hz
Switching Frequency
50-120kHz, variable
Efficiency
88% typical
Medical Safety Standards
EN/IEC/UL60601-1
No Load Power
<0.5W
ITE Safety Standards
EN/IEC/UL60950-1
Transient Response
5ms max. for 50% load step
Max deviation is 5%
Isolation:
Input-Output: 4KVac, Input-GND: 1.5KVac
Output-GND: 700Vdc
Output Voltage
See chart
Operating Temp.
0° - 70°C, derate above 40°C to
60% of full rated load at 70°C
Line Regulation:
+/-0.5% max
Storage Temperature
-20 to +85°C
Load Regulation
+/-3% max
Relative Humidity
5% to 95%, non-condensing
Minimum Load
Not required
Altitude
0 to 10,000 ft
Ripple and Noise
1% pk-pk max., 20MHz BW, differential mode
Case Material
Black 94V-0 rated Polycarbonate
Turn-on Time
3 sec. maximum @ 115VAC
Case Dimensions
Desktop Style: 8.4” x 4.25” x 1.85”
Output Connections
See chart and outline drawing
Weight
1200g
MENT1220
Universal 220 Watt Series
Medical Switch-Mode Power Supply
3Year Warranty
Universal Input 100Vac – 240Vac
12V to 48V Single Output Models up to 220W
Desktop Style/Non-vented case - No internal fan!
Ribbed Case Surface to improve cooling
Energy Star 2.0, Level V
Certified to Medical (UL/IEC/EN60601-1) and
ITE (UL/IEC/EN60950-1) Standards
IPX1 Rated Enclosure
Class I and Class II input versions available.
Modified and Custom Designs


Similar Part No. - MENT1220

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MENT1150 SLPOWER-MENT1150 Datasheet
259Kb / 2P
   Universal Input 150 Watt Series
MENT1150A SLPOWER-MENT1150A Datasheet
259Kb / 2P
   Medical / ITE Switch-Mode Power Supply
MENT1150A1251F01 SLPOWER-MENT1150A1251F01 Datasheet
259Kb / 2P
   Universal Input 150 Watt Series
MENT1150A1251F01 SLPOWER-MENT1150A1251F01 Datasheet
259Kb / 2P
   Medical / ITE Switch-Mode Power Supply
MENT1150A1251F02 SLPOWER-MENT1150A1251F02 Datasheet
259Kb / 2P
   Medical / ITE Switch-Mode Power Supply
More results

Similar Description - MENT1220

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MENB1121 SLPOWER-MENB1121_13 Datasheet
180Kb / 2P
   Medical Switch-Mode Power Supply
MW173KB SLPOWER-MW173KB Datasheet
129Kb / 3P
   Medical Switch-Mode Power Supply
MW174KB SLPOWER-MW174KB Datasheet
361Kb / 2P
   Medical / Switch Mode Power Supply
MW152 SLPOWER-MW152 Datasheet
350Kb / 2P
   Medical / Switch Mode Power Supply
MENB1010 SLPOWER-MENB1010 Datasheet
147Kb / 2P
   Medical Switch-Mode Power Supply
MENB1050 SLPOWER-MENB1050 Datasheet
261Kb / 2P
   Medical Switch-Mode Power Supply
MENB1020 SLPOWER-MENB1020 Datasheet
398Kb / 2P
   Medical Switch-Mode Power Supply
MW170KB SLPOWER-MW170KB Datasheet
153Kb / 3P
   Medical Switch-Mode Power Supply
MW172KB SLPOWER-MW172KB Datasheet
153Kb / 3P
   Medical Switch-Mode Power Supply
MENB1040 SLPOWER-MENB1040 Datasheet
212Kb / 2P
   Medical Switch-Mode Power Supply
MENB1060 SLPOWER-MENB1060 Datasheet
235Kb / 2P
   Medical Switch-Mode Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com