Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

677-521-23 Datasheet(PDF) 2 Page - Marl International Limited

Part # 677-521-23
Description  EMC version with internal stainless steel mesh 횠8.1mm mounting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

677-521-23 Datasheet(HTML) 2 Page - Marl International Limited

  677-521-23 Datasheet HTML 1Page - Marl International Limited 677-521-23 Datasheet HTML 2Page - Marl International Limited 677-521-23 Datasheet HTML 3Page - Marl International Limited 677-521-23 Datasheet HTML 4Page - Marl International Limited 677-521-23 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
technical data
Dimensions in mm (typical)
Not to scale
technical characteristics
Series
Max. Power
Dissipation
Max. Reverse
Voltage
Panel Cutout
Nut Mounting
Torque
Min. Mounting
Centres
Max. Panel
Thickness
units
mW
Vdc
mm
Nm
mm
mm
to order
Mounting hole to be clean and burr free
* = Current Version
^ = Voltage Version
BS EN ISO 9001:2008
approved manufacturer
677 EMC series
3.2
23.8
6
7.5+0.1
0
Mounting Hole
Anode termination denoted by red indicator
housing material
Body
Nut
Panel Seal
Fresnel Lens
Encapsulation
Lock Washer
push on connectors
Header
Header
Header
Termination
925-000-00 is brass tin plated - for use
with 677 series lamps
Dimensions in mm (typical). Not to scale.
Black Anodised Aluminium
Bright Nickel Plated Brass
Conductive Rubber
Silver Flash Coated Brass
PC5430 Resin
Spring Steel
Silver Flash Coated Brass
-
677
700
3*/1000^
8.1
0.6
14.5
1.5 - 13.0
optional flying lead terminations
Order Code
Suffix
Supply
Voltage
Wire
Colour
Wire
Length
No/Diameter
of Conductor
Diameter
Insulation
Comments
19
DC products
Red-anode/ Black-cathode
1000mm
Customised
lengths
available
19/0.15mm
1.2mm
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 677 EMC - version 2012-12-06-114032
page 2 of 5


Similar Part No. - 677-521-23

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
677-521-23 MARL-677-521-23 Datasheet
292Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
677-521-23 MARL-677-521-23 Datasheet
459Kb / 5P
   high performance panel lamps
677-521-23 MARL-677-521-23 Datasheet
254Kb / 2P
   PANEL INDICATOR LED
677-521-23-53 MARL-677-521-23-53 Datasheet
459Kb / 5P
   high performance panel lamps
677-521-23-53 MARL-677-521-23-53 Datasheet
230Kb / 2P
   PANEL INDICATOR LED
More results

Similar Description - 677-521-23

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
524 MARL-524 Datasheet
434Kb / 5P
   횠8.1mm mounting Robust stainless steel housing
logo
Cynergy3 Co
SSF211 CYNERGY3-SSF211 Datasheet
256Kb / 1P
   horizontal stainless steel compact internal fitting
logo
GardTec, Inc.
AFM-127M GARDTEC-AFM-127M Datasheet
348Kb / 1P
   Frame- 0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
AFM-60M GARDTEC-AFM-60M Datasheet
358Kb / 1P
   Frame-0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
AFM-92M GARDTEC-AFM-92M Datasheet
367Kb / 1P
   Frame- 0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
logo
Marl International Limi...
520 MARL-520 Datasheet
423Kb / 5P
   횠6.1mm mounting Robust stainless steel housing
logo
GardTec, Inc.
AFM-120M GARDTEC-AFM-120M Datasheet
365Kb / 1P
   Frame- 0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
AFM-162M GARDTEC-AFM-162M Datasheet
377Kb / 1P
   Frame- 0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
logo
Japan Aviation Electron...
FI-X20CH-NPB-7000 JAE-FI-X20CH-NPB-7000 Datasheet
124Kb / 1P
   STAINLESS STEEL
logo
Ralston Instruments.
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
   Stainless Steel
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com