Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

677-521-23 Datasheet(PDF) 5 Page - Marl International Limited

Part # 677-521-23
Description  EMC version with internal stainless steel mesh 횠8.1mm mounting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

677-521-23 Datasheet(HTML) 5 Page - Marl International Limited

  677-521-23 Datasheet HTML 1Page - Marl International Limited 677-521-23 Datasheet HTML 2Page - Marl International Limited 677-521-23 Datasheet HTML 3Page - Marl International Limited 677-521-23 Datasheet HTML 4Page - Marl International Limited 677-521-23 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
design considerations
to order
to order
Electro-Static Discharge (ESD)
Build up of electro-static discharge occurs in many situations involving people moving and handling products. The range of
possible situations is very diverse but voltage levels as high as several thousand volts can and do arise in many individual
situations. When an operator charged up to these levels handles a static sensitive device, there is a very probable likelihood
that the device will be irreversibly damaged. It is essential that precautions are taken at all stages during manufacture and
assembly of these products. Although LEDs were never considered to be static sensitive devices, changes in manufacturing
technology and materials used to produce higher intensity products over a large range of the wavelength spectrum have
changed this. Marl has an approved system of ESD control from goods in, through production and into final packing and
despatch. Marl recommend all users of LED based products follow the guidelines of BS 100015.
Power De-Rating
The forward voltage/ current value of an LED is dependant upon the ambient temperature of the environment in which it is
operated. Therefore, care must be taken to operate the LED at the correct voltage/ current values, depending upon the
ambient temperature. Consequently, a recommendation regarding operating voltages and currents is given in order to address
these temperature effects. This recommendation is termed ‘de-rating’. It is usual for forward voltages and currents to be
specified for ambient temperature of 25°C. However, because the values of these qualities vary with temperature, please refer
to the de-rating graphs for correct operation. Marl accept no liability for any product that is operated higher than the stated
voltage.
BS EN ISO 9001:2008
approved manufacturer
677 EMC series
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 677 EMC - version 2012-12-06-114032
page 5 of 5


Similar Part No. - 677-521-23

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
677-521-23 MARL-677-521-23 Datasheet
292Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
677-521-23 MARL-677-521-23 Datasheet
459Kb / 5P
   high performance panel lamps
677-521-23 MARL-677-521-23 Datasheet
254Kb / 2P
   PANEL INDICATOR LED
677-521-23-53 MARL-677-521-23-53 Datasheet
459Kb / 5P
   high performance panel lamps
677-521-23-53 MARL-677-521-23-53 Datasheet
230Kb / 2P
   PANEL INDICATOR LED
More results

Similar Description - 677-521-23

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
524 MARL-524 Datasheet
434Kb / 5P
   횠8.1mm mounting Robust stainless steel housing
logo
Cynergy3 Co
SSF211 CYNERGY3-SSF211 Datasheet
256Kb / 1P
   horizontal stainless steel compact internal fitting
logo
GardTec, Inc.
AFM-127M GARDTEC-AFM-127M Datasheet
348Kb / 1P
   Frame- 0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
AFM-60M GARDTEC-AFM-60M Datasheet
358Kb / 1P
   Frame-0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
AFM-92M GARDTEC-AFM-92M Datasheet
367Kb / 1P
   Frame- 0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
logo
Marl International Limi...
520 MARL-520 Datasheet
423Kb / 5P
   횠6.1mm mounting Robust stainless steel housing
logo
GardTec, Inc.
AFM-120M GARDTEC-AFM-120M Datasheet
365Kb / 1P
   Frame- 0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
AFM-162M GARDTEC-AFM-162M Datasheet
377Kb / 1P
   Frame- 0.6mm Aluminum Mesh- 24#/25.4mm Stainless Steel
logo
Japan Aviation Electron...
FI-X20CH-NPB-7000 JAE-FI-X20CH-NPB-7000 Datasheet
124Kb / 1P
   STAINLESS STEEL
logo
Ralston Instruments.
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
   Stainless Steel
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com