Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MINT1275 Datasheet(PDF) 2 Page - SL Power Electronics

Part # MINT1275
Description  275W Single Output Medical Series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1275 Datasheet(HTML) 2 Page - SL Power Electronics

  MINT1275 Datasheet HTML 1Page - SL Power Electronics MINT1275 Datasheet HTML 2Page - SL Power Electronics MINT1275 Datasheet HTML 3Page - SL Power Electronics MINT1275 Datasheet HTML 4Page - SL Power Electronics MINT1275 Datasheet HTML 5Page - SL Power Electronics MINT1275 Datasheet HTML 6Page - SL Power Electronics MINT1275 Datasheet HTML 7Page - SL Power Electronics MINT1275 Datasheet HTML 8Page - SL Power Electronics MINT1275 Datasheet HTML 9Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MINT1275
275W Single Output
Medical Series
www.slpower.com
MINT1275 REV 1.2, 15-JAN-13
2
General Specifications (continued)
Inrush Current
264Vac, cold start: will not exceed 50A
Signals
AC Power Fail, DC OK, Inhibit, Current Share
Input Fuses
F1, F2: 5A, 275VAC fuses provided on all
models
Overload
Protection
120%-150% of rating, Hiccup Mode
Earth Leakage
Current
<275μA@264Vac, 60Hz, NC; <400µA SFC
Short Circuit
Protection
Provided - no damage will occur if the output is
shorted. Hiccup Mode.
Efficiency
92% typical
Overvoltage
Protection
OVP latch at 110%-130% of rated output
voltage.
Output Power
275W continuous, with 200 lfm airflow, 180W
convection cooled – See chart for specific
voltage model ratings.
Switching
Frequency
PFC: Variable, 30kHz - 400kHz
Main Converter: Variable 30-250kHz, 65-70kHz
at full load.
Transient
Response
500μS typ. for return to within 0.5% of
nominal, 50% load step.
i/t <0.2A/µS.
Max Volt Deviation = 3%
Isolation
Input-Output:
4000Vac, 2 x MOPP
Input-Ground:
1800Vac, 1 x MOPP
Output-Ground: 1500Vac
Ripple and Noise
See chart
Operating
Temperature
-10°C to +70°C
Start Up at -40°C, full load
Output Voltage
See chart
Temperature
Derating
Derate output power linearly above 50°C to 50%
at 70°C
Voltage
Adjustability
+/-5% from nominal
Storage
Temperature
-40°C to +85°C
Minimum Load
Not required
Altitude
Operating: -500 to 10,000 ft.
Non-operating: -500 to 40,000 ft.
Total Regulation
+/- 3%. See chart
Relative Humidity
5% to 95%, non-condensing
Vibration
Operating: 0.003g
²/Hz, 1.5grms overall, 3
axes, 10 min/axis
Non-Operating: 0.026g
²/Hz, 5.0grms overall,
3 axes, 1 hr/axis
Shock
Operating: Half-sine, 20gpk, 10ms, 3 axes, 6
shocks total
Non-Operating: Half-sine, 40 gpk, 10 ms, 3
axes, 6 shocks total
Dimensions
W: 3.0” x L: 5.0” x H: 1.38”
Safety Standards
EN/CSA/UL/IEC 60601-1, 3
rd Edition
Weight
325g
MTBF
465,000 hours, 275W load, 25
°C Ambient,
110Vac input
Auxiliary Signals
AC Power Fail:
Goes LOW with 5mS warning before loss of
DC output after loss of AC power.
DC OK:
Open collector logic signal goes and stays HIGH
100mS to 500mS after main output reaches
regulation.
Inhibit:
Connect to inhibit pin (J201 pin 5) to output
common to inhibit the DC output.
Fan Output:
12V @ 1A
Remote Sense:
Compensates for up to 250mV drop in load
lines.
Current Share:
Forced Current Sharing provided for up to 5
units connected in parallel.


Similar Part No. - MINT1275

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1275A1214K01 SLPOWER-MINT1275A1214K01 Datasheet
2Mb / 9P
   275W Single Output
MINT1275A1514K01 SLPOWER-MINT1275A1514K01 Datasheet
2Mb / 9P
   275W Single Output
MINT1275A2414K01 SLPOWER-MINT1275A2414K01 Datasheet
2Mb / 9P
   275W Single Output
MINT1275A4814K01 SLPOWER-MINT1275A4814K01 Datasheet
2Mb / 9P
   275W Single Output
MINT1275A5614K01 SLPOWER-MINT1275A5614K01 Datasheet
2Mb / 9P
   275W Single Output
More results

Similar Description - MINT1275

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1275 SLPOWER-MINT1275_14 Datasheet
2Mb / 9P
   275W Single Output
MB65S SLPOWER-MB65S Datasheet
2Mb / 10P
   65W Single Output Medical Series
MINT1180 SLPOWER-MINT1180 Datasheet
384Kb / 3P
   180W SINGLE OUTPUT MEDICAL SERIES
MINT1175 SLPOWER-MINT1175 Datasheet
1Mb / 8P
   175W Single Output Medical Series
MB60S SLPOWER-MB60S Datasheet
2Mb / 9P
   60W Single Output Medical Series
logo
Emerson Network Power
NLP250MEDICAL_0910 EMERSON-NETWORKPOWER-NLP250MEDICAL_0910 Datasheet
577Kb / 4P
   Single Output Medical safeties
logo
SL Power Electronics
ME40 SLPOWER-ME40 Datasheet
670Kb / 4P
   40W Single Output External Power Medical Series
ME20 SLPOWER-ME20 Datasheet
659Kb / 4P
   20W Single Output External Power Medical Series
logo
Total Power Internation...
MPS-65 TOTAL-POWER-MPS-65 Datasheet
343Kb / 2P
   65W Single Output Medical Type
MPS-45 TOTAL-POWER-MPS-45 Datasheet
345Kb / 2P
   45W Single Output Medical Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com