Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

692-997-75-15 Datasheet(PDF) 1 Page - Marl International Limited

Part # 692-997-75-15
Description  횠12.7mm mounting Black anodised aluminium housing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

692-997-75-15 Datasheet(HTML) 1 Page - Marl International Limited

  692-997-75-15 Datasheet HTML 1Page - Marl International Limited 692-997-75-15 Datasheet HTML 2Page - Marl International Limited 692-997-75-15 Datasheet HTML 3Page - Marl International Limited 692-997-75-15 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
features
specifications
to order
Typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
692 series
• Ø12.7mm mounting
• Black anodised aluminium housing
• Flame retardant flying lead options
• Sealed to IP67
• Colour diffused lens
• Fully internally potted to resist shock and vibration
• Internal reverse protection diode fitted as standard
• Pack Quantity = 10 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
692-501-21
Red
12 Vdc
20
600
630
-40 - +80
-40 - +100
D
692-521-21
12 Vdc
20
-
692-532-21
Green
12 Vdc
20
800
515
-40 - +80
-40 - +100
F
692-930-21
Blue
12 Vdc
20
140
465
-30 - +85
-40 - +100
U
692-997-21
White
12 Vdc
20
1600
* See below
-20 - +75
-30 - +80
Q
692-501-23
Red
24 - 28 Vdc
20
600
630
-40 - +80
-40 - +100
D
692-521-23
24 - 28 Vdc
20
-
692-532-23
Green
24 - 28 Vdc
20
800
515
-40 - +80
-40 - +100
F
997F-L
*Typical emission colour White
x
0.3130
-
-
-
y
0.3290
-
-
-
- Intensities (lv) and colour shades of white (x, y co-ordinates) may vary between LEDs within a batch
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 3.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 692 - version 2012-12-06-114052
page 1 of 4


Similar Part No. - 692-997-75-15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
692-997-04 MARL-692-997-04 Datasheet
249Kb / 2P
   PANEL INDICATOR LED
692-997-20 MARL-692-997-20 Datasheet
249Kb / 2P
   PANEL INDICATOR LED
692-997-21 MARL-692-997-21 Datasheet
309Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
692-997-21 MARL-692-997-21 Datasheet
249Kb / 2P
   PANEL INDICATOR LED
692-997-23 MARL-692-997-23 Datasheet
309Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
More results

Similar Description - 692-997-75-15

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
651 MARL-651 Datasheet
430Kb / 5P
   횠12.7mm mounting Black anodised aluminium housing
695 MARL-695 Datasheet
482Kb / 5P
   횠12.7mm mounting Natural anodised aluminium
671 MARL-671 Datasheet
374Kb / 4P
   횠25.4mm mounting Black anodised aluminium housing
684 MARL-684 Datasheet
415Kb / 4P
   횠6.35mm mounting Black anodised aluminium housing
643 MARL-643 Datasheet
401Kb / 4P
   횠8.1mm mounting Black anodised aluminium housing
672 MARL-672 Datasheet
401Kb / 4P
   횠25.4mm mounting Black anodised aluminium housing
676 MARL-676 Datasheet
421Kb / 4P
   횠8.1mm mounting Black anodised aluminium housing
678 MARL-678 Datasheet
405Kb / 4P
   횠16.0mm mounting Black anodised aluminium housing
696 MARL-696 Datasheet
415Kb / 4P
   횠6.1mm mounting Black anodised aluminium housing
610 MARL-610 Datasheet
411Kb / 4P
   횠6.35mm mounting Black anodised aluminium housing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com