Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MINT1275A2414K01 Datasheet(PDF) 6 Page - SL Power Electronics

Part # MINT1275A2414K01
Description  275W Single Output Medical Series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1275A2414K01 Datasheet(HTML) 6 Page - SL Power Electronics

  MINT1275A2414K01 Datasheet HTML 1Page - SL Power Electronics MINT1275A2414K01 Datasheet HTML 2Page - SL Power Electronics MINT1275A2414K01 Datasheet HTML 3Page - SL Power Electronics MINT1275A2414K01 Datasheet HTML 4Page - SL Power Electronics MINT1275A2414K01 Datasheet HTML 5Page - SL Power Electronics MINT1275A2414K01 Datasheet HTML 6Page - SL Power Electronics MINT1275A2414K01 Datasheet HTML 7Page - SL Power Electronics MINT1275A2414K01 Datasheet HTML 8Page - SL Power Electronics MINT1275A2414K01 Datasheet HTML 9Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MINT1275
275W Single Output
Medical Series
www.slpower.com
MINT1275 REV 1.2, 15-JAN-13
6
Output Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Output Voltage Setpoint Accuracy
MINT1275A1214K01
Vi nom,, Io1 @ ADC, TC = 25 °C
-3
-
3
% Vo nom
Output Voltage Setpoint Accuracy
MINT1275A1514K01
Vi nom,, Io1 @ ADC, TC = 25 °C
-3
-
3
% Vo nom
Output Voltage Setpoint Accuracy
MINT1275A2414K01
Vi nom,, Io1 @ ADC, TC = 25 °C
-3
-
3
% Vo nom
Output Voltage Setpoint Accuracy
MINT1275A4814K01
Vi nom,, Io1 @ ADC, TC = 25 °C
-3
-
3
% Vo nom
Output Voltage Setpoint Accuracy
MINT1275A5614K01
Vi nom,, Io1 @ ADC, TC = 25 °C
-3
-
3
% Vo nom
Output Current V1
Output Current V2
MINT1275A1214K01
0
0
15.0
-
21.8
1.0
ADC
ADC
Output Current V1
Output Current V2
MINT1275A1514K01
0
0
12.0
-
17.47
1.0
ADC
ADC
Output Current V1
Output Current V2
MINT1275A2414K01
0
0
7.5
-
10.9
1.0
ADC
ADC
Output Current V1
Output Current V2
MINT1275A4814K01
0
0
3.75
-
5.46
1.0
ADC
ADC
Output Current V1
Output Current V2
MINT1275A5614K01
0
0
3.21
-
4.68
1.0
ADC
ADC
Static Line Regulation V1
Vi min-Vi max, Vi nom, 0-100% Io nom
-1
-
1
% Vo nom
Static Load Regulation V1
(Droop Characteristic)
Vi min-Vi max, Vi nom, 0-100% Io nom
-3
-
3
% Vo nom
Hold-Up Time
Starting at Vi = 230 VAC, Po nom
-
16
-
ms
Dynamic Load Regulation
Load change =50%, di/dt =0.2A/μS
voltage deviation 3%
0
3
% Vo nom
Start-Up Time
Vi nom, Io nom
0
-
2
s
Start-Up Time
Vi nom, Io nom
0
-
2
s
Protection
All specifications apply over specified input voltage, output load, and temperature range, unless otherwise noted.
Parameter
Conditions/Description
Min
Nom
Max
Units
Input Fuse
Not user accessible
Input Transient Protection
2KV(CM) and 1KV(DM) surge
2
KV (CM)
Output
No-load and short circuit proof
Hiccup
short circuit proof
Hiccup
overload (latch style)
Hiccup
Overvoltage Protection
Latch style
Latch
Over temperature Protection
Automatic power shutdown at TC =135°C


Similar Part No. - MINT1275A2414K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1275A2414K01 SLPOWER-MINT1275A2414K01 Datasheet
2Mb / 9P
   275W Single Output
More results

Similar Description - MINT1275A2414K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1275 SLPOWER-MINT1275_14 Datasheet
2Mb / 9P
   275W Single Output
MB65S SLPOWER-MB65S Datasheet
2Mb / 10P
   65W Single Output Medical Series
MINT1180 SLPOWER-MINT1180 Datasheet
384Kb / 3P
   180W SINGLE OUTPUT MEDICAL SERIES
MINT1175 SLPOWER-MINT1175 Datasheet
1Mb / 8P
   175W Single Output Medical Series
MB60S SLPOWER-MB60S Datasheet
2Mb / 9P
   60W Single Output Medical Series
logo
Emerson Network Power
NLP250MEDICAL_0910 EMERSON-NETWORKPOWER-NLP250MEDICAL_0910 Datasheet
577Kb / 4P
   Single Output Medical safeties
logo
SL Power Electronics
ME40 SLPOWER-ME40 Datasheet
670Kb / 4P
   40W Single Output External Power Medical Series
ME20 SLPOWER-ME20 Datasheet
659Kb / 4P
   20W Single Output External Power Medical Series
logo
Total Power Internation...
MPS-65 TOTAL-POWER-MPS-65 Datasheet
343Kb / 2P
   65W Single Output Medical Type
MPS-45 TOTAL-POWER-MPS-45 Datasheet
345Kb / 2P
   45W Single Output Medical Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com