Electronic Components Datasheet Search |
|
04023A390JAT2A Datasheet(PDF) 2 Page - AVX Corporation |
|
04023A390JAT2A Datasheet(HTML) 2 Page - AVX Corporation |
2 / 4 page 5 C0G (NP0) Dielectric Specifications and Test Methods Parameter/Test NP0 Specification Limits Measuring Conditions Operating Temperature Range -55ºC to +125ºC Temperature Cycle Chamber Capacitance Within specified tolerance Freq.: 1.0 MHz ± 10% for cap ≤ 1000 pF Q <30 pF: Q≥ 400+20 x Cap Value 1.0 kHz ± 10% for cap > 1000 pF ≥30 pF: Q≥ 1000 Voltage: 1.0Vrms ± .2V Insulation Resistance 100,000MΩ or 1000MΩ - μF, Charge device with rated voltage for whichever is less 60 ± 5 secs @ room temp/humidity Charge device with 300% of rated voltage for Dielectric Strength No breakdown or visual defects 1-5 seconds, w/charge and discharge current limited to 50 mA (max) Note: Charge device with 150% of rated voltage for 500V devices. Appearance No defects Deflection: 2mm Capacitance Test Time: 30 seconds Resistance to Variation ±5% or ±.5 pF, whichever is greater Flexure Q Meets Initial Values (As Above) Stresses Insulation ≥ Initial Value x 0.3 Resistance Solderability ≥ 95% of each terminal should be covered Dip device in eutectic solder at 230 ± 5ºC with fresh solder for 5.0 ± 0.5 seconds Appearance No defects, <25% leaching of either end terminal Capacitance Variation ≤ ±2.5% or ±.25 pF, whichever is greater Dip device in eutectic solder at 260ºC for 60 Q Meets Initial Values (As Above) seconds. Store at room temperature for 24 ± 2 Resistance to hours before measuring electrical properties. Solder Heat Insulation Meets Initial Values (As Above) Resistance Dielectric Meets Initial Values (As Above) Strength Appearance No visual defects Step 1: -55ºC ± 2º 30 ± 3 minutes Capacitance Variation ≤ ±2.5% or ±.25 pF, whichever is greater Step 2: Room Temp ≤ 3 minutes Q Meets Initial Values (As Above) Step 3: +125ºC ± 2º 30 ± 3 minutes Thermal Shock Insulation Meets Initial Values (As Above) Step 4: Room Temp ≤ 3 minutes Resistance Dielectric Meets Initial Values (As Above) Repeat for 5 cycles and measure after Strength 24 hours at room temperature Appearance No visual defects Capacitance Variation ≤ ±3.0% or ± .3 pF, whichever is greater Charge device with twice rated voltage in ≥ 30 pF: Q≥ 350 test chamber set at 125ºC ± 2ºC Load Life Q ≥10 pF, <30 pF: Q≥ 275 +5C/2 for 1000 hours (+48, -0). (C=Nominal Cap) <10 pF: Q≥ 200 +10C Insulation ≥ Initial Value x 0.3 (See Above) Remove from test chamber and stabilize at Resistance room temperature for 24 hours Dielectric Meets Initial Values (As Above) before measuring. Strength Appearance No visual defects Capacitance Variation ≤ ±5.0% or ± .5 pF, whichever is greater Store in a test chamber set at 85ºC ± 2ºC/ ≥ 30 pF: Q≥ 350 85% ± 5% relative humidity for 1000 hours Load Q ≥10 pF, <30 pF: Q≥ 275 +5C/2 (+48, -0) with rated voltage applied. Humidity <10 pF: Q≥ 200 +10C Insulation ≥ Initial Value x 0.3 (See Above) Remove from chamber and stabilize at Resistance room temperature for 24 ± 2 hours Dielectric Meets Initial Values (As Above) before measuring. Strength 1mm/sec 90 mm |
Similar Part No. - 04023A390JAT2A |
|
Similar Description - 04023A390JAT2A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |