Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM-9389NZ-1GOBA1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PCM-9389NZ-1GOBA1E
Description  Intel짰 Atom??N455/D525 3.5" SBC, DDR3 SODIMM or on-board SDRAM, PC/104, 18/24-bit LVDS, VGA, 2 GbE, 4 COM, LPC, iManager 2.0
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-9389NZ-1GOBA1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PCM-9389NZ-1GOBA1E Datasheet HTML 1Page - Advantech Co., Ltd. PCM-9389NZ-1GOBA1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
PCM-9389
Ordering Information
Part Number
CPU
L2
Cache Memory
VGA LVDS
TTL
USB
2.0
SATA II GbE Audio RS-
232
RS-232/
422/485 CF LPC conn. Expansion
Thermal
Solution
Operating
Temp.
PCM-9389N-1GS6A1E
Atom N455 512 KB 1GB onboard 1
18/24-bit
by request 4
2
2
Yes
3
1
1
Yes
PC/104
Passive
0 ~ 60° C
PCM-9389N-S6A1E
Atom N455 512 KB SODIMM
1
18/24-bit
by request 4
2
2
Yes
3
1
1
Yes
PC/104
Passive
0 ~ 60° C
PCM-9389D-S8A1E
Atom D525 1 MB
SODIMM
1
18/24-bit
by request 4
2
2
Yes
3
1
1
Yes
PC/104
Active
0 ~ 60° C
PCM-9389NZ-1GOBA1E Atom N455 512 KB 1GB onboard 1
18/24-bit
by request 4
2
2
Yes
3
1
1
Yes
PC/104
Passive
-20 ~ 80° C
PCM-9389NZ-2GDMA1E Atom N455 512 KB 2GB bundled 1
18/24-bit
by request 4
2
2
Yes
3
1
1
Yes
PC/104
Passive
-20 ~ 80° C
PCM-9389NZ21GOBA1E Atom N455 512 KB 1GB onboard 1
18/24-bit
by request 4
2
2
Yes
3
1
1
Yes
PC/104
Passive
-40 ~ 85° C
PCM-9389NZ22GDMA1E Atom N455 512 KB 2GB bundled 1
18/24-bit
by request 4
2
2
Yes
3
1
1
Yes
PC/104
Passive
-40 ~ 85° C
Note: Passive = fanless; Active = with fan
Packing List
Part No.
Description
Quantity
PCM-9389 SBC
Startup Manual
Utility CD
9689000002
mini Jumper pack
1700060202
KB/MS cable 20cm
1
1700018730
USB cable (2 ports) w/o bracket 25cm
2
1700019584
Audio cable (Mic-in, Line-in, Line-out) 20cm
1
1700016141
AT Power Cable
1
1700017863
RJ-45 LAN cable , 15cm
1
1700006291
SATA 7P cable w/ right angle, 30cm
1
1701200220
COM3/4 10*2P-2.0/D-SUB*2, 22cm
1
1700019435
COM2: RS-422/485 5P-1.25/D-SUB, 25cm
1
1700019414
COM2: RS-232 5*2P-2.0/D-SUB, 30cm
1
1960047988T011
Heatsink for ICH8M, 28x28.4x8mm
1
1960055364T001
Heatsink for PCM-9389N, 73.5x87.5x15mm
1
1960055365T001
Cooler for PCM-9389D, 73.5x87.5x18mm
1
1960057842T001
Heatsink for PCM-9389NZ/NZ2, 73.5x87.5x20mm
1
Rear I/O View
Optional Accessories
Part No.
Description
1960056151N001
Heat spreader (113 x 69.5 x 15 mm)
PCA-COM232-00A1E
4 RS-232 ports extension module, 31.5 x 48 mm
PCA-COM485-00A1E
4 RS-422/485 ports extension module, 31.5 x 48 mm (with
OEM BIOS)
PCA-TPM-00A1E
TPM module, 31.5 x 48 mm
1700001112
ATX Power Cable
1700018436
Inverter 5P to SATA power 15P cable 10cm
Embedded OS/API
Embedded OS/API
Part No.
Description
Win XPE
2070011341
XPE WES2009 PCM-9389 V4.0 24MUI
2070010313
XPE WES2009 PCM-9389 V4.0 ENG
WinCE
2070011337
CE 6.0 R3 Pro PCM-9389 V6.0.0 ENG (4
COM)
WES7
2070009835
Image WES7E Intel Lunar V5.0 ENG
Windows Embedded 8
Windows Embedded 8 Standard
QNX
6.5
VxWorks
6.8
Linux
Ubuntu 10.04
Software API
Intel Atom
N455/D525
2 SATAII Ports
4 USB Ports
BIOS
8-bit GPIO
SMBus/I2C
PS/2 KB/MS
Intel
ICH8M
SATA 300MB/s
VGA
USB 2.0
SPI
PCI
HD Audio
Realtek ALC892
Optional COM and TPM module
Super I/O
ITE 8760
LPC
connector
PCA-COM232-00A1E
PCA-COM485-00A1E
PCA-TPM-00A1E
iManager
LPC
LPC
VGA
PATA
CF
GLCI/PCIe x 1
Intel 82567V GbE
PC/104
Intel 82583V GbE
PCIe x 1
PCI-ISA bridge
Single Channel
18-bit LVDS
DDR3 SODIMM
or 1GB SDRAM onboard
18/24-bit LVDS
18-bit TTL
(by request)
Transmitter
Transmitter
COM1/3/4 : RS-232
COM2 : RS-232/422/485


Similar Part No. - PCM-9389NZ-1GOBA1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9389NZ-1GOBA1E ADVANTECH-PCM-9389NZ-1GOBA1E Datasheet
834Kb / 2P
   Intel짰 Atom??N455/D525 3.5" SBC, DDR3 SODIMM/on-board SDRAM, 24-bit LVDS/TTL,VGA, 2 GbE, LPC, CF, PC/104, iManager
PCM-9389NZ-1GOBA1E ADVANTECH-PCM-9389NZ-1GOBA1E Datasheet
834Kb / 2P
   Intel짰 Atom??N455/D525 3.5" SBC, DDR3 SODIMM/on-board SDRAM, 24-bit LVDS/TTL, VGA, 2 GbE, LPC, CF, PC/104, iManager
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com