Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM-9588 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PCM-9588
Description  Intel짰 Celeron짰 M Processor EBX SBC with DVI, TTL, VGA, LVDS, Ethernet, 6 COM, 2 SATA, 6 USB 2.0, PC/104-Plus
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-9588 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PCM-9588_12 Datasheet HTML 1Page - Advantech Co., Ltd. PCM-9588_12 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
PCM-9588
Ordering Information
Part No.
CPU
L2
Cache Memory LVDS TTL
VGA DVI Ethernet
UL60601 Audio
USB
2.0
SATA RS-232 RS-232/
422/485 GPIO LPT
CF PC/104+ Power
Thermal
Solution
Operating
Temp.
PCM-9588T-M0A1E
C-M 600 MHz 512 KB SODIMM
-
36-bit 1
-
1
Yes
6
2
4
2
16
1
1
1
AT/ATX
Passive
0 ~ 60° C
PCM-9588F-S0A1E
C-M 1.0 GHz
0 KB
SODIMM
48-bit
-
1
1
1
Yes
6
2
4
2
16
1
1
1
AT/ATX
Passive
0 ~ 60° C
PCM-9588L-M0A1E
C-M 600 MHz 512 KB SODIMM
48-bit
-
1
-
1
Yes
6
2
4
2
16
1
1
-
AT/ATX
Passive
0 ~ 60° C
PCM-9588Z-1GM0A1E
C-M 600 MHz 512 KB Bundle
1 GB
-
36-bit 1
-
1
Yes
6
2
4
2
16
1
1
1
AT/ATX
Passive
-20 ~ 80° C
PCM-9588Z2-1GS0A1E C-M 1GHz
0 KB
Bundle
1 GB
48-bit
-
1
1
1
Yes
6
2
4
2
16
1
1
1
AT/ATX
Passive
-40 ~ 85° C
Note: Passive = fanless; Active = with fan
*PCM-9588 has isolation feature in Ethernet for UL60601.
Packing List
Part No.
Description
Quantity
PCM-9588 SBC
1
9689000002
Mini Jumper Pack
1
2006958800
Startup Manual
1
2066958811
Utility CD
1
1700001112
ATX Power Cable
1
1700006196
AT Power Cable
1
1960020569S000
Heatsink (50 x 50 x 10 mm)
1
1960002379
Heat sink 50 x 50 x 30 (PCM/9588Z/Z2)
1
LVDS Connector
18/24/48 bits
TTL 18/36 bits
CF Slot
IDE1
SATA x 2
Intel ICH6M
ALC203
Audio
16-Bit
GPIO
GPIO IC
FWH BIOS
LPC Super I/O
(SCH3106)
LPT port / FDD
COM 5, 6
(RS-422/485)
PS2
Keyboard/Mouse
COM1~4
(RS-232)
SIR
(Share form COM2)
Transmitter
FSB 400 MHz
DMI I/F
PCI Bus
ISA Bus
USB2.0
DDRII 400
PCM-9588F-SoA1E Only
PCM-9588T-M0A1E Only
LVDS
IDE
SATA
AC97
I2C
LPC
Intel Celeron-M CPU
Intel 910GMLE
DDRII SODIMM x 1
VGA
Transmitter
DVI
PC/104-PLUS
PCI to ISA bridge
PCI Slot
10/100 Ethernet
(RTL8100CL)
USB 2.0 x6
Isolator
Ethernet
SDVO
Analog VGA
Optional Accessories
Part No.
Description
PCM-10586-9588E
Wiring kit for PCM-9588
1703100260
USB cable (26 cm)
1703100121
USB cable (12 cm)
PCM-110-00A3E
1-slot PCI riser card for 5.25" biscuits
PCM-120-00A3E
2-slot PCI riser card for 5.25" biscuits
PCM-200-00A2E
PCI-104 to PCI bus module
1700001531
LPT to FDD cable
Embedded OS
Embedded OS
Part No.
Description
Win XPE
2070006672
Image XPE FP2007 PCM-9588 V3.01 ENG
2070008830
XPE WES2009 for PCM-9588 (Multi)
V4.0 ENG


Similar Part No. - PCM-9588_12

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9588F-S0A1E ADVANTECH-PCM-9588F-S0A1E Datasheet
1Mb / 3P
   Intel짰 Celeron짰 M EBX SBC with DVI/ TTL/VGA/ LVDS/ LAN/ 6 COM/ 2 SATA/ 6 USB2.0
24-Nov-2009
PCM-9588L-M0A1E ADVANTECH-PCM-9588L-M0A1E Datasheet
1Mb / 3P
   Intel짰 Celeron짰 M EBX SBC with DVI/ TTL/VGA/ LVDS/ LAN/ 6 COM/ 2 SATA/ 6 USB2.0
24-Nov-2009
PCM-9588T-M0A1E ADVANTECH-PCM-9588T-M0A1E Datasheet
1Mb / 3P
   Intel짰 Celeron짰 M EBX SBC with DVI/ TTL/VGA/ LVDS/ LAN/ 6 COM/ 2 SATA/ 6 USB2.0
24-Nov-2009
PCM-9588Z-1GM0A1E ADVANTECH-PCM-9588Z-1GM0A1E Datasheet
1Mb / 3P
   Intel짰 Celeron짰 M EBX SBC with DVI/ TTL/VGA/ LVDS/ LAN/ 6 COM/ 2 SATA/ 6 USB2.0
24-Nov-2009
PCM-9588Z2-1GS0A1E ADVANTECH-PCM-9588Z2-1GS0A1E Datasheet
1Mb / 3P
   Intel짰 Celeron짰 M EBX SBC with DVI/ TTL/VGA/ LVDS/ LAN/ 6 COM/ 2 SATA/ 6 USB2.0
24-Nov-2009
More results

Similar Description - PCM-9588_12

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9588 ADVANTECH-PCM-9588 Datasheet
1Mb / 3P
   Intel짰 Celeron짰 M EBX SBC with DVI/ TTL/VGA/ LVDS/ LAN/ 6 COM/ 2 SATA/ 6 USB2.0
24-Nov-2009
PCM-9587 ADVANTECH-PCM-9587 Datasheet
366Kb / 2P
   Onboard Intel짰 Celeron짰 M CPU on board EBX SBC with LAN/ LVDS/DVI/VGA/Audio/4 COM/4 USB/2 SATA/PC/104-Plus
08-Sep-2009
PCM-4373 ADVANTECH-PCM-4373_12 Datasheet
1Mb / 2P
   AMD LX800 EPIC SBC with LVDS, TTL, VGA, Dual Ethernet, 6 COM, 2 SATA, PC/104-Plus
PCM-9582 ADVANTECH-PCM-9582 Datasheet
403Kb / 2P
   Onboard Intel짰 Pentium짰 M EBX SBC with LAN/LVDS/DVI/VGA/Audio/4 COM/4 USB/2 SATA/PC/104
PCM-3362 ADVANTECH-PCM-3362_15 Datasheet
702Kb / 2P
   Intel짰 Atom??N450 PC/104-Plus SBC, VGA,LVDS, Ethernet, USB, COM, SATA, Onboard Flash
PCM-3353 ADVANTECH-PCM-3353_15 Datasheet
738Kb / 2P
   AMD LX800/LX600 PC/104-Plus SBC, VGA,LVDS, TTL, Ethernet, USB, COM, CF
PCM-3365N-S8A1E ADVANTECH-PCM-3365N-S8A1E Datasheet
907Kb / 2P
   Intel짰 Atom??E3825 / E3845 & Celeron짰 N2930, PC/104-Plus SBC, ISA, VGA, HDMI/DVI, LVDS, 6 USB, mSATA or Onboard Flash
PCM-9584 ADVANTECH-PCM-9584_12 Datasheet
1Mb / 2P
   Intel짰 Pentium짰 M Processor EBX SBC with Audio, VGA, 2 LVDS (36-bit, 48- bit), 2 GbE LAN, PC/104-Plus
PCM-9387 ADVANTECH-PCM-9387 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 ULV Celeron짰 M, VGA, LVDS, DVI, LAN, USB
09-Nov-2009
PCM-3363 ADVANTECH-PCM-3363 Datasheet
718Kb / 2P
   Intel짰 Atom??N455/D525 PCI-104,SBC, VGA, LVDS, Ethernet, USB,COM, SATA, Onboard Memory
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com