Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

04023J1R3ABWTR Datasheet(PDF) 4 Page - AVX Corporation

Part # 04023J1R3ABWTR
Description  Thin-Film RF/Microwave Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

04023J1R3ABWTR Datasheet(HTML) 4 Page - AVX Corporation

  04023J1R3ABWTR Datasheet HTML 1Page - AVX Corporation 04023J1R3ABWTR Datasheet HTML 2Page - AVX Corporation 04023J1R3ABWTR Datasheet HTML 3Page - AVX Corporation 04023J1R3ABWTR Datasheet HTML 4Page - AVX Corporation 04023J1R3ABWTR Datasheet HTML 5Page - AVX Corporation 04023J1R3ABWTR Datasheet HTML 6Page - AVX Corporation 04023J1R3ABWTR Datasheet HTML 7Page - AVX Corporation 04023J1R3ABWTR Datasheet HTML 8Page - AVX Corporation 04023J1R3ABWTR Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
8
1
Accu-F® */ Accu-P®
Thin-Film Chip Capacitors for
RF Signal and Power Applications
L
T
B
1
W
B
2
0603
0805
L
1.60±0.1
2.01±0.1
(0.063±0.004)
(0.079±0.004)
W
0.81±0.1
1.27±0.1
(0.032±0.004)
(0.050±0.004)
T
0.63±0.1
0.63±0.1
(0.025±0.004)
(0.025±0.004)
B
0.30±0.1
0.30±0.1
(0.012±0.004)
(0.012±0.004)
ACCU-F® *(Signal Type Capacitors)
DIMENSIONS:
millimeters (inches)
0402
Size
0201*
0402*
0603
0805
1210*
3
Voltage
1 = 100V
5 = 50V
3 = 25V
Y = 16V
Z = 10V
J
Temperature
Coefficient (1)
J = 0±30ppm/°C
(-55°C to
+125°C)
K = 0±60ppm/°C
(-55°C to
+125°C)
4R7
Capacitance
Capacitance
expressed in pF.
(2 significant
digits + number
of zeros)
for values
<10pF,
letter R denotes
decimal point.
Example:
68pF = 680
8.2pF = 8R2
A
Tolerance
for
C
≤2.0pF*
P = ±0.02pF
Q = ±0.03pF
A = ±0.05pF
B = ±0.1pF
C = ±0.25pF
for
C
≤3.0pF
Q = ±0.03pF
A = ±0.05pF
B = ±0.1pF
C = ±0.25pF
for
C
≤5.6pF
A = ±0.05pF
B = ±0.1pF
C = ±0.25pF
for
5.6pF<C<10pF
B = ±0.1pF
C = ±0.25pF
D = ±0.5pF
for
C
≥10pF
F = ±1%
G = ±2%
J = ±5%
B
Specification
Code
A = Accu-F®
technology
B = Accu-P®
technology
S
Termination
Code
W = Nickel/Solder Coated
Accu-F® Sn63, Pb37
Accu-P® 0402 Sn90, Pb10
T = Nickel/High Temperature
Solder Coated
Accu-P® 0805**, 1210**
Sn96, Ag4
Nickel/Solder Coated
Accu-P® 0603
Sn63, Pb37
**S = Nickel/Lead Free
Solder Coated
Accu-P® 0201, 0402, 0603
Sn100
**RoHS Compliant
TR
Packaging
Code
TR = Tape & Reel
(1) TC’s shown are per EIA/IEC Specifications.
* Accu-P ONLY
Operating and Storage Temperature Range
-55°C to +125°C
Temperature Coefficients (1)
0 ± 30ppm/°C dielectric code “J” / 0 ± 60ppm/°C dielectric code “K”
Capacitance Measurement
1 MHz, 1 Vrms
Insulation Resistance (IR)
≥1011 Ohms (≥1010 Ohms for 0201 and 0402 size)
Proof Voltage
2.5 UR for 5 secs.
Aging Characteristic
Zero
Dielectric Absorption
0.01%
ELECTRICAL SPECIFICATIONS
(1) TC’s shown are per EIA/IEC Specifications.
HOW TO ORDER
* Tolerances as tight as ±0.01pF are available. Please consult the factory.
*
Not recommended for new designs.
Accu-P’s are recommended.
0201
0402*
0603*
0805*
1210
L
0.60±0.05
1.00±0.1
1.60±0.1
2.01±0.1
3.02±0.1
(0.023±0.002)
(0.039±0.004)
(0.063±0.004) (0.079±0.004) (0.119±0.004)
W
0.325±0.050
0.55±0.07
0.81±0.1
1.27±0.1
2.5±0.1
(0.0128±0.002)
(0.022±0.003)
(0.032±0.004) (0.050±0.004) (0.100±0.004)
T
0.225±0.050
0.40±0.1
0.63±0.1
0.93±0.2
0.93±0.2
(0.009±0.002)
(0.016±0.004)
(0.025±0.004) (0.036±0.008) (0.036±0.008)
B1
0.10±0.10
0.00
0.35±0.15
0.30±0.1
0.43±0.1
(0.004±0.004)
(0.000
)
(0.014±0.006) (0.012±0.004) (0.017±0.004)
B2
0.15±0.05
0.20±0.1
0.35±0.15
0.30±0.1
0.43±0.1
(0.006±0.002)
(0.008±0.004)
(0.014±0.006) (0.012±0.004) (0.017±0.004)
ACCU-P® (Signal and Power Type Capacitors)
*
Mount Black Side Up
DIMENSIONS: millimeters (inches)
+0.1
-0.0
+0.004
-0.000
RoHS COMPLIANT
Pb: Free
Please select correct
termination style
Engineering Kits Available
see pages 90-91


Similar Part No. - 04023J1R3ABWTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04023J1R3ABSTR AVX-04023J1R3ABSTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
More results

Similar Description - 04023J1R3ABWTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04023J2R9BBWTR AVX-04023J2R9BBWTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
04023J1R1ABSTR AVX-04023J1R1ABSTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
04023J1R2ABSTR AVX-04023J1R2ABSTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
04023J1R7ABSTR AVX-04023J1R7ABSTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
04023J1R9ABWTR AVX-04023J1R9ABWTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
04023J2R1BBSTR AVX-04023J2R1BBSTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
04023J2R6BBSTR AVX-04023J2R6BBSTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
04023J2R8BBSTR AVX-04023J2R8BBSTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
04023J3R1BBWTR AVX-04023J3R1BBWTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
04023J4R1BBWTR AVX-04023J4R1BBWTR Datasheet
458Kb / 20P
   Thin-Film RF/Microwave Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com