Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-DB5700G-00A2E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-DB5700G-00A2E
Description  Development Board for COM Express Type 1/2 Pin-out Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-DB5700G-00A2E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-DB5700G-00A2E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-DB5700G-00A2E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Computer On Modules
Features
SOM-DB5700
Specifications
Compatible Models
Advantech COM-Express Basic Modules (125 x 95 mm), COM-Express Compact Modules (95 x 95 mm) and COM-
Express Mini Modules (84 x 55 mm)
Display
LVDS
LVDS1 (SPEC based on CPU Module)
48-bit LVDS2 (LVDS2 is optional)
VGA
1 (D-SUB 15P Female)
TV Out
1
Ethernet
1 x Giga LAN or 10/100 (SPEC based on CPU Module)
Audio
Chipset
High Definition Audio (Line/Micro-In, Front/Center/Surround/Side surround-out)
Expansion
PCIe x16 Slots
1
PCIe x1 Slots
3
Express Card Socket
1
PCI Slots
2
MiniPCI Socket
1
ISA Slot
1
I/O
SATA
4 (Type B)
EIDE
1 x 40 pin
Serial
2 COM Ports (D-SUB 9P)
1 x RS-232, 1 x RS-232/422/485
USB
8 x USB 2.0
LPT
1 (D-SUB 25P)
FDD
1
KB/MS
1
CF
1 (Type I)
GPIO
8-bit (GPI 4-bit/GPO 4-bit)
System FAN
2
SMBUS
1
I2C
1
Port 80
1
Power
Power Type
ATX/ AT modes
Environment
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Mechanical
Dimensions
304.8 x 190.5 mm (12" x 7.5")
Development Board
for COM Express Type 1/2 Pin-out Module
ƒ Supports COM Express Basic, Compact, Mini Module
ƒ Compatible with COM Type1/2 Pin-out
ƒ ATX form factor
ƒ Supports VGA, 2-CH LVDS, TV-out, SDVO-to-LVDS
ƒ Supports 1 PCIe x16, 3 PCIe x1, 1 Express Card, 2 PCI master, 1 MiniPCI,
1 ISA bus slot
ƒ Supports SATA, IDE, CF, USB, Audio, COM, LPT/FDD, PS/2 KB&MS Interface
LAN
CF
Floppy
IDE
SATA0123
Mini-PCI
ISA
LVDS
PCIe x 16
PCI
Express Card
3 PCIe x1
HD Audio
USB2345
LPT/COM/CRT
USB01
KB/MS
COM
TV out
LVDS
GPIO
USB67
All product specifications are subject to change without notice
Last updated : 13-Jun-2012


Similar Part No. - SOM-DB5700G-00A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-DB5700G-00A2E ADVANTECH-SOM-DB5700G-00A2E Datasheet
258Kb / 2P
   COM-Express Development Board
SOM-DB5700G-00A2E ADVANTECH-SOM-DB5700G-00A2E Datasheet
1Mb / 2P
   Development Board for COM Express Type 1/2 Pin-out Module
More results

Similar Description - SOM-DB5700G-00A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-DB5700 ADVANTECH-SOM-DB5700_12 Datasheet
1Mb / 2P
   Development Board for COM Express Type 1/2 Pin-out Module
SOM-DB5720 ADVANTECH-SOM-DB5720 Datasheet
1Mb / 2P
   Development Board for COM Express Type 1/2 Pin-out Modules
SOM-DB5920 ADVANTECH-SOM-DB5920 Datasheet
620Kb / 2P
   Development Board for COM Express Type 7 Pin-out Modules
SOM-DB5900 ADVANTECH-SOM-DB5900 Datasheet
474Kb / 2P
   Development Board for COM Express Type 6 Pin-out Modules
SOM-DB5800 ADVANTECH-SOM-DB5800 Datasheet
1Mb / 2P
   Development Board for COM Express Type 6 Pin-out Modules
SOM-DB5720 ADVANTECH-SOM-DB5720_15 Datasheet
294Kb / 2P
   Development Board for COM Express짰 Type 1/2 Pin-out Modules
SOM-DB5830 ADVANTECH-SOM-DB5830 Datasheet
1Mb / 3P
   Development Board for COM Express® Type 6/10 Pin-Out Modules
8-Sep-2021
logo
AAEON Technology
ECB-916MA AAEON-ECB-916MA Datasheet
365Kb / 1P
   Supports COM Express Module Pin-out Type 1/ 2 (COM.0 Rev.1.0)
ECB-951D AAEON-ECB-951D Datasheet
301Kb / 2P
   Supports COM Express Module Pin-out Type 1/ 2, COM.0 Rev.1.0
logo
Advantech Co., Ltd.
SOM-DB5700 ADVANTECH-SOM-DB5700 Datasheet
258Kb / 2P
   COM-Express Development Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com