Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08051A101CAT2A Datasheet(PDF) 4 Page - AVX Corporation

Part # 08051A101CAT2A
Description  C0G Dielectric
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08051A101CAT2A Datasheet(HTML) 4 Page - AVX Corporation

  08051A101CAT2A Datasheet HTML 1Page - AVX Corporation 08051A101CAT2A Datasheet HTML 2Page - AVX Corporation 08051A101CAT2A Datasheet HTML 3Page - AVX Corporation 08051A101CAT2A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7
C0G (NP0) Dielectric
Capacitance Range
PREFERRED SIZES ARE SHADED
SIZE
1210
1812
1825
2220
2225
Soldering
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Packaging
Paper/Embossed
All Embossed
All Embossed
All Embossed
All Embossed
(L) Length
mm
3.20 ± 0.20
4.50 ± 0.30
4.50 ± 0.30
5.70 ± 0.40
5.72 ± 0.25
(in.)
(0.126 ± 0.008)
(0.177 ± 0.012)
(0.177 ± 0.012)
(0.225 ± 0.016)
(0.225 ± 0.010)
(W) Width
mm
2.50 ± 0.20
3.20 ± 0.20
6.40 ± 0.40
5.00 ± 0.40
6.35 ± 0.25
(in.)
(0.098 ± 0.008)
(0.126 ± 0.008)
(0.252 ± 0.016)
(0.197 ± 0.016)
(0.250 ± 0.010)
(t)
Terminal
mm
0.50 ± 0.25
0.61 ± 0.36
0.61 ± 0.36
0.64 ± 0.39
0.64 ± 0.39
(in.)
(0.020 ± 0.010)
(0.024 ± 0.014)
(0.024 ± 0.014)
(0.025 ± 0.015)
(0.025 ± 0.015)
WVDC
25
50
100
200
500
25
50
100
200
500
50
100
200
50
100
200
50
100
200
Cap
0.5
(pF)
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
J
12
J
15
J
18
J
22
J
27
J
33
J
39
J
47
J
56
J
68
J
82
J
100
J
120
J
150
J
180
J
220
J
270
J
330
J
390
M
470
M
560
J
J
J
J
M
680
J
J
J
J
M
820
J
J
J
J
M
1000
J
J
J
J
M
K
K
K
K
M
M
M
M
M
M
P
1200
J
J
J
M
M
K
K
K
K
M
M
M
M
M
M
P
1500
J
J
J
M
M
K
K
K
K
M
M
M
M
M
M
P
1800
J
J
J
M
K
K
K
K
M
M
M
M
M
M
P
2200
J
J
J
Q
K
K
K
K
P
M
M
M
M
M
P
2700
J
J
J
Q
K
K
K
P
Q
M
M
M
M
M
P
3300
J
J
J
K
K
K
P
Q
M
M
M
X
M
M
P
3900
J
J
M
K
K
K
P
Q
M
M
M
X
M
M
P
4700
J
J
M
K
K
K
P
Q
M
M
M
X
X
X
M
M
P
5600
J
J
K
K
M
P
X
M
M
M
X
X
X
M
M
P
6800
J
J
K
K
M
X
M
M
M
X
X
X
M
M
P
8200
J
J
K
M
M
M
M
X
X
X
M
M
P
Cap
0.010
J
J
K
M
M
M
M
X
X
X
M
M
P
(μF)
0.012
J
J
K
M
M
M
X
X
X
M
M
P
0.015
M
M
M
M
X
X
X
M
M
Y
0.018
M
M
P
M
X
X
X
M
M
Y
0.022
M
M
P
X
X
M
Y
Y
0.027
M
M
P
X
X
P
Y
Y
0.033
M
M
P
X
X
P
0.039
M
M
P
Y
P
0.047
M
M
P
Y
P
0.068
M
M
P
0.082
M
M
Q
0.1
Q
WVDC
25
50
100
200
500
25
50
100
200
500
50
100
200
50
100
200
50
100
200
SIZE
1210
1812
1825
2220
2225
L
W
T
t
Letter
AC
EG
J
K
M
N
P
Q
XY
Z
Max.
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED


Similar Part No. - 08051A101CAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08051A101CAT2A AVX-08051A101CAT2A Datasheet
88Kb / 4P
   C0G (NP0) Dielectric General Specifications
08051A101CAT2A AVX-08051A101CAT2A Datasheet
134Kb / 4P
   C0G (NP0) Dielectric
logo
List of Unclassifed Man...
08051A101CAT2A ETC2-08051A101CAT2A Datasheet
91Kb / 4P
   C0G (NP0) Dielectric General Specifications
logo
AVX Corporation
08051A101CAT2A AVX-08051A101CAT2A Datasheet
99Kb / 4P
   C0G (NP0) Dielectric
08051A101CAT2A AVX-08051A101CAT2A Datasheet
624Kb / 4P
   C0G (NP0) Dielectric
More results

Similar Description - 08051A101CAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
02013A560JAT2A AVX-02013A560JAT2A Datasheet
91Kb / 4P
   C0G Dielectric
04025A2R4CAT2A AVX-04025A2R4CAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A2R7JAT2A AVX-04025A2R7JAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A3R9BAT2A AVX-04025A3R9BAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A4R7JAT2A AVX-04025A4R7JAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A4R7KAT2A AVX-04025A4R7KAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
06031A3R9D4T2A AVX-06031A3R9D4T2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
06031A4R3BAT2A AVX-06031A4R3BAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
06031A4R3CAT2A AVX-06031A4R3CAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04023A2R2CAT2A AVX-04023A2R2CAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com