Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9521 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9521
Description  TNC Female to MCX Jack Bulkhead Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9521 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9521 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9521 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
© 2012 Pasternack Enterprises All Rights Reserved
PE9521 REV
TNC Female to MCX Jack Bulkhead Adapter
PE9521
CAD Drawing


Similar Part No. - PE9521

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9520 PASTERNACK-PE9520 Datasheet
251Kb / 2P
   Bulkhead MCX Jack to BNC Female Adapter
PE9522 PASTERNACK-PE9522 Datasheet
247Kb / 2P
   MMCX Jack to MMCX Jack Bulkhead Adapter
PE9523 PASTERNACK-PE9523 Datasheet
75Kb / 1P
   MMCX JACK TO MMCX JACK
PE9524 PASTERNACK-PE9524 Datasheet
74Kb / 1P
   MCX JACK TO MCX JACK
PE9525 PASTERNACK-PE9525 Datasheet
247Kb / 2P
   MMCX Plug to MCX Jack Adapter
More results

Similar Description - PE9521

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9520 PASTERNACK-PE9520 Datasheet
251Kb / 2P
   Bulkhead MCX Jack to BNC Female Adapter
PE9544 PASTERNACK-PE9544 Datasheet
74Kb / 1P
   TNC FEMALE TO MCX JACK
PE9542 PASTERNACK-PE9542 Datasheet
245Kb / 2P
   TNC Male to MCX Jack Adapter
PE9545 PASTERNACK-PE9545 Datasheet
246Kb / 2P
   TNC Female to MCX Plug Adapter
logo
Huber+Suhner, Inc.
34_MCX-50-0-2111_N HUBERSUHNER-34_MCX-50-0-2111_N Datasheet
515Kb / 2P
   COAXIAL ADAPTER, MCX, 50 Ohm, Bulkhead, jack / jack (female / female)
logo
Amphenol Corporation
242192 AMPHENOL-242192 Datasheet
73Kb / 1P
   AMC JACK TO TNC JACK BULKHEAD ADAPTER
logo
Pasternack Enterprises,...
PE9474 PASTERNACK-PE9474 Datasheet
78Kb / 1P
   MCX JACK TO MCX JACK BULKHEAD
logo
Huber+Suhner, Inc.
34_TNC-50-0-1133_N HUBERSUHNER-34_TNC-50-0-1133_N Datasheet
3Mb / 2P
   COAXIAL ADAPTER, TNC, 50 Ohm, Bulkhead, jack / jack (female / female)
logo
Pasternack Enterprises,...
PE9466 PASTERNACK-PE9466 Datasheet
246Kb / 2P
   MCX Jack to BNC Female Adapter
PE9462 PASTERNACK-PE9462 Datasheet
247Kb / 2P
   N Female to MCX Jack Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com