Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42820-3242 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 42820-3242
Description  Housing Material
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

42820-3242 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  42820-3242 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 42820-3242

ManufacturerPart #DatasheetDescription
logo
MolexKits
42820-3213 MOLEXKITS-42820-3213 Datasheet
38Kb / 2P
   Gold Right Angle Header,Plug and Receptacle
More results

Similar Description - 42820-3242

ManufacturerPart #DatasheetDescription
logo
FCI connector
65780 FCI-CONNECTOR-65780 Datasheet
433Kb / 6P
   HOUSING MATERIAL: FILLED POLYESTER
logo
Mallory Sonalert Produc...
ZT120LADP3R MSPI-ZT120LADP3R Datasheet
132Kb / 1P
   Housing Material 6/6 Nylon, Color: Black
ZT120LAFP1G MSPI-ZT120LAFP1G Datasheet
132Kb / 1P
   Housing Material 6/6 Nylon, Color: Black
logo
Meder Electronic
FSC5002U MEDER-FSC5002U Datasheet
40Kb / 2P
   HOUSING AND RETAINER RING MATERIAL: POLYPROPYLENE, BLACK
logo
FCI connector
61082-101009 FCI-CONNECTOR-61082-101009 Datasheet
473Kb / 6P
   1.MATERIAL HOUSING LCP UL 94V-O
logo
Mallory Sonalert Produc...
ZT120LACTY30 MSPI-ZT120LACTY30 Datasheet
132Kb / 1P
   Housing Material 6/6 Nylon, Color: Black
ZT120LADP2R MSPI-ZT120LADP2R Datasheet
132Kb / 1P
   Housing Material 6/6 Nylon, Color: Black
ZT120LAFP1R15 MSPI-ZT120LAFP1R15 Datasheet
132Kb / 1P
   Housing Material 6/6 Nylon, Color: Black
logo
FCI connector
87021 FCI-CONNECTOR-87021 Datasheet
232Kb / 3P
   HOUSING MATERIAL: GLASS FILLED THERMOPLASTIC FLAME RETARDANT PER UL94V-0
73542 FCI-CONNECTOR-73542 Datasheet
178Kb / 2P
   HOUSING MATERIAL: GLASS FILLED THERMOPLASTIC FLAME RETARDANT PER UL 94V-0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com