Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE308-60 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE308-60
Description  SMA Male to TNC Male Precision Cable 60 Inch Length Using 160 Series Coax, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE308-60 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE308-60 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE308-60 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE308-60 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE308-60 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
SMA Male to TNC Male Precision Cable 60 Inch Length Using 160 Series Coax, RoHS
Configuration
Connector 1
SMA Male
Connector 2
TNC Male
Cable Type
160 Series
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum VSWR
1.4:1
Velocity of Propagation, %
69.5
RF Shielding, dB
100
Maximum Operating Voltage, Vrms
1,200
Typical Performance by Frequency
Frequency 1
Frequency, GHz
2
VSWR
1.06:1
Insertion Loss
0.21 dB/ft [ 0.69 dB/m ]
Frequency 2
Frequency, GHz
6
VSWR
1.08:1
Insertion Loss
0.3 dB/ft [ 0.98 dB/m ]
Frequency 3
Frequency, GHz
10
VSWR
1.24:1
Insertion Loss
0.4 dB/ft [ 1.31 dB/m ]
Frequency 4
Frequency, GHz
14
VSWR
1.34:1
Insertion Loss
0.5 dB/ft [ 1.64 dB/m ]
Frequency 5
Frequency, GHz
16
VSWR
1.34:1
Insertion Loss
0.54 dB/ft [ 1.77 dB/m ]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMA Male to TNC Male Precision Cable 60 Inch Length Using 160 Series Coax, RoHS
PE308-60
PE308-60 REV
PE308-60
SMA Male to TNC Male Precision Cable 60 Inch
Length Using 160 Series Coax, RoHS


Similar Part No. - PE308-60

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE308-12 PASTERNACK-PE308-12 Datasheet
238Kb / 4P
   SMA Male to TNC Male Precision Cable 12 Inch Length Using 160 Series Coax, RoHS
PE308-120 PASTERNACK-PE308-120 Datasheet
335Kb / 4P
   SMA Male to TNC Male Precision Cable 120 Inch Length Using 160 Series Coax, RoHS
PE308-24 PASTERNACK-PE308-24 Datasheet
238Kb / 4P
   SMA Male to TNC Male Precision Cable 24 Inch Length Using 160 Series Coax, RoHS
PE308-36 PASTERNACK-PE308-36 Datasheet
237Kb / 4P
   SMA Male to TNC Male Precision Cable 36 Inch Length Using 160 Series Coax, RoHS
PE308-48 PASTERNACK-PE308-48 Datasheet
238Kb / 4P
   SMA Male to TNC Male Precision Cable 48 Inch Length Using 160 Series Coax, RoHS
More results

Similar Description - PE308-60

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE300-60 PASTERNACK-PE300-60 Datasheet
252Kb / 4P
   SMA Male to SMA Male Precision Cable 60 Inch Length Using 160 Series Coax, RoHS
PE308-120 PASTERNACK-PE308-120 Datasheet
335Kb / 4P
   SMA Male to TNC Male Precision Cable 120 Inch Length Using 160 Series Coax, RoHS
PE308-24 PASTERNACK-PE308-24 Datasheet
238Kb / 4P
   SMA Male to TNC Male Precision Cable 24 Inch Length Using 160 Series Coax, RoHS
PE308-12 PASTERNACK-PE308-12 Datasheet
238Kb / 4P
   SMA Male to TNC Male Precision Cable 12 Inch Length Using 160 Series Coax, RoHS
PE308-48 PASTERNACK-PE308-48 Datasheet
238Kb / 4P
   SMA Male to TNC Male Precision Cable 48 Inch Length Using 160 Series Coax, RoHS
PE308-36 PASTERNACK-PE308-36 Datasheet
237Kb / 4P
   SMA Male to TNC Male Precision Cable 36 Inch Length Using 160 Series Coax, RoHS
PE308-72 PASTERNACK-PE308-72 Datasheet
335Kb / 4P
   SMA Male to TNC Male Precision Cable 72 Inch Length Using 160 Series Coax, RoHS
PE312-60 PASTERNACK-PE312-60 Datasheet
241Kb / 4P
   SMA Male to QD SMA Male Precision Cable 60 Inch Length Using 160 Series Coax, RoHS
PE304-60 PASTERNACK-PE304-60 Datasheet
240Kb / 4P
   SMA Male to N Male Precision Cable 60 Inch Length Using 160 Series Coax, RoHS
PE308 PASTERNACK-PE308 Datasheet
236Kb / 4P
   SMA Male to TNC Male Precision Cable Using 160 Series Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com