Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0460152006 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0460152006
Description  PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0460152006 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0460152006 Datasheet HTML 1Page - Molex Electronics Ltd. 0460152006 Datasheet HTML 2Page - Molex Electronics Ltd. 0460152006 Datasheet HTML 3Page - Molex Electronics Ltd. 0460152006 Datasheet HTML 4Page - Molex Electronics Ltd. 0460152006 Datasheet HTML 5Page - Molex Electronics Ltd. 0460152006 Datasheet HTML 6Page - Molex Electronics Ltd. 0460152006 Datasheet HTML 7Page - Molex Electronics Ltd. 0460152006 Datasheet HTML 8Page - Molex Electronics Ltd. 0460152006 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PRODUCT SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2011-0141
C1
DATE:
2010 /07/15
TITLE:
PRODUCT SPECIFICATION FOR
MINI-FIT PLUS HCS
CONNECTOR SYSTEM
2 of 13
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
PS-45750-001
BWIRKUS
BWIRKUS
APATEL
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
42404
BMI Style Headers for Panel-Board or Board-Board
BMI Surface Mount Compatible Style Headers
43810
BMI Right Angle Header
BMI SMC Right Angle Header
TPA Right Angle Header
30070
TPA Series Header and Housings for use with Plus HCS Terminals
30067
46010
87427
BMI Receptacle Header
BMI Vertical Header
46011
SMC Vertical Header
Also available in Right Angle
BMI SMC Vertical Header
44068
TPA Plug Housing
30068
30072
TPA Pin
Mounting Ears
43130
TPA Receptacle Housing
CPA Key
30070
Product feature designations:
BMI
Blind Mate Interface – features allowing easier alignment in panel-board and board to
board applications.
SMC
Surface Mount Compatible - reflow solder temperatures up to 245°C.
TPA
Terminal Position Assurance – helps ensure crimp terminals are fully engaged and
prevents terminals from backing out in high vibration applications.
CPA
Connector Position Assurance – assures housing cannot be inadvertently disengaged.


Similar Part No. - 0460152006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0460152002 MOLEX11-0460152002 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152003 MOLEX11-0460152003 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
More results

Similar Description - 0460152006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0460152202 MOLEX11-0460152202 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152403 MOLEX11-0460152403 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152406 MOLEX11-0460152406 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152206 MOLEX11-0460152206 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152003 MOLEX11-0460152003 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152402 MOLEX11-0460152402 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152407 MOLEX11-0460152407 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152002 MOLEX11-0460152002 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
45750-0111 MOLEX-45750-0111 Datasheet
103Kb / 2P
   Mini-Fit Plus HCS??Terminal
0639041400 MOLEX11-0639041400 Datasheet
32Kb / 1P
   FineAdjust Applicator for Mini-Fit Jr., Mini-Fit HCS, and Mini-Fit Plus HCS Crimp Terminals, 16 AWG with Large Insulation Diameters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com