Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0460152403 Datasheet(PDF) 8 Page - Molex Electronics Ltd.

Part # 0460152403
Description  PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0460152403 Datasheet(HTML) 8 Page - Molex Electronics Ltd.

Back Button 0460152403 Datasheet HTML 4Page - Molex Electronics Ltd. 0460152403 Datasheet HTML 5Page - Molex Electronics Ltd. 0460152403 Datasheet HTML 6Page - Molex Electronics Ltd. 0460152403 Datasheet HTML 7Page - Molex Electronics Ltd. 0460152403 Datasheet HTML 8Page - Molex Electronics Ltd. 0460152403 Datasheet HTML 9Page - Molex Electronics Ltd. 0460152403 Datasheet HTML 10Page - Molex Electronics Ltd. 0460152403 Datasheet HTML 11Page - Molex Electronics Ltd. 0460152403 Datasheet HTML 12Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PRODUCT SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2011-0141
C1
DATE:
2010 /07/15
TITLE:
PRODUCT SPECIFICATION FOR
MINI-FIT PLUS HCS
CONNECTOR SYSTEM
8 of 13
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
PS-45750-001
BWIRKUS
BWIRKUS
APATEL
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
6.2 MECHANICAL REQUIREMENTS (CON’D)
ITEM
TEST
TEST PROCEDURE
REQUIREMENT
2
Normal
Force
Apply a perpendicular force simultaneously
to each beam until the desired total
deflection is achieved. Return to original
size, then deflect beams a second time and
measure normal force.
3.5 N (360 g) MINIMUM
3
Durability
Per EIA-364-09C, mate connectors 100
cycles for tin plated product, 250 cycles for
gold plated product at a maximum rate of
500 cycles per minute.
10 m
Max. chg. from Initial;
Visual: No Damage
4
Durability
(preconditioning)
Mate connectors by hand, 20 cycles for tin
plated product, 50 cycles for gold as
required prior to environmental test
sequence as indicated.
Visual: no damage
5
Reseating
Unmate / mate connectors by hand three
cycles.
Visual: no damage
6
Vibration
(Random)
EIA 364-28: Mate connectors and vibrate
per, test condition VII.
10 m
Max. chg. from Initial;
Discontinuity < 1 microsecond
7
Crimp Terminal
Insertion Force
(into housing)
Apply an axial insertion force on the
terminal at a rate of 25 ± 6 mm (1 ± ¼
inches).
15.0 N (3.37 lbf)
MAXIMUM insertion force
8
Crimp Terminal
Retention Force
(in housing)
Axial pullout force on the terminal in the
housing at a rate of 25 ± 6 mm (1 ± ¼ inch)
per minute.
30 N (6.74 lbf)
MINIMUM retention force
9
Wire Crimp
Retention
Apply an axial pullout force on the wire at a
rate of 25 ± 6 mm (1 ± ¼ inches) per
minute.
16 Awg = 68.4 N (15.4 lbf) Min.
18 Awg = 68.4 N (15.4 lbf) Min.
20 Awg = 58.7 N (13.2 lbf) Min.
10
Thumb Latch
Operation Force
Depress latch at a rate of 25 ± 6mm (1 ± ¼
inches) per minute.
16.7 N (3.75 LBF) MAX.
11
Thumb Latch Yield
Strength
Manually mate and unmate unloaded
housings for 30 cycles. Following the 30
th
mate, pull apart housings in an axial
direction at a rate of 25 ± 6mm (1 ± ¼
inches) per minute.
75.2 N (16.9 LBF) MIN.


Similar Part No. - 0460152403

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0460152402 MOLEX11-0460152402 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152406 MOLEX11-0460152406 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152407 MOLEX11-0460152407 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
More results

Similar Description - 0460152403

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0460152202 MOLEX11-0460152202 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152406 MOLEX11-0460152406 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152206 MOLEX11-0460152206 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152003 MOLEX11-0460152003 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152402 MOLEX11-0460152402 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152407 MOLEX11-0460152407 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152002 MOLEX11-0460152002 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
0460152006 MOLEX11-0460152006 Datasheet
772Kb / 13P
   PRODUCT SPECIFICATION FOR Mini-Fit Plus HCS?
45750-0111 MOLEX-45750-0111 Datasheet
103Kb / 2P
   Mini-Fit Plus HCS??Terminal
0639041400 MOLEX11-0639041400 Datasheet
32Kb / 1P
   FineAdjust Applicator for Mini-Fit Jr., Mini-Fit HCS, and Mini-Fit Plus HCS Crimp Terminals, 16 AWG with Large Insulation Diameters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com