Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9575 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9575
Description  HN Tee Adapter Female-Male-Female
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9575 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9575 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9575 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9575 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/hn-female-male-female-tee-adapter-pe9575-p.aspx
HN Tee Adapter Female-Male-Female from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
HN Tee Adapter Female-Male-Female
PE9575
PE9575 REV


Similar Part No. - PE9575

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9570 PASTERNACK-PE9570 Datasheet
253Kb / 2P
   N Male to SC Male Adapter
PE9571 PASTERNACK-PE9571 Datasheet
74Kb / 1P
   SC FEMALE TO BNC FEMALE
PE9572 PASTERNACK-PE9572 Datasheet
253Kb / 2P
   SC Male to SC Female Adapter
PE9573 PASTERNACK-PE9573 Datasheet
244Kb / 2P
   SC Female to SC Female Bulkhead Adapter
PE9574 PASTERNACK-PE9574 Datasheet
242Kb / 2P
   HN Tee Adapter Female-Female-Female
More results

Similar Description - PE9575

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9578 PASTERNACK-PE9578 Datasheet
251Kb / 3P
   HN Tee Adapter Male-Female-Male
PE9574 PASTERNACK-PE9574 Datasheet
242Kb / 2P
   HN Tee Adapter Female-Female-Female
PE9576 PASTERNACK-PE9576 Datasheet
241Kb / 2P
   HN Male to HN Female Adapter
PE9484 PASTERNACK-PE9484 Datasheet
253Kb / 3P
   BNC Tee Adapter Male-Female-Female
PE9174 PASTERNACK-PE9174 Datasheet
248Kb / 3P
   BNC Tee Adapter Male-Female-Female
PE9001 PASTERNACK-PE9001 Datasheet
246Kb / 3P
   BNC Tee Adapter Female-Male-Female
PE9481 PASTERNACK-PE9481 Datasheet
242Kb / 2P
   N Tee Adapter Male-Female-Female
PE9290 PASTERNACK-PE9290 Datasheet
248Kb / 3P
   TNC Tee Adapter Male-Female-Female
PE9182 PASTERNACK-PE9182 Datasheet
251Kb / 3P
   SMA Tee Adapter Female-Male-Female
PE9102 PASTERNACK-PE9102 Datasheet
252Kb / 3P
   N Tee Adapter Female-Male-Female
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com