Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EWM-W148H01E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EWM-W148H01E
Description  802.11 a/b/g/n Bluetooth 4.0 Half-size Mini PCIe Card
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EWM-W148H01E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EWM-W148H01E Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Embedded Wireless Modules
Features
Specifications
Main Chipset
Intel 6235, Jackson Peak 2
Tx/Rx
2Tx / 2Rx MIMO
Standard Conformance
802.11 a/b/g/n with Bluetooth 4.0
Form Factor
Half-size Mini PCIe card
Interface
PCI Express mini-card rev. 1.2
Operation Voltage
DC 3.3V ±5%
Power Consumption
Max WiFi: 1920 mW
Security
WEP (64-bit, and 128-bit), WPA2 and AES-CCMP
O.S Supported
Windows XP/7 (32 and 64 bit)
Temperature Ranges
Operation: 0 to +80° C
Dimensions (L x W x H)
26.80 x 30.00 x 3.75 mm
EWM-W148H
NEW
ƒ IEEE 802.11 a/b/g/n dual-band (2.4 and 5 GHz) with Bluetooth 4.0 standard
ƒ 2Tx / 2Rx MIMO, Up to 300 Mbps data rate
ƒ Operating temperature: 0 to +80° C
ƒ Support for Cisco Compatible Extensions (CCX) v4
ƒ Support Intel® AMT 8.0
802.11 a/b/g/n + Bluetooth 4.0
Half-size Mini PCIe Card
Ordering Information
Part No.
Product Description
EWM-W148H01E
802.11 a/b/g/n + Bluetooth 4.0, Intel 6235, Half-size
Mini PCIe Card
Suggestion Antenna and Cable
Part No.
Specifications
1750002842
WiFi Dual band-2.4 and 5G Antenna
1750006043
WiFi Coaxial Cable, 150 mm
1750006010
WiFi Coaxial Cable, 200 mm
1750005885
WiFi Coaxial Cable, 230 mm
All product specifications are subject to change without notice
Last updated : 12-Jul-2012


Similar Part No. - EWM-W148H01E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EWM-W141H ADVANTECH-EWM-W141H Datasheet
736Kb / 1P
   802.11 b/g/n Bluetooth 3.0 Half-size Mini PCIe Card
EWM-W141H01E ADVANTECH-EWM-W141H01E Datasheet
736Kb / 1P
   802.11 b/g/n Bluetooth 3.0 Half-size Mini PCIe Card
EWM-W142 ADVANTECH-EWM-W142 Datasheet
822Kb / 1P
   802.11 b/g/n Mini PCIe Card
EWM-W142 ADVANTECH-EWM-W142 Datasheet
455Kb / 1P
   802.11 b/g/n Mini PCIe Card
EWM-W142F01E ADVANTECH-EWM-W142F01E Datasheet
550Kb / 2P
   Development Board for Qseven v1.2 RISC Module
4-Mar-2016
More results

Similar Description - EWM-W148H01E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMO-WIFI05E ADVANTECH-AMO-WIFI05E Datasheet
356Kb / 1P
   802.11 a/b/g/n Bluetooth 4.0 Half-size Mini PCIe Card
EWM-W157H ADVANTECH-EWM-W157H Datasheet
576Kb / 1P
   802.11 a/b/g/n/ac Bluetooth 4.0 Half-size Mini PCIe Card
EWM-W141H ADVANTECH-EWM-W141H Datasheet
736Kb / 1P
   802.11 b/g/n Bluetooth 3.0 Half-size Mini PCIe Card
EWM-W190H01E ADVANTECH-EWM-W190H01E Datasheet
439Kb / 1P
   802.11 ac/a/b/g/n Bluetooth 4.2 Half-size Mini PCIe Card
23-Oct-2018
EWM-W189H01E ADVANTECH-EWM-W189H01E Datasheet
639Kb / 1P
   802.11 ac/a/b/g/n Bluetooth 4.2 Half-size Mini PCIe Card
23-Oct-2018
EWM-W138H ADVANTECH-EWM-W138H Datasheet
697Kb / 1P
   802.11 a/b/g/n Half-size Mini PCIe Card
EWM-W137H ADVANTECH-EWM-W137H Datasheet
736Kb / 1P
   802.11 a/b/g/n Half-size Mini PCIe Card
EWM-W158F ADVANTECH-EWM-W158F Datasheet
281Kb / 1P
   802.11 a/b/g/n Full-size Mini PCIe Card
EWM-W135 ADVANTECH-EWM-W135_17 Datasheet
489Kb / 1P
   802.11 a/b/g/n Mini PCIe Card
EWM-W143H ADVANTECH-EWM-W143H Datasheet
719Kb / 1P
   802.11a/b/g/n Bluetooth 3.0 Half-size Mini PCIe Card
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com