Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3675 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3675
Description  8-Channel Programmable, Parallelable 1A Buck DC/DCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3675 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3675 Datasheet HTML 5Page - Linear Technology LTC3675 Datasheet HTML 6Page - Linear Technology LTC3675 Datasheet HTML 7Page - Linear Technology LTC3675 Datasheet HTML 8Page - Linear Technology LTC3675 Datasheet HTML 9Page - Linear Technology LTC3675 Datasheet HTML 10Page - Linear Technology LTC3675 Datasheet HTML 11Page - Linear Technology LTC3675 Datasheet HTML 12Page - Linear Technology LTC3675 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LTC3375
9
3375fa
For more information www.linear.com/3375
Typical perForMance characTerisTics
2A Buck Efficiency vs ILOAD
2A Buck Efficiency vs ILOAD
3A Buck Efficiency vs ILOAD
3A Buck Efficiency vs ILOAD
4A Buck Efficiency vs ILOAD
1A Buck Efficiency vs ILOAD
1A Buck Efficiency vs ILOAD
Burst Mode OPERATION
LOAD CURRENT(mA)
1
50
80
1000
3375 G21
30
20
10
0
100
10
100
40
60
70
90
VOUT = 1.8V
fOSC = 2MHz
L = 2.2µH
VIN = 3.3V
VIN = 5.5V
VIN = 2.25V
VIN = 5.5V
VIN = 3.3V
VIN = 2.25V
FORCED CONTINUOUS MODE
Burst Mode
OPERATION
LOAD CURRENT(mA)
1
50
80
1000
3375 G22
30
20
10
0
100
10
100
40
60
70
90
VOUT = 2.5V
fOSC = 2MHz
L = 2.2µH
VIN = 3.3V
VIN = 5.5V
VIN = 2.7V
VIN = 5.5V
VIN = 3.3V
VIN = 2.7V
FORCED CONTINUOUS MODE
Burst Mode
OPERATION
LOAD CURRENT(mA)
1
50
80
1000
3375 G23
30
20
10
0
100
10
100
40
60
70
90
VOUT = 1.8V
fOSC = 2MHz
L = 2.2µH
VIN = 3.3V
VIN = 5.5V
VIN = 2.25V
VIN = 5.5V
VIN = 3.3V
VIN = 2.25V
FORCED CONTINUOUS MODE
Burst Mode
OPERATION
VOUT = 1.8V
fOSC = 2MHz
L = 2.2µH
VIN = 3.3V
VIN = 5.5V
VIN = 2.25V
VIN = 5.5V
VIN = 3.3V
VIN = 2.25V
FORCED CONTINUOUS MODE
LOAD CURRENT(mA)
1
50
80
1000
3375 G25
30
20
10
0
100
10
100
40
60
70
90
FORCED CONTINUOUS MODE
Burst Mode
OPERATION
LOAD CURRENT(mA)
1
50
80
1000
3375 G24
30
20
10
0
100
10
100
40
60
70
90
VOUT = 2.5V
fOSC = 2MHz
L = 2.2µH
VIN = 3.3V
VIN = 5.5V
VIN = 2.7V
VIN = 5.5V
VIN = 3.3V
VIN = 2.7V
VOUT = 2.5V
fOSC = 2MHz
L = 2.2µH
FORCED CONTINUOUS MODE
Burst Mode
OPERATION
LOAD CURRENT(mA)
1
50
80
1000
3375 G26
30
20
10
0
100
10
100
40
60
70
90
VIN = 3.3V
VIN = 5.5V
VIN = 2.7V
VIN = 5.5V
VIN = 3.3V
VIN = 2.7V
VIN = 3.3V
VIN = 5.5V
VIN = 2.25V
VIN = 5.5V
VIN = 3.3V
VIN = 2.25V
VOUT = 1.8V
fOSC = 2MHz
L = 2.2µH
FORCED CONTINUOUS MODE
Burst Mode
OPERATION
LOAD CURRENT(mA)
1
50
80
1000
3375 G27
30
20
10
0
100
10
100
40
60
70
90
VCC vs Temperature
VSHNT Clamp Voltage
vs Temperature
TEMPERATURE (°C)
–50
3.20
3.22
3.26
3.28
3.30
3.40
3.34
0
50
75
3375 G19
3.24
3.36
3.38
3.32
–25
25
100 125 150
FOR VCC FEEDBACK DIVIDER
RTOP = 187k
RBOT = 107k
TEMPERATURE (°C)
–50
6.18
6.12
6.14
6.16
150
3375 G20
6.02
6.04
6.06
6.00
125
100
75
50
25
0
–25
6.20
6.08
6.10


Similar Part No. - LTC3675

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3675 LINER-LTC3675 Datasheet
419Kb / 36P
   7-Channel Confi gurable High Power PMIC
LTC3675 LINER-LTC3675 Datasheet
427Kb / 38P
   7-Channel Confi gurable High Power PMIC
LTC3675 LINER-LTC3675 Datasheet
5Mb / 44P
   60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
LTC3675-1 LINER-LTC3675-1_15 Datasheet
585Kb / 38P
   7-Channel Configurable High Power PMIC
LTC3675EUFFPBF LINER-LTC3675EUFFPBF Datasheet
419Kb / 36P
   7-Channel Confi gurable High Power PMIC
More results

Similar Description - LTC3675

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3375 LINER-LTC3375_15 Datasheet
510Kb / 36P
   8-Channel Programmable, Parallelable 1A Buck DC/DCs
LTC3375EUK LINER-LTC3375EUK Datasheet
748Kb / 14P
   8-Channel Programmable, Parallelable, 1A Buck DC/DCs
LTC3374 LINER-LTC3374_15 Datasheet
379Kb / 26P
   8-Channel Parallelable 1A Buck DC/DCs
LTC3374 LINER-LTC3374 Datasheet
345Kb / 24P
   8-Channel Parallelable 1A Buck DC/DCs
LTC3374A LINER-LTC3374A Datasheet
1Mb / 24P
   High Accuracy 8-Channel Parallelable 1A Buck DC/DCs
LTC3374EUHF LINER-LTC3374EUHF Datasheet
1Mb / 10P
   8-Channel Parallelable 1A Buck DC/DC
LTC3370EUH LINER-LTC3370EUH Datasheet
933Kb / 10P
   4-Channel 8A Configurable Buck DC/DCs
LTC3370 LINER-LTC3370_15 Datasheet
974Kb / 24P
   4-Channel 8A Configurable Buck DC/DCs
LTC3370 LINER-LTC3370 Datasheet
796Kb / 24P
   4-Channel 8A Configurable Buck DC/DCs
LTC3127 LINER-LTC3127_15 Datasheet
376Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com