Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1877 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1877
Description  17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1877 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1877 Datasheet HTML 7Page - Linear Technology LTC1877 Datasheet HTML 8Page - Linear Technology LTC1877 Datasheet HTML 9Page - Linear Technology LTC1877 Datasheet HTML 10Page - Linear Technology LTC1877 Datasheet HTML 11Page - Linear Technology LTC1877 Datasheet HTML 12Page - Linear Technology LTC1877 Datasheet HTML 13Page - Linear Technology LTC1877 Datasheet HTML 14Page - Linear Technology LTC1877 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC3621/LTC3621-2
11
3621f
For more information www.linear.com/LTC3621
applicaTions inForMaTion
produce the most improvement. Percent efficiency can
be expressed as:
% Efficiency = 100% – (L1 + L2 + L3 +…)
where L1, L2, etc. are the individual losses as a percent-
age of input power. Although all dissipative elements in
the circuit produce losses, three main sources usually
account for most of the losses in LTC3621 circuits: 1) I2R
losses, 2) switching and biasing losses, 3) other losses.
1. I2R losses are calculated from the DC resistances of
the internal switches, RSW, and external inductor, RL.
In continuous mode, the average output current flows
through inductor L but is “chopped” between the
internal top and bottom power MOSFETs. Thus, the
series resistance looking into the SW pin is a function
of both top and bottom MOSFET RDS(ON) and the duty
cycle (DC) as follows:
RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 – DC)
TheRDS(ON)forboththetopandbottomMOSFETscanbe
obtained from the Typical Performance Characteristics
curves. Thus to obtain I2R losses:
I2R losses = IOUT2(RSW + RL)
Table 1. Inductor Selection Table
INDUCTOR
INDUCTANCE
(µH)
DCR
(mΩ)
MAX CURRENT
(A)
DIMENSIONS
(mm)
HEIGHT
(mm)
MANUFACTURER
IHLP-1616BZ-11 Series
1.0
2.2
4.7
24
61
95
4.5
3.25
1.7
4.3 × 4.7
4.3 × 4.7
4.3 × 4.7
2
2
2
Vishay
www.vishay.com
IHLP-2020BZ-01 Series
1
2.2
3.3
4.7
5.6
6.8
18.9
45.6
79.2
108
113
139
7
4.2
3.3
2.8
2.5
2.4
5.4 × 5.7
5.4 × 5.7
5.4 × 5.7
5.4 × 5.7
5.4 × 5.7
5.4 × 5.7
2
2
2
2
2
2
FDV0620 Series
1
2.2
3.3
4.7
18
37
51
68
5.7
4
3.2
2.8
6.7 × 7.4
6.7 × 7.4
6.7 × 7.4
6.7 × 7.4
2
2
2
2
Toko
www.toko.com
MPLC0525L Series
1
1.5
2.2
16
24
40
6.4
5.2
4.1
6.2 × 5.4
6.2 × 5.4
6.2 × 5.4
2.5
2.5
2.5
NEC/Tokin
www.nec-tokin.com
HCP0703 Series
1
1.5
2.2
3.3
4.7
6.8
8.2
9
14
18
28
37
54
64
11
9
8
6
5.5
4.5
4
7 × 7.3
7 × 7.3
7 × 7.3
7 × 7.3
7 × 7.3
7 × 7.3
7 × 7.3
3
3
3
3
3
3
3
Cooper Bussmann
www.cooperbussmann.com
RLF7030 Series
1
1.5
2.2
3.3
4.7
6.8
8.8
9.6
12
20
31
45
6.4
6.1
5.4
4.1
3.4
2.8
6.9 × 7.3
6.9 × 7.3
6.9 × 7.3
6.9 × 7.3
6.9 × 7.3
6.9 × 7.3
3.2
3.2
3.2
3.2
3.2
3.2
TDK
www.tdk.com
WE-TPC 4828 Series
1.2
1.8
2.2
2.7
3.3
3.9
4.7
17
20
23
27
30
47
52
3.1
2.7
2.5
2.35
2.15
1.72
1.55
4.8 × 4.8
4.8 × 4.8
4.8 × 4.8
4.8 × 4.8
4.8 × 4.8
4.8 × 4.8
4.8 × 4.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
Würth Elektronik
www.we-online.com


Similar Part No. - LTC1877

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1877 LINER-LTC1877 Datasheet
225Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Regulator
LTC1877 LINER-LTC1877 Datasheet
229Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
LTC1877 LINER-LTC1877 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC1877 LINER-LTC1877 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC1877EMS8 LINER-LTC1877EMS8 Datasheet
225Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Regulator
More results

Similar Description - LTC1877

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3624 LINER-LTC3624 Datasheet
324Kb / 20P
   17V, 2A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LTC3621 LINER-LTC3621_15 Datasheet
289Kb / 18P
   17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3621-2 LINER-LTC3621-2_15 Datasheet
289Kb / 18P
   17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3622 LINER-LTC3622_15 Datasheet
593Kb / 24P
   17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3622-23 LINER-LTC3622-23_15 Datasheet
593Kb / 24P
   17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3622 LINER-LTC3622 Datasheet
1Mb / 24P
   17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3622-2 LINER-LTC3622-2_15 Datasheet
593Kb / 24P
   17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3624 LINER-LTC3624_15 Datasheet
369Kb / 20P
   17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3624-2 LINER-LTC3624-2_15 Datasheet
369Kb / 20P
   17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC7124 LINER-LTC7124 Datasheet
1Mb / 22P
   17V, Dual 3.5A Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com