Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3957 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3957
Description  Wide Input Voltage Range Boost/SEPIC/Inverting Converter with 6A, 40V Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3957 Datasheet(HTML) 2 Page - Linear Technology

  LT3957 Datasheet HTML 1Page - Linear Technology LT3957 Datasheet HTML 2Page - Linear Technology LT3957 Datasheet HTML 3Page - Linear Technology LT3957 Datasheet HTML 4Page - Linear Technology LT3957 Datasheet HTML 5Page - Linear Technology LT3957 Datasheet HTML 6Page - Linear Technology LT3957 Datasheet HTML 7Page - Linear Technology LT3957 Datasheet HTML 8Page - Linear Technology LT3957 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3959
2
3959f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN ............................................................................40V
EN/UVLO (Note 2).....................................................40V
DRIVE .......................................................................40V
PGOOD......................................................................40V
SW ............................................................................40V
INTVCC........................................................................8V
SYNC ..........................................................................8V
VC, SS .........................................................................3V
RT ............................................................................1.5V
GND, GNDK to SGND .............................................±0.3V
FBX ................................................................. –3V to 3V
Operating Junction Temperature Range (Note 3)
LT3959E/LT3959I .............................. –40°C to 125°C
Storage Temperature Range .................. –65°C to 125°C
(Note 1)
12 13 14
TOP VIEW
UHEMA PACKAGE
36-LEAD (5mm
× 6mm) PLASTIC QFN
15 16 17
36 35 34 33 32 31 30
21
23
24
25
27
28
8
6
4
3
2
1
NC
NC
NC
SGND
NC
SW
SW
NC
DRIVE
VIN
EN/UVLO
SGND
NC
SW
SW
20
9
10
SGND
37
SW
38
TJMAX =125°C, θJA = 42°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 37) IS SGND, MUST BE SOLDERED TO SGND PLANE
EXPOSED PAD (PIN 38) IS SW, MUST BE SOLDERED TO SW PLANE
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3959EUHE#PBF
LT3959EUHE#TRPBF
3959
36-Lead (5mm × 6mm) Plastic QFN
–40°C to 125°C
LT3959IUHE#PBF
LT3959IUHE#TRPBF
3959
36-Lead (5mm × 6mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping
container. Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LT3957

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957 LINER-LT3957 Datasheet
277Kb / 26P
   Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
LT3957 LINER-LT3957 Datasheet
514Kb / 32P
   Wide Input Voltage Range
LT3957 LINER-LT3957 Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LT3957 LINER-LT3957 Datasheet
257Kb / 20P
   Isolated No Opto-Coupler Flyback Controller
More results

Similar Description - LT3957

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3959 LINER-LT3959_15 Datasheet
338Kb / 26P
   Wide Input Voltage Range Boost/SEPIC/Inverting Converter with 6A, 40V Switch
LT3759IMSE LINER-LT3759IMSE Datasheet
445Kb / 32P
   Wide Input Voltage Range Boost/SEPIC/Inverting Controller
LT3759 LINER-LT3759_15 Datasheet
445Kb / 32P
   Wide Input Voltage Range Boost/SEPIC/Inverting Controller
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957 LINER-LT3957_15 Datasheet
369Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A_15 Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
logo
Analog Devices
LT8334 AD-LT8334 Datasheet
1Mb / 24P
   Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
logo
Linear Technology
LT3958 LINER-LT3958 Datasheet
325Kb / 28P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Converter
LT3958 LINER-LT3958_15 Datasheet
330Kb / 28P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com