Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MW172KB1203F01 Datasheet(PDF) 2 Page - SL Power Electronics

Part # MW172KB1203F01
Description  Medical Switch-Mode Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MW172KB1203F01 Datasheet(HTML) 2 Page - SL Power Electronics

  MW172KB1203F01 Datasheet HTML 1Page - SL Power Electronics MW172KB1203F01 Datasheet HTML 2Page - SL Power Electronics MW172KB1203F01 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
______________________________________________________________________________________________________________________________
SL Power Electronics Corp 6050 King Drive Ventura, CA 93003 Phone 805.486.4565 • Fax 858.712.2040 Email: info@slpower.com www.slpower.com
WALL-PLUG OPTIONS
IEC320
IEC320
IEC320
N. America
N. America
Europe
United
Australia
C14
C18
C8
Japan
Japan
Kingdom
Grounded
Ungrounded
"Shaver"
Interchangeable
Fixed
Fixed
Fixed
Fixed
(F)
(Q)
(N)
(B)
(C)
(M)
(G)
(E)
Notes:
3. Blade Kit is available which will include one each of a EU, UK, and Aust blade. Kit part number is KT1027K . Can
be used with (B) version only, to allow blades to be interchanged.
Input Receptacle Options
1. For Desktop options, choose the applicable letter above.
2. For Wall-plug options, c hoose the applicable letter above. The model will then be fitted only with the receptacle
chosen. The North American blade version (B) will be an interchangeable blade. The other options (C), (M), (G), and
(E), will be fixed blades molded in the case.
DESKTOP OPTIONS
Product Family
K
Manufacturing Location
B
Design Revision Changes
05
Output Voltage: 05=5V, 06=6V, 09=9V, 12=12V, 15=15V, 18=18V, 24=24V, 48=48V.
03
Output C onnector. "03" connector is standard. See below. Other output connectors
available. Contact the factory for more details
Model Number Key
F
Input Receptacle. See Below for options. "F" receptacle (IEC320, C14 ty pe,
grounded) is standard.
01
Modification Designator. "01" is standared part, "02" and higher denotes a modified
model.
MW172
OUTPUT PARAMETERS
Model Number
Volts (V)
Output Current (max)
Max Watts
Ripple (Vp-p max)
MW172KB0503F01
5 V
3.00 A
15.0 W
50mV
MW172KB0603F01
6 V
2.50 A
15.0 W
60mV
MW172KB0903F01
9 V
2.00 A
18.0 W
90mV
MW172KB1203F01
12 V
1.50 A
18.0 W
120mV
MW172KB1503F01
15 V
1.20 A
18.0 W
150mV
MW172KB1803F01
18 V
1.00 A
18.0 W
180mV
MW172KB2403F01
24 V
0.75 A
18.0 W
240mV
Note: Part numbers above include #3 output connector and IEC320 C14 grounded input receptacle. See below for other options.
MW172KB
Universal 15-18 Watt Series
Medical Switch Mode Power Supply
3 Year Warranty


Similar Part No. - MW172KB1203F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MW170KB SLPOWER-MW170KB Datasheet
153Kb / 3P
   Medical Switch-Mode Power Supply
MW170KB0503F01 SLPOWER-MW170KB0503F01 Datasheet
153Kb / 3P
   Medical Switch-Mode Power Supply
MW170KB0603F01 SLPOWER-MW170KB0603F01 Datasheet
153Kb / 3P
   Medical Switch-Mode Power Supply
MW170KB0903F01 SLPOWER-MW170KB0903F01 Datasheet
153Kb / 3P
   Medical Switch-Mode Power Supply
MW170KB1203F01 SLPOWER-MW170KB1203F01 Datasheet
153Kb / 3P
   Medical Switch-Mode Power Supply
More results

Similar Description - MW172KB1203F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MENB1121 SLPOWER-MENB1121_13 Datasheet
180Kb / 2P
   Medical Switch-Mode Power Supply
MW173KB SLPOWER-MW173KB Datasheet
129Kb / 3P
   Medical Switch-Mode Power Supply
MW174KB SLPOWER-MW174KB Datasheet
361Kb / 2P
   Medical / Switch Mode Power Supply
MW152 SLPOWER-MW152 Datasheet
350Kb / 2P
   Medical / Switch Mode Power Supply
MENB1010 SLPOWER-MENB1010 Datasheet
147Kb / 2P
   Medical Switch-Mode Power Supply
MENB1050 SLPOWER-MENB1050 Datasheet
261Kb / 2P
   Medical Switch-Mode Power Supply
MENB1020 SLPOWER-MENB1020 Datasheet
398Kb / 2P
   Medical Switch-Mode Power Supply
MW170KB SLPOWER-MW170KB Datasheet
153Kb / 3P
   Medical Switch-Mode Power Supply
MENB1040 SLPOWER-MENB1040 Datasheet
212Kb / 2P
   Medical Switch-Mode Power Supply
MENB1060 SLPOWER-MENB1060 Datasheet
235Kb / 2P
   Medical Switch-Mode Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com