Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPC-7442 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # HPC-7442
Description  4U Rackmount/Tower Chassis for EATX/ATX Motherboard with Up to 8 SAS/SATA HDD Trays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

HPC-7442 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  HPC-7442 Datasheet HTML 1Page - Advantech Co., Ltd. HPC-7442 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm [inch]
HPC-7442
Ordering Information
Part Number
Power Supply
HPC-7442MB-00XE
Without power supply, with ATX switch
Power Supply Options
Part Number
Specifications
Watts
Input
PS8-400ATX-ZE (ATX, PFC)
400 W
AC 100 ~ 240 V (full range)
1757004335-01 (ATX, PFC)
500 W
AC 100 ~ 240 V (full range)
1757004336-01 (ATX, PFC)
700 W
AC 100 ~ 240 V (full range)
1757004393-01 (1+1 redundant)
500 W
AC 100 ~ 240 V (full range)
1757004348-01 (1+1 redundant)
700 W
AC 100 ~ 240 V (full range)
Optional Accessories
Part Number
Description
9680014979
Storage Upgrade Kit (including 4-bay HDD cage, four mobile
HDD trays, 4-bay HDD backplanes, one cooling fan)
9662132000E
Black mobile HDD tray
1990021256T000
Door filter
1700011772
SATA power wire 6-pin to big 4-pin (for slim ODD)
4 Bay (Default)
8 Bay
(After adding optional
storage upgrade kit)
101.6 [4.00]
600.6 [23.65]
92.0
[3.62]
86.4
[3.4]
92.0
[3.62]
92.0
[3.62]
92.0
[3.62]
92.0
[3.62]
98.0
[3.86]
177.0 [6.97]


Similar Part No. - HPC-7442

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
HPC-7442MB-00XE ADVANTECH-HPC-7442MB-00XE Datasheet
1Mb / 2P
   4U Rackmount/Tower Chassis for EATX/ ATX Motherboard with Up to 8 SAS/SATA HDD Trays
HPC-7442 ADVANTECH-HPC-7442_15 Datasheet
1Mb / 2P
   4U Rackmount/Tower Chassis for EATX/ ATX Motherboard with Up to 8 SAS/SATA HDD Trays
More results

Similar Description - HPC-7442

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
HPC-7442 ADVANTECH-HPC-7442_15 Datasheet
1Mb / 2P
   4U Rackmount/Tower Chassis for EATX/ ATX Motherboard with Up to 8 SAS/SATA HDD Trays
HPC-7242 ADVANTECH-HPC-7242 Datasheet
1Mb / 2P
   2U Rackmount Chassis for ATX Motherboard with 4 SAS/SATA HDD Trays
HPC-7483 ADVANTECH-HPC-7483 Datasheet
991Kb / 2P
   4U Rackmount / Tower Chassis for EATX/ATX/MicroATX Motherboard
HPC-7484 ADVANTECH-HPC-7484 Datasheet
1Mb / 2P
   4U Rackmount / Tower Chassis for EATX/ATX/MicroATX Motherboard with 8 Hot Swap Drive Trays
6-Aug-2021
HPC-7400MB-70A1E ADVANTECH-HPC-7400MB-70A1E Datasheet
1Mb / 2P
   4U Compact Rackmount / Tower Chassis for EATX/ATX/MircoATX Motherboard
HPC-7400 ADVANTECH-HPC-7400_V01 Datasheet
1Mb / 2P
   4U Compact Rackmount / Tower Chassis for EATX/ATX/MicroATX Motherboard
27-Jun-2018
HPC-7242 ADVANTECH-HPC-7242_15 Datasheet
1,021Kb / 2P
   2U Rackmount Chassis for ATX Motherboard with 4 Hot-Swap SAS/SATA HDD Trays and RPS
HPC-7242 ADVANTECH-HPC-7242_V01 Datasheet
1Mb / 2P
   2U Rackmount Chassis for ATX Motherboard with 4 Hot-Swap SAS/SATA HDD Trays and RPS
8-Mar-2018
ACP-4320 ADVANTECH-ACP-4320_15 Datasheet
1Mb / 2P
   Quiet 4U Rackmount Chassis with Dual Hot-Swap SAS/SATA HDD Trays
IPC-7130 ADVANTECH-IPC-7130 Datasheet
2Mb / 2P
   Desktop/Wallmount Chassis with Dual SAS/SATA HDD Trays for ATX/MicroATX Motherboard
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com