Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0638232570 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 0638232570
Description  Application Tooling Specification Sheet
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0638232570 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0638232570 Datasheet HTML 1Page - Molex Electronics Ltd. 0638232570 Datasheet HTML 2Page - Molex Electronics Ltd. 0638232570 Datasheet HTML 3Page - Molex Electronics Ltd. 0638232570 Datasheet HTML 4Page - Molex Electronics Ltd. 0638232570 Datasheet HTML 5Page - Molex Electronics Ltd. 0638232570 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Hand Crimp Tool for Sabre Female Flat Blade Crimp Terminals
Doc No: ATS-6382325HM
Release Date: 08-24-10
UNCONTROLLED COPY
Page 5 of 6
Revision: B
Revision Date: 10-13-10
MODULAR
CRIMP
HEAD
BATTERY
POWER
CRIMP
ADAPTER
LOCKING
PINS
LOCKING PINS
BATTERY
POWERED
TOOL
AIR
POWER
TOOL
MODULAR
CRIMP HEAD
LOCKING
PINS
LOCKING
PINS
AIR POWER
CRIMP
ADAPTER
Applications for the Modular Crimp Head
WARNING: NEVER operate, service, install, or adjust this Modular Crimp Head without proper instruction
and without first reading and understanding the instructions in the proper Manual or Specification Sheet.
See Chart below for the correct Manual or Specification Sheet.
WARNING: NEVER install tooling or service this tool while it is into any power source. Disconnect the
power by unplugging or turn off the Actuator from its power source.
CAUTION: Keep fingers away from the crimping area when operating this tool. It may cause severe injury.
CAUTION: Wear safety glasses when operating or serving this tool.
The chart below shows all applications for this Modular Crimp Head.
Modular Crimp Head
Order No.
Tool
Order no.
Tool
Description
Adapter
Order No.
Adapter
Description
Figure
No.
63823-2570
63816-0000
Hand Crimp Frame (Short)
N/A
N/A
3
63816-0050
Hand Crimp Frame (Long)
N/A
N/A
3
63816-0200 Battery Power Tool (110 V) 63816-0600 Battery Power Crimp Adapter
4
63816-0250 Battery Power Tool (220 V) 63816-0600 Battery Power Crimp Adapter
4
63816-0100
Air Power Tool
63816-0700
Air Power Crimp Adapter
5
Applications for the Modular Crimp Head
Hand Crimp Tool
Battery Powered Tool
Air Powered Tool
Figure 3
Figure 4
Figure 5
MODULAR
CRIMP
HEAD
LOCKING
PINS
HAND CRIMP
FRAME LONG
OR SHORT


Similar Part No. - 0638232570

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638232500 MOLEX11-0638232500 Datasheet
392Kb / 6P
   Application Tooling Specification Sheet
More results

Similar Description - 0638232570

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638232500 MOLEX11-0638232500 Datasheet
392Kb / 6P
   Application Tooling Specification Sheet
0638235575 MOLEX11-0638235575 Datasheet
656Kb / 9P
   Application Tooling Specification Sheet
0638238075 MOLEX11-0638238075 Datasheet
467Kb / 6P
   Application Tooling Specification Sheet
0638239875 MOLEX11-0638239875 Datasheet
583Kb / 7P
   Application Tooling Specification Sheet
0638132400 MOLEX11-0638132400 Datasheet
285Kb / 2P
   Application Tooling Specification Sheet
0638232770 MOLEX11-0638232770 Datasheet
392Kb / 6P
   Application Tooling Specification Sheet
0638235175 MOLEX11-0638235175 Datasheet
548Kb / 7P
   Application Tooling Specification Sheet
0638238375 MOLEX11-0638238375 Datasheet
363Kb / 6P
   Application Tooling Specification Sheet
0638239975 MOLEX11-0638239975 Datasheet
702Kb / 7P
   Application Tooling Specification Sheet
0638240100 MOLEX11-0638240100 Datasheet
411Kb / 2P
   Application Tooling Specification Sheet
0638113770 MOLEX11-0638113770 Datasheet
189Kb / 4P
   Application Tooling Specification Sheet
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com